データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74LVX16373 データシート(PDF) 6 Page - STMicroelectronics

部品番号 74LVX16373
部品情報  LOW VOLTAGE CMOS 16-BIT D-TYPE LATCH (3-STATE) WITH 5V TOLERANT INPUTS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74LVX16373 データシート(HTML) 6 Page - STMicroelectronics

Back Button 74LVX16373 Datasheet HTML 2Page - STMicroelectronics 74LVX16373 Datasheet HTML 3Page - STMicroelectronics 74LVX16373 Datasheet HTML 4Page - STMicroelectronics 74LVX16373 Datasheet HTML 5Page - STMicroelectronics 74LVX16373 Datasheet HTML 6Page - STMicroelectronics 74LVX16373 Datasheet HTML 7Page - STMicroelectronics 74LVX16373 Datasheet HTML 8Page - STMicroelectronics 74LVX16373 Datasheet HTML 9Page - STMicroelectronics 74LVX16373 Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
74LVX16373
6/10
TEST CIRCUIT
CL = 15/50 pF or equivalent (includes jig and probe capacitance)
RL =R1 = 1KΩ or equivalent
RT =ZOUT of pulse generator (typically 50Ω)
WAVEFORM 1 : LE TO Qn PROPAGATION DELAYS, LE MINIMUM PULSE WIDTH, Dn TO LE SETUP
AND HOLD TIMES (f=1MHz; 50% duty cycle)
TEST
SWITCH
tPLH,tPHL
Open
tPZL,tPLZ
VCC
tPZH,tPHZ
GND


同様の部品番号 - 74LVX16373

メーカー部品番号データシート部品情報
logo
STMicroelectronics
74LVX16374 STMICROELECTRONICS-74LVX16374 Datasheet
275Kb / 10P
   LOW VOLTAGE CMOS 16-BIT D-TYPE FLIP FLOP (3-STATE) WITH 5V TOLERANT INPUTS
74LVX16374TTR STMICROELECTRONICS-74LVX16374TTR Datasheet
275Kb / 10P
   LOW VOLTAGE CMOS 16-BIT D-TYPE FLIP FLOP (3-STATE) WITH 5V TOLERANT INPUTS
More results

同様の説明 - 74LVX16373

メーカー部品番号データシート部品情報
logo
STMicroelectronics
74LCX16373 STMICROELECTRONICS-74LCX16373 Datasheet
76Kb / 9P
   LOW VOLTAGE CMOS 16-BIT D-TYPE LATCH(3-STATE)WITH 5V TOLERANT INPUTS AND OUTPUTS
74LCX16373 STMICROELECTRONICS-74LCX16373_03 Datasheet
282Kb / 10P
   LOW VOLTAGE CMOS 16-BIT D-TYPE LATCH (3-STATE) WITH 5V TOLERANT INPUTS AND OUTPUTS
74LVX16374 STMICROELECTRONICS-74LVX16374 Datasheet
275Kb / 10P
   LOW VOLTAGE CMOS 16-BIT D-TYPE FLIP FLOP (3-STATE) WITH 5V TOLERANT INPUTS
74LVX373 STMICROELECTRONICS-74LVX373 Datasheet
77Kb / 10P
   LOW VOLTAGE CMOS OCTAL D-TYPE LATCH (3-STATE NON INV.) WITH 5V TOLERANT INPUTS
74LVX573 STMICROELECTRONICS-74LVX573 Datasheet
210Kb / 10P
   LOW VOLTAGE CMOS OCTAL D-TYPE LATCH (3-STATE NON INV.) WITH 5V TOLERANT INPUTS
74LVX373 STMICROELECTRONICS-74LVX373_04 Datasheet
300Kb / 13P
   LOW VOLTAGE CMOS OCTAL D-TYPE LATCH (3-STATE NON INV.) WITH 5V TOLERANT INPUTS
74LVX573 STMICROELECTRONICS-74LVX573_04 Datasheet
299Kb / 13P
   LOW VOLTAGE CMOS OCTAL D-TYPE LATCH (3-STATE NON INV.) WITH 5V TOLERANT INPUTS
logo
Toshiba Semiconductor
TC74LCX16373AFT TOSHIBA-TC74LCX16373AFT Datasheet
275Kb / 7P
   LOW-VOLTAGE 16-BIT D-TYPE LATCH WITH 5V TOLERANT INPUTS AND OUTPUTS
logo
STMicroelectronics
74LCX16374 STMICROELECTRONICS-74LCX16374 Datasheet
189Kb / 10P
   LOW VOLTAGE CMOS 16-BIT D-TYPE FLIP-FLOP (3-STATE) WITH 5V TOLERANT INPUTS AND OUTPUTS
54VCXH162373 STMICROELECTRONICS-54VCXH162373 Datasheet
508Kb / 17P
   Rad hard low voltage CMOS 16-bit D-type latch (3-state) with 3.6V tolerant inputs and outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com