データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AM29DL320GB70WMI データシート(PDF) 10 Page - SPANSION

部品番号 AM29DL320GB70WMI
部品情報  For new designs involving TSOP packages, S29JL032H supercedes Am29DL320G and is the factory-recommended migration path.
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SPANSION [SPANSION]
ホームページ  http://www.spansion.com
Logo SPANSION - SPANSION

AM29DL320GB70WMI データシート(HTML) 10 Page - SPANSION

Back Button AM29DL320GB70WMI Datasheet HTML 6Page - SPANSION AM29DL320GB70WMI Datasheet HTML 7Page - SPANSION AM29DL320GB70WMI Datasheet HTML 8Page - SPANSION AM29DL320GB70WMI Datasheet HTML 9Page - SPANSION AM29DL320GB70WMI Datasheet HTML 10Page - SPANSION AM29DL320GB70WMI Datasheet HTML 11Page - SPANSION AM29DL320GB70WMI Datasheet HTML 12Page - SPANSION AM29DL320GB70WMI Datasheet HTML 13Page - SPANSION AM29DL320GB70WMI Datasheet HTML 14Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 58 page
background image
8
Am29DL320G
September 27, 2004
ORDERING INFORMATION
Standard Products
AMD standard products are available in several packages and operating ranges. The order number (Valid Combination) is
formed by a combination of the following:
Valid Combinations
Valid Combinations list configurations planned to be supported in
volume for this device. Consult the local AMD sales office to con-
firm availability of specific valid combinations and to check on
newly released combinations.
Am29DL320G
T
70
E
I
OPTIONAL PROCESSING
Blank =
Standard Processing
N
=
16-byte ESN devices
(Contact an AMD representative for more information)
TEMPERATURE RANGE
I
=
Industrial (–40
°C to +85°C)
F
=
Industrial (–40
°C to +85°C) with Pb-free Package
PACKAGE TYPE
E
=
48-Pin Thin Small Outline Package
(TSOP) Standard Pinout (TS 048)
WD
=
63-Ball Fine-Pitch Ball Grid Array (FBGA)
0.80 mm pitch, 8 x 14 mm package (FBD063)
WM
=
48-Ball Fine-Pitch Ball Grid Array (FBGA)
0.80 mm pitch, 6 x 12 mm package (FBD048)
PC
=
64-Ball Fortified-Pitch Ball Grid Array (FBGA)
1.00 mm pitch, 11 x 13 mm package (LAA064)
SPEED OPTION
See Product Selector Guide and Valid Combinations
BOOT CODE SECTOR ARCHITECTURE
T
=
Top boot sectors
B
=
Bottom boot sectors
DEVICE NUMBER/DESCRIPTION
Am29DL320G
32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS Flash Memory
3.0 Volt-only Read, Program, and Erase
Valid Combinations for TSOP Packages
AM29DL320GT70,
AM29DL320GB70
EI, EIN, EF
AM29DL320GT90,
AM29DL320GB90
AM29DL320GT120,
AM29DL320GB120
Valid Combinations for FBGA Packages
Order Number
Package Marking
AM29DL320GT70,
AM29DL320GB70
WDI,
WDIN,
WDF,
WDFN
D320GT70V,
D320GB70V
I, F
AM29DL320GT90,
AM29DL320GB90
D320GT90V,
D320GB90V
AM29DL320GT120,
AM29DL320GB120
D320GT12V,
D320GB12V
AM29DL320GT70,
AM29DL320GB70
WMI,
WMIN,”
WMF,
WMFN
D320GT70U,
D320GB70U
I, F
AM29DL320GT90,
AM29DL320GB90
D320GT90U,
D320GB90U
AM29DL320GT120,
AM29DL320GB120
D320GT12U,
D320GB12U
Valid Combinations for Fortified BGA Packages
Order Number
Package Marking
AM29DL320GT70,
AM29DL320GB70
PCI,
PCF
D320GT70P,
D320GB70P
I, F
AM29DL320GT90,
AM29DL320GB90
D320GT90P,
D320GB90P
AM29DL320GT120,
AM29DL320GB120
D320GT12P,
D320GB12P


同様の部品番号 - AM29DL320GB70WMI

メーカー部品番号データシート部品情報
logo
Advanced Micro Devices
AM29DL320GB70WMI AMD-AM29DL320GB70WMI Datasheet
1Mb / 58P
   32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
AM29DL320GB70WMIN AMD-AM29DL320GB70WMIN Datasheet
1Mb / 58P
   32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
More results

同様の説明 - AM29DL320GB70WMI

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
IMST212 ETC1-IMST212 Datasheet
2Mb / 52P
   TRANSPUTER RECOMMENDED FOR NEW DESIGNS
logo
Micro Commercial Compon...
SK12-TP MCC-SK12-TP Datasheet
275Kb / 5P
   NOT RECOMMENDED FOR NEW DESIGNS
logo
Quantum Research Group
QT118HA-ISG QUANTUM-QT118HA-ISG Datasheet
213Kb / 12P
   NOT RECOMMENDED FOR NEW DESIGNS
logo
Zarlink Semiconductor I...
SL1640 ZARLINK-SL1640 Datasheet
80Kb / 6P
   THIS DOCUMENT IS FOR MAINTENANCE PURPOSES ONLY AND IS NOT RECOMMENDED FOR NEW DESIGNS
logo
List of Unclassifed Man...
IXTH12N100Q ETC2-IXTH12N100Q Datasheet
9Kb / 1P
   Not for New Designs: Contact the factory for lead times (part is still available for purchase).
logo
Texas Instruments
NE555 TI-NE555 Datasheet
227Kb / 15P
[Old version datasheet]   PRECISION TIMERS SE555C FROM TI IS NOT RECOMMENDED FOR NEW DESIGNS
logo
Schurter Inc.
PFRX SCHURTER-PFRX Datasheet
332Kb / 3P
   On phase-out, not recommended for new designs
logo
Micrel Semiconductor
MIC94002 MICREL-MIC94002 Datasheet
37Kb / 2P
   Dual P-Channel MOSFET Not Recommended for New Designs
MIC2525 MICREL-MIC2525 Datasheet
93Kb / 12P
   USB Power Control Switch Not Recommended for New Designs
MIC2524 MICREL-MIC2524 Datasheet
100Kb / 12P
   Quad USB Power Control Switch Not Recommended for New Designs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com