データシートサーチシステム |
|
CS4245-CQZ データシート(PDF) 9 Page - Cirrus Logic |
|
CS4245-CQZ データシート(HTML) 9 Page - Cirrus Logic |
9 / 54 page CS4245 9 DAC ANALOG CHARACTERISTICS (Full-Scale Output Sine Wave, 997 Hz; Test load R L = 3 kΩ, CL = 10 pF (see Figure 1), Fs = 48/96/192 kHz. Measurement Bandwidth 10 Hz to 20 kHz, unless otherwise speci- fied.) Synchronous mode. Note: 3. One-half LSB of triangular PDF dither added to data. 4. Guaranteed by design. The DC current draw represents the allowed current draw from the AOUT pin due to typical leakage through the electrolytic DC blocking capacitors. 5. Guaranteed by design. See Figure 2. RL and CL reflect the recommended minimum resistance and maximum capacitance required for the internal op-amp’s stability. CL affects the dominant pole of the internal output amp; increasing CL beyond 100 pF can cause the internal op-amp to become unstable. Parameter All Speed Modes Symbol Min Typ Max Unit Dynamic Performance for VA = 5 V Dynamic Range (Note 3) 18 to 24-Bit unweighted A-Weighted 16-Bit unweighted A-Weighted 96 99 87 90 102 105 93 96 - - - - dB dB dB dB Total Harmonic Distortion + Noise (Note 3) 18 to 24-Bit 0 dB -20 dB -60 dB 16-Bit 0 dB -20 dB -60 dB THD+N - - - - - - -95 -82 -42 -93 -73 -33 -89 -76 -36 -87 -67 -27 dB dB dB dB dB dB Dynamic Performance for VA = 3.3 V Dynamic Range (Note 3) 18 to 24-Bit unweighted A-Weighted 16-Bit unweighted A-Weighted 93 96 85 88 99 102 90 93 - - - - dB dB dB dB Total Harmonic Distortion + Noise (Note 3) 18 to 24-Bit 0 dB -20 dB -60 dB 16-Bit 0 dB -20 dB -60 dB THD+N - - - - - - -92 -79 -39 -90 -70 -30 -84 -71 -31 -82 -62 -22 dB dB dB dB dB dB Interchannel Isolation (1 kHz) - 100 - dB DC Accuracy Interchannel Gain Mismatch - 0.1 0.25 dB Gain Drift - 100 - ppm/°C Analog Output Full Scale Output Voltage 0.60*VA 0.65*VA 0.70*VA Vpp DC Current draw from an AOUT pin (Note 4) IOUT -- 10 µA AC-Load Resistance (Note 5) RL 3- - k Ω Load Capacitance (Note 5) CL -- 100 pF Output Impedance ZOUT - 100 - Ω |
同様の部品番号 - CS4245-CQZ |
|
同様の説明 - CS4245-CQZ |