データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

93C66BTISN データシート(PDF) 8 Page - Microchip Technology

部品番号 93C66BTISN
部品情報  4K Microwire Compatible Serial EEPROM
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

93C66BTISN データシート(HTML) 8 Page - Microchip Technology

Back Button 93C66BTISN Datasheet HTML 4Page - Microchip Technology 93C66BTISN Datasheet HTML 5Page - Microchip Technology 93C66BTISN Datasheet HTML 6Page - Microchip Technology 93C66BTISN Datasheet HTML 7Page - Microchip Technology 93C66BTISN Datasheet HTML 8Page - Microchip Technology 93C66BTISN Datasheet HTML 9Page - Microchip Technology 93C66BTISN Datasheet HTML 10Page - Microchip Technology 93C66BTISN Datasheet HTML 11Page - Microchip Technology 93C66BTISN Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
93AA66A/B/C, 93LC66A/B/C, 93C66A/B/C
DS21795B-page 8
 2003 Microchip Technology Inc.
2.6
ERASE/WRITE DISABLE And ENABLE (EWDS/EWEN)
The 93XX66A/B/C powers up in the ERASE/WRITE
Disable (EWDS) state. All Programming modes must be
preceded by an ERASE/WRITE Enable (EWEN) instruc-
tion. Once the EWEN instruction is executed, program-
ming remains enabled until an EWDS instruction is
executed or Vcc is removed from the device.
To protect against accidental data disturbance, the
EWDS
instruction can be used to disable all ERASE/
WRITE functions and should follow all programming
operations. Execution of a READ instruction is indepen-
dent of both the EWEN and EWDS instructions.
FIGURE 2-5:
EWDS TIMING
FIGURE 2-6:
EWEN TIMING
2.7
READ
The READ instruction outputs the serial data of the
addressed memory location on the DO pin. A dummy
zero bit precedes the 8-bit (If ORG pin is low or A-Version
devices) or 16-bit (If ORG pin is high or B-version
devices) output string. The output data bits will toggle on
the rising edge of the CLK and are stable after the
specified time delay (TPD). Sequential read is possible
when CS is held high. The memory data will automati-
cally cycle to the next register and output sequentially.
FIGURE 2-7:
READ TIMING
CS
CLK
DI
10
00
0
X
•••
X
TCSL
1X
CS
CLK
DI
00
1
1
X
TCSL
•••
CS
CLK
DI
DO
11
0
An
•••
A0
HIGH-Z
0Dx
•••
D0
Dx
•••
D0
•••
Dx
D0


同様の部品番号 - 93C66BTISN

メーカー部品番号データシート部品情報
logo
Microchip Technology
93C66BT-E/CH MICROCHIP-93C66BT-E/CH Datasheet
738Kb / 38P
   1K-16K Microwire Compatible Serial EEPROMs
2007
93C66BT-E/MC MICROCHIP-93C66BT-E/MC Datasheet
738Kb / 38P
   1K-16K Microwire Compatible Serial EEPROMs
2007
93C66BT-E/MS MICROCHIP-93C66BT-E/MS Datasheet
738Kb / 38P
   1K-16K Microwire Compatible Serial EEPROMs
2007
93C66BT-E/OT MICROCHIP-93C66BT-E/OT Datasheet
738Kb / 38P
   1K-16K Microwire Compatible Serial EEPROMs
2007
93C66BT-E/P MICROCHIP-93C66BT-E/P Datasheet
738Kb / 38P
   1K-16K Microwire Compatible Serial EEPROMs
2007
More results

同様の説明 - 93C66BTISN

メーカー部品番号データシート部品情報
logo
Microchip Technology
93AA66A MICROCHIP-93AA66A_05 Datasheet
442Kb / 28P
   4K Microwire Compatible Serial EEPROM
2005
93LC66BSN MICROCHIP-93LC66BSN Datasheet
303Kb / 25P
   4K Microwire Compatible Serial EEPROM
07/28/03
93LC66AB MICROCHIP-93LC66AB Datasheet
185Kb / 12P
   4K 2.5V Microwire Serial EEPROM
1997
93LC66A MICROCHIP-93LC66A Datasheet
225Kb / 12P
   4K 2.5V Microwire Serial EEPROM
1998 - 2000
93AA46A MICROCHIP-93AA46A_13 Datasheet
1Mb / 38P
   1K Microwire Compatible Serial EEPROM
11/29/12
93AA56A MICROCHIP-93AA56A Datasheet
388Kb / 24P
   2K Microwire Compatible Serial EEPROM
2003
93AA56A MICROCHIP-93AA56A_07 Datasheet
487Kb / 28P
   2K Microwire Compatible Serial EEPROM
2007
93AA76A MICROCHIP-93AA76A_12 Datasheet
744Kb / 36P
   8K Microwire Compatible Serial EEPROM
11/29/11
93LC86C-ISN MICROCHIP-93LC86C-ISN Datasheet
431Kb / 26P
   16K Microwire Compatible Serial EEPROM
01/26/04
93LC56BT-I MICROCHIP-93LC56BT-I Datasheet
474Kb / 30P
   2K Microwire Compatible Serial EEPROM
01/02/08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com