データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM3310SQX データシート(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
部品番号 LM3310SQX
部品情報  Step-up PWM DC/DC Converter with Integrated Op-Amp and Gate Pulse Modulation Switch
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NSC [National Semiconductor (TI)]
ホームページ  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3310SQX データシート(HTML) 5 Page - National Semiconductor (TI)

  LM3310SQX Datasheet HTML 1Page - National Semiconductor (TI) LM3310SQX Datasheet HTML 2Page - National Semiconductor (TI) LM3310SQX Datasheet HTML 3Page - National Semiconductor (TI) LM3310SQX Datasheet HTML 4Page - National Semiconductor (TI) LM3310SQX Datasheet HTML 5Page - National Semiconductor (TI) LM3310SQX Datasheet HTML 6Page - National Semiconductor (TI) LM3310SQX Datasheet HTML 7Page - National Semiconductor (TI) LM3310SQX Datasheet HTML 8Page - National Semiconductor (TI) LM3310SQX Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
V
IN
7.5V
SW Voltage
21V
FB Voltage
V
IN
V
C Voltage (Note 2)
1.265V ± 0.3V
SHDN Voltage
7.5V
FREQ
V
IN
AV
IN
12V
Amplifier Inputs/Output
Rail-to-Rail
VGH Voltage
31V
VGHM Voltage
VGH
VFLK, VDPM, V
DD Voltage
7.5V
CE Voltage (Note 2)
1.265 + 0.3V
RE Voltage
VGH
Maximum Junction
Temperature
150˚C
Power Dissipation(Note 3)
Internally Limited
Lead Temperature
300˚C
Vapor Phase (60 sec.)
215˚C
Infrared (15 sec.)
220˚C
ESD Susceptibility (Note 4)
Human Body Model
2kV
Operating Conditions
Operating Junction
Temperature Range (Note 5)
−40˚C to +125˚C
Storage Temperature
−65˚C to +150˚C
Supply Voltage
2.5V to 7V
Maximum SW Voltage
20V
VGH Voltage Range
5V to 30V
Op-Amp Supply, AV
IN
4V to 12V
Electrical Characteristics V
IN =2.5V and IL =0A
Specifications in standard type face are for T
J = 25˚C and those with boldface type apply over the full Operating Tempera-
ture Range (T
J = −40˚C to +125˚C). Unless otherwise specified, VIN =2.5V and IL = 0A.
Symbol
Parameter
Conditions
Min(Note 5) Typ(Note 6) Max(Note 5)
Units
I
Q
Quiescent Current
FB = 2V (Not Switching)
690
1100
µA
V
SHDN =0V
0.04
0.5
8.5
660kHz Switching
2.1
2.8
mA
1.28MHz Switching
3.1
4.0
V
FB
Feedback Voltage
1.231
1.263
1.287
V
%V
FB/
∆V
IN
Feedback Voltage Line
Regulation
2.5V
≤ V
IN
≤ 7V
-0.26
0.089
0.42
%/V
I
CL
Switch Current Limit (Note 7) (Note 8)
2.0
2.6
A
I
B
FB Pin Bias Current (Note 9)
27
160
nA
I
SS
SS Pin Current
8.5
11
13.5
µA
V
SS
SS Pin Voltage
1.20
1.24
1.28
V
V
IN
Input Voltage Range
2.5
7
V
g
m
Error Amp Transconductance
∆I = 5µA
26
74
133
µmho
A
V
Error Amp Voltage Gain
69
V/V
D
MAX
Maximum Duty Cycle
f
S = 660kHz
80
91
%
f
S = 1.28MHz
80
89
f
S
Switching Frequency
FREQ = Ground
440
660
760
kHz
FREQ = V
IN
1.0
1.28
1.5
MHz
I
SHDN
Shutdown Pin Current
V
SHDN = 2.5V
8
13.5
µA
V
SHDN = 0.3V
1
2
I
L
Switch Leakage Current
V
SW = 20V
0.03
5
µA
R
DSON
Switch R
DSON
I
SW = 500mA
0.18
0.35
Th
SHDN
SHDN Threshold
Output High, V
IN = 2.5V to
7V
1.4
V
Output Low, V
IN = 2.5V to 7V
0.4
UVP
Undervoltage Protection
Threshold
On Threshold (Switch On)
2.5
2.4
V
Off Threshold (Switch Off)
2.3
2.1
www.national.com
5


同様の部品番号 - LM3310SQX

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM3310SQX NSC-LM3310SQX Datasheet
1Mb / 26P
   Step-Up PWM DC/DC Converter with Integrated Op-Amp and Gate Pulse Modulation Switch
More results

同様の説明 - LM3310SQX

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM3310 NSC-LM3310_07 Datasheet
1Mb / 26P
   Step-Up PWM DC/DC Converter with Integrated Op-Amp and Gate Pulse Modulation Switch
logo
Texas Instruments
LM3310 TI-LM3310_15 Datasheet
1Mb / 33P
[Old version datasheet]   Step-Up PWM DC/DC Converter with Integrated Op-Amp and Gate Pulse Modulation Switch
logo
National Semiconductor ...
LM3311 NSC-LM3311_07 Datasheet
2Mb / 32P
   Step-Up PWM DC/DC Converter with Integrated LDO, Op-Amp, and Gate Pulse Modulation Switch
LM3311 NSC-LM3311 Datasheet
2Mb / 29P
   Step-Up PWM DC/DC Converter with Integrated LDO, Op-Amp, and Gate Pulse Modulation Switch
LM3211 NSC-LM3211 Datasheet
821Kb / 21P
   Step-up PWM DC/DC Converter Integrated with 4 Buffers
LM2710 NSC-LM2710 Datasheet
853Kb / 20P
   Step-up PWM DC/DC Converter Integrated with 5 Buffers
logo
Eutech Microelectronics...
EUP2644 EUTECH-EUP2644 Datasheet
105Kb / 1P
   TFT LCD DC-DC Converter with Integrated LDO, OP-AMP and GPM Switch
logo
Diodes Incorporated
PAM2421 DIODES-PAM2421 Datasheet
561Kb / 10P
   PWM STEP-UP DC-DC CONVERTER
logo
Advanced Power Electron...
APE1911 A-POWER-APE1911 Datasheet
330Kb / 9P
   STEP-UP PWM DC/DC Converter
logo
Anpec Electronics Corop...
APW7077 ANPEC-APW7077 Datasheet
454Kb / 21P
   PWM Step-Up DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com