データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CD4051BQM96Q1 データシート(PDF) 6 Page - Texas Instruments

部品番号 CD4051BQM96Q1
部品情報  CMOS ALALOG MULTIPLEXERS/DEMULTIPLEXERS WITH LOGIC-LEVEL CONVERSION
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

CD4051BQM96Q1 データシート(HTML) 6 Page - Texas Instruments

Back Button CD4051BQM96Q1 Datasheet HTML 2Page - Texas Instruments CD4051BQM96Q1 Datasheet HTML 3Page - Texas Instruments CD4051BQM96Q1 Datasheet HTML 4Page - Texas Instruments CD4051BQM96Q1 Datasheet HTML 5Page - Texas Instruments CD4051BQM96Q1 Datasheet HTML 6Page - Texas Instruments CD4051BQM96Q1 Datasheet HTML 7Page - Texas Instruments CD4051BQM96Q1 Datasheet HTML 8Page - Texas Instruments CD4051BQM96Q1 Datasheet HTML 9Page - Texas Instruments CD4051BQM96Q1 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
CD4051BQ1, CD4052BQ1, CD4053BQ1
CMOS ANALOG MULTIPLEXERS/DEMULTIPLEXERS
WITH LOGIC-LEVEL CONVERSION
SCHS354 − AUGUST 2004
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
recommended operating conditions
MIN
MAX
UNIT
VDD
Supply voltage
5
20
V
VDD
Supply voltage
5
20
V
TA
Operating free-air temperature
−40
125
°C
electrical characteristics, VSUPPLY = ±5 V, AV = 1 V, RL = 100 Ω, unless otherwise noted
(see Note 2)
PARAMETER
TEST CONDITIONS
VDD
LIMITS AT INDICATED
TEMPERATURES
UNIT
PARAMETER
TEST CONDITIONS
VDD
(V)
−40
°C
125
°C
25
°C
UNIT
(V)
−40
°C
125
°C
MIN
TYP
MAX
5
5
150
0.04
5
IDD
Quiescent device
10
10
300
0.04
10
A
IDD
Quiescent device
current
15
20
600
0.04
20
µA
current
20
100
3000
0.08
100
Signal Input (Vis) and Output (Vos)
Drain-to-source
VEE = 0 V, VSS = 0 V,
5
850
1300
470
1050
ron
Drain-to-source
ON-state resistance
VEE = 0 V, VSS = 0 V,
VIS = 0 to VDD
10
330
550
180
400
ron
ON-state resistance
VIS = 0 to VDD
15
210
320
125
240
ON-state resistance
5
15
∆ron
ON-state resistance
difference between
any two switches
VEE = 0 V, VSS = 0 V
10
10
∆ron
difference between
any two switches
VEE = 0 V, VSS = 0 V
15
5
Input/output leakage
current (switch off)
Any channel OFF (MAX) or all channels
OFF (COM OUT/IN) (Max),
VEE = 0 V, VSS = 0 V, See Note 3
18
±0.1
±1
±10−5
±0.1
µA
Cis
Input capacitance
VEE = −5 V, VSS = −5 V
5
5
pF
CD4051
30
Cos
Output capacitance
VEE = −5 V, VSS = −5 V
CD4052
5
18
pF
Cos
Output capacitance
VEE = −5 V, VSS = −5 V
CD4053
5
9
pF
Cios
Feedthrough
capacitance
VEE = −5 V, VSS = −5 V
5
0.2
pF
Propagation delay
VIS(p-p) = VDD, RL = 200 kΩ
5
30
60
tpd
Propagation delay
(signal input to
output)
VIS(p-p) = VDD, RL = 200 kΩ,
CL = 50 pF, tr, tf = 20 ns
10
15
30
ns
tpd
(signal input to
output)
CL = 50 pF, tr, tf = 20 ns
15
10
20
ns
NOTES:
2. Peak-to-peak voltage symmetrical about VDD − VEE
2
3. Determined by minimum feasible leakage measurement for automatic testing


同様の部品番号 - CD4051BQM96Q1

メーカー部品番号データシート部品情報
logo
Texas Instruments
CD4051BQM96Q1 TI1-CD4051BQM96Q1 Datasheet
1Mb / 24P
[Old version datasheet]   CMOS ANALOG MULTIPLEXERS/DEMULTIPLEXERS
More results

同様の説明 - CD4051BQM96Q1

メーカー部品番号データシート部品情報
logo
Texas Instruments
CD4051B TI-CD4051B_10 Datasheet
683Kb / 25P
[Old version datasheet]   CMOS Analog Multiplexers/Demultiplexers with Logic Level Conversion
logo
Harris Corporation
CD4051B HARRIS-CD4051B Datasheet
146Kb / 15P
   CMOS Analog Multiplexers/Demultiplexers with Logic Level Conversion
logo
Texas Instruments
CD4051B TI-CD4051B Datasheet
430Kb / 20P
[Old version datasheet]   CMOS Analog Multiplexers/Demultiplexers with Logic Level Conversion
CD54HC4051 TI-CD54HC4051_10 Datasheet
784Kb / 30P
[Old version datasheet]   High-Speed CMOS Logic Analog Multiplexers/Demultiplexers
CD54HC4351 TI-CD54HC4351_07 Datasheet
473Kb / 23P
[Old version datasheet]   High-Speed CMOS Logic Analog Multiplexers/Demultiplexers with Latch
CD54HC4051 TI-CD54HC4051_04 Datasheet
643Kb / 29P
[Old version datasheet]   High-Speed CMOS Logic Analog Multiplexers/Demultiplexers
CD54HC4051_101 TI-CD54HC4051_101 Datasheet
780Kb / 31P
[Old version datasheet]   High-Speed CMOS Logic Analog Multiplexers/Demultiplexers
CD54HC4051 TI-CD54HC4051_07 Datasheet
521Kb / 30P
[Old version datasheet]   High-Speed CMOS Logic Analog Multiplexers/Demultiplexers
CD54HC405 TI-CD54HC405 Datasheet
465Kb / 26P
[Old version datasheet]   High-Speed CMOS Logic Analog Multiplexers/Demultiplexers
CD74HC4351 TI-CD74HC4351 Datasheet
96Kb / 15P
[Old version datasheet]   High Speed CMOS Logic Analog Multiplexers/Demultiplexers with Latch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com