データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CDCLVP110VFR データシート(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
部品番号 CDCLVP110VFR
部品情報  LOW-VOLTAGE 1:10 LVPECL/HSTL WITH SELECTABLE INPUT CLOCK DRIVER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

CDCLVP110VFR データシート(HTML) 6 Page - Texas Instruments

Back Button CDCLVP110VFR Datasheet HTML 2Page - Texas Instruments CDCLVP110VFR Datasheet HTML 3Page - Texas Instruments CDCLVP110VFR Datasheet HTML 4Page - Texas Instruments CDCLVP110VFR Datasheet HTML 5Page - Texas Instruments CDCLVP110VFR Datasheet HTML 6Page - Texas Instruments CDCLVP110VFR Datasheet HTML 7Page - Texas Instruments CDCLVP110VFR Datasheet HTML 8Page - Texas Instruments CDCLVP110VFR Datasheet HTML 9Page - Texas Instruments CDCLVP110VFR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
www.ti.com
o
o
o
o
o
CLKn
Q0
Q1
Q2
Q9
CLKn
Q0
Q1
Q2
Q9
tPLH2
tPLH2
tPLH1
tPLH1
tPLH0
tPLH0
tPLH9
tPLH9
CDCLVP110
SCAS683A – JUNE 2002 – REVISED AUGUST 2002
HSTL INPUT (continued)
Vsupply: V
CC = 2.375 V to 3.8 V, VEE = 0 V
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Functional up to 3.5 GHz, timing
-40
°C,
f(max)
Maximum frequency
specifications apply at 1 GHz, See
25
°C,
3500
MHz
Figure 4
85
°C
-40
°C,
tr/tf
Output rise and fall time (20%, 80%)
25
°C,
100
200
ps
85
°C
A.
Output skew is calculated as the greater of: The difference between the fastest and the slowest tPLHn (n = 0, 1,...9) or
the difference between the fastest and the slowest tPHLn (n = 0, 1,...9).
B.
Part-to-part skew, is calculated as the greater of: The difference between the fastest and the slowest tPLHn (n = 0,
1,...9) across multiple devices or the difference between the fastest and the slowest tPHLn (n = 0, 1,...9) across
multiple devices.
Figure 1. Waveform for Calculating Both Output and Part-to-Part Skew
6


同様の部品番号 - CDCLVP110VFR

メーカー部品番号データシート部品情報
logo
Texas Instruments
CDCLVP110VFR TI1-CDCLVP110VFR Datasheet
675Kb / 14P
[Old version datasheet]   Low-Voltage 1:10 LVPECL/HSTL With Selectable Input Clock Driver
CDCLVP110VFRG4 TI1-CDCLVP110VFRG4 Datasheet
675Kb / 14P
[Old version datasheet]   Low-Voltage 1:10 LVPECL/HSTL With Selectable Input Clock Driver
More results

同様の説明 - CDCLVP110VFR

メーカー部品番号データシート部品情報
logo
Texas Instruments
CDCLVP110 TI1-CDCLVP110_14 Datasheet
675Kb / 14P
[Old version datasheet]   Low-Voltage 1:10 LVPECL/HSTL With Selectable Input Clock Driver
CDCLVP111-EP TI1-CDCLVP111-EP Datasheet
743Kb / 15P
[Old version datasheet]   LOW-VOLTAGE 1:10 LVPECL WITH SELECTABLE INPUT CLOCK DRIVER
CDCLVP111 TI1-CDCLVP111 Datasheet
1Mb / 29P
[Old version datasheet]   Low-Voltage 1:10 LVPECL With Selectable Input Clock Driver
CDCLVP111-SP TI1-CDCLVP111-SP Datasheet
570Kb / 23P
[Old version datasheet]   Low-Voltage 1:10 LVPECL With Selectable Input Clock Driver
CDCLVP111 TI-CDCLVP111 Datasheet
619Kb / 15P
[Old version datasheet]   LOW-VOLTAGE 1:10 LVPECL WITH SELECTABLE INPUT CLOCK DRIVER
logo
ON Semiconductor
MC100LVEP111 ONSEMI-MC100LVEP111 Datasheet
131Kb / 8P
   Low-Voltage 1:10 Differential LVECL/LVPECL/LVEPECL/HSTL Clock Driver
December, 2008 ??Rev. 17
logo
Cypress Semiconductor
CY2DP1510 CYPRESS-CY2DP1510 Datasheet
303Kb / 13P
   1:10 LVPECL Fanout Buffer with Selectable Clock Input
logo
ON Semiconductor
MC100LVEP14 ONSEMI-MC100LVEP14 Datasheet
112Kb / 8P
   Low-Voltage 1:5 Differential LVECL/LVPECL/LVEPECL/HSTL Clock Driver
May, 2000 ??Rev. 1
MC100LVEP210 ONSEMI-MC100LVEP210 Datasheet
135Kb / 8P
   Low-Voltage 1:5 Dual Diff.LVECL/LVPECL/LVEPECL/HSTL Clock Driver
March, 2000 ??Rev. 2
logo
Micrel Semiconductor
SY100EP111U MICREL-SY100EP111U_11 Datasheet
104Kb / 9P
   2.5V/3.3V 1:10 DIFFERENTIAL LVPECL/LVECL/HSTL CLOCK DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com