データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CDCLVP110VFR データシート(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
部品番号 CDCLVP110VFR
部品情報  LOW-VOLTAGE 1:10 LVPECL/HSTL WITH SELECTABLE INPUT CLOCK DRIVER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

CDCLVP110VFR データシート(HTML) 3 Page - Texas Instruments

  CDCLVP110VFR Datasheet HTML 1Page - Texas Instruments CDCLVP110VFR Datasheet HTML 2Page - Texas Instruments CDCLVP110VFR Datasheet HTML 3Page - Texas Instruments CDCLVP110VFR Datasheet HTML 4Page - Texas Instruments CDCLVP110VFR Datasheet HTML 5Page - Texas Instruments CDCLVP110VFR Datasheet HTML 6Page - Texas Instruments CDCLVP110VFR Datasheet HTML 7Page - Texas Instruments CDCLVP110VFR Datasheet HTML 8Page - Texas Instruments CDCLVP110VFR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
www.ti.com
ABSOLUTE MAXIMUM RATINGS
(1)
RECOMMENDED OPERATING CONDITIONS
PACKAGE THERMAL IMPEDANCE
LVECL DC ELECTRICAL CHARACTERISTICS
CDCLVP110
SCAS683A – JUNE 2002 – REVISED AUGUST 2002
VCC
Supply voltage
-0.3 V to 4.6 V
VI
Input voltage
-0.3 V to VCC + 0.5 V
VO
Output voltage
-0.3 V to VCC + 0.5 V
IIN
Input current
±20 mA
VEE
Negative supply voltage
-0.3 V to 4.6 V
IBB
Sink/source current
-1 to 1 mA
IO
DC output current
-50 mA
Tstg
Storage temperature range
-65
°C to 150°C
(1)
Stresses beyond those listed under "absolute maximum ratings” may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions” is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
MIN
NOM
MAX
UNIT
VCC
Supply voltage (relative to VEE)
2.375 2.5/3.3
3.8
V
TA
(1)
Operating free-air temperature
-40
85
°C
(1)
Operating junction temperature affects device lifetime. The continuous operation junction temperature is recommended to be at max
110
°C. The device ac and dc parameters are specified up to 85°C ambient temperature. See the PCB Layout Guidelines for
CDCLVP110 application note, literature number SCAA057 for more details.
TEST CONDITION
MIN
MAX
UNIT
0 LFM
78
°C/W
150 LFM
73
°C/W
Θ
JA
Thermal resistance junction to ambient(1)
250 LFM
71
°C/W
500 LFM
68
°C/W
Θ
JC
Thermal resistance junction to case
51
°C/W
(1)
According to JESD 51-7 standard.
Vsupply: V
CC = 0 V, VEE = -2.375 V to -3.8 V
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
-40
°C
40
78
IEE
Supply internal current
Absolute value of current
25
°C
45
82
mA
85
°C
48
85
-40
°C
343
Output and internal supply
ICC
All outputs terminated 50
Ω to V
CC - 2 V
25
°C
370
mA
current
85
°C
380
-40
°C,
IIN
Input current
Includes pullup/pulldown resistors
25
°C,
150
µA
85
°C
-40
°C
-1.38
-1.26
For VEE = -3 to -3.8 V, IBB = -0.2 mA
25
°C
-1.42
-1.26
Internally generated bias
85
°C
-1.45
-1.26
VBB
V
voltage
-40
°C,
VEE = -2.375 to -2.75 V, IBB = -0.2 mA
25
°C,
-1.38
-1.16
85
°C
-40
°C,
High-level input voltage
VIH
25
°C,
-1.165
-0.88
V
(CLK_SEL)
85
°C
3


同様の部品番号 - CDCLVP110VFR

メーカー部品番号データシート部品情報
logo
Texas Instruments
CDCLVP110VFR TI1-CDCLVP110VFR Datasheet
675Kb / 14P
[Old version datasheet]   Low-Voltage 1:10 LVPECL/HSTL With Selectable Input Clock Driver
CDCLVP110VFRG4 TI1-CDCLVP110VFRG4 Datasheet
675Kb / 14P
[Old version datasheet]   Low-Voltage 1:10 LVPECL/HSTL With Selectable Input Clock Driver
More results

同様の説明 - CDCLVP110VFR

メーカー部品番号データシート部品情報
logo
Texas Instruments
CDCLVP110 TI1-CDCLVP110_14 Datasheet
675Kb / 14P
[Old version datasheet]   Low-Voltage 1:10 LVPECL/HSTL With Selectable Input Clock Driver
CDCLVP111-EP TI1-CDCLVP111-EP Datasheet
743Kb / 15P
[Old version datasheet]   LOW-VOLTAGE 1:10 LVPECL WITH SELECTABLE INPUT CLOCK DRIVER
CDCLVP111 TI1-CDCLVP111 Datasheet
1Mb / 29P
[Old version datasheet]   Low-Voltage 1:10 LVPECL With Selectable Input Clock Driver
CDCLVP111-SP TI1-CDCLVP111-SP Datasheet
570Kb / 23P
[Old version datasheet]   Low-Voltage 1:10 LVPECL With Selectable Input Clock Driver
CDCLVP111 TI-CDCLVP111 Datasheet
619Kb / 15P
[Old version datasheet]   LOW-VOLTAGE 1:10 LVPECL WITH SELECTABLE INPUT CLOCK DRIVER
logo
ON Semiconductor
MC100LVEP111 ONSEMI-MC100LVEP111 Datasheet
131Kb / 8P
   Low-Voltage 1:10 Differential LVECL/LVPECL/LVEPECL/HSTL Clock Driver
December, 2008 ??Rev. 17
logo
Cypress Semiconductor
CY2DP1510 CYPRESS-CY2DP1510 Datasheet
303Kb / 13P
   1:10 LVPECL Fanout Buffer with Selectable Clock Input
logo
ON Semiconductor
MC100LVEP14 ONSEMI-MC100LVEP14 Datasheet
112Kb / 8P
   Low-Voltage 1:5 Differential LVECL/LVPECL/LVEPECL/HSTL Clock Driver
May, 2000 ??Rev. 1
MC100LVEP210 ONSEMI-MC100LVEP210 Datasheet
135Kb / 8P
   Low-Voltage 1:5 Dual Diff.LVECL/LVPECL/LVEPECL/HSTL Clock Driver
March, 2000 ??Rev. 2
logo
Micrel Semiconductor
SY100EP111U MICREL-SY100EP111U_11 Datasheet
104Kb / 9P
   2.5V/3.3V 1:10 DIFFERENTIAL LVPECL/LVECL/HSTL CLOCK DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com