データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

HCPL-M454 データシート(PDF) 8 Page - Agilent(Hewlett-Packard)

部品番号 HCPL-M454
部品情報  Ultra High CMR, Small Outline, 5 Lead, High Speed Optocoupler
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  HP [Agilent(Hewlett-Packard)]
ホームページ  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL-M454 データシート(HTML) 8 Page - Agilent(Hewlett-Packard)

Back Button HCPL-M454 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL-M454 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL-M454 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL-M454 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL-M454 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL-M454 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HCPL-M454 Datasheet HTML 10Page - Agilent(Hewlett-Packard) HCPL-M454 Datasheet HTML 11Page - Agilent(Hewlett-Packard) HCPL-M454 Datasheet HTML 12Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
Figure 11. Propagation Delay Time vs.
Temperature.
Figure 12. Propagation Delay Time vs.
LoadResistance.
Figure 13. Propagation Delay Time vs.
LoadCapacitance.
Figure 14. Propagation Delay Time vs.
SupplyVoltage.
TA – TEMPERATURE – °C
1.1
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
-40 -20
0
20 40
60 80 100 120
-60
VCC = 15.0 V
RL = 20 kΩ
CL= 100 pF
VTHHL = 1.5 V
VTHLH = 2.0 V
tPLH
tPHL
IF = 10 mA
IF = 16 mA
50% DUTY CYCLE
RL – LOAD RESISTANCE – kΩ
1.6
1.4
1.2
1.0
0.6
0.2
0.0
5 10 1520 253035 4045
0
VCC = 15.0 V
TA = 25° C
CL= 100 pF
VTHHL = 1.5 V
VTHLH = 2.0 V
50
tPLH
tPHL
1.8
0.4
0.8
IF = 10 mA
IF = 16 mA
50% DUTY CYCLE
RL – LOAD CAPACITANCE – pF
2.0
1.5
0.5
0.0
200
400
600
800
0
VCC = 15.0 V
TA = 25° C
RL= 20 kΩ
VTHHL = 1.5 V
VTHLH = 2.0 V
1000
tPLH
tPHL
2.5
3.0
3.5
1.0
IF = 10 mA
IF = 16 mA
50% DUTY CYCLE
VCC – SUPPLY VOLTAGE – V
0.9
0.8
0.6
0.2
11 12 13 14 15 16 17 18 19
10
20
1.0
1.1
1.2
0.7
TA = 25° C
RL = 20 kΩ
CL = 100 pF
V
V
0.5
0.4
0.3
tPLH
tPHL
IF = 10 mA
IF = 16 mA
50% DUTY CYCLE
THHL = 1.5 V
= 2.0 V
THLH


同様の部品番号 - HCPL-M454

メーカー部品番号データシート部品情報
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-M454 AVAGO-HCPL-M454 Datasheet
235Kb / 12P
   Ultra High CMR, Small Outline, 5 Lead, High Speed Optocoupler
More results

同様の説明 - HCPL-M454

メーカー部品番号データシート部品情報
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-M454 AVAGO-HCPL-M454 Datasheet
235Kb / 12P
   Ultra High CMR, Small Outline, 5 Lead, High Speed Optocoupler
HCPL-M611-500E AVAGO-HCPL-M611-500E Datasheet
172Kb / 11P
   Small Outline, 5 Lead, High CMR, High Speed, Logic Gate Optocouplers
HCPL-M611 AVAGO-HCPL-M611 Datasheet
172Kb / 11P
   Small Outline, 5 Lead, High CMR, High Speed, Logic Gate Optocouplers
HCPL-M601-000E AVAGO-HCPL-M601-000E Datasheet
172Kb / 11P
   Small Outline, 5 Lead, High CMR, High Speed, Logic Gate Optocouplers
logo
Agilent(Hewlett-Packard...
HCPL-M611 HP-HCPL-M611 Datasheet
261Kb / 10P
   Small Outline, 5 Lead, High CMR, High Speed, Logic Gate Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-M600 AVAGO-HCPL-M600 Datasheet
172Kb / 11P
   Small Outline, 5 Lead, High CMR, High Speed, Logic Gate Optocouplers
HCPL-M601-500E AVAGO-HCPL-M601-500E Datasheet
172Kb / 11P
   Small Outline, 5 Lead, High CMR, High Speed, Logic Gate Optocouplers
HCPL-M600500 AVAGO-HCPL-M600500 Datasheet
172Kb / 11P
   Small Outline, 5 Lead, High CMR, High Speed, Logic Gate Optocouplers
ACPL-M60L-500E AVAGO-ACPL-M60L-500E Datasheet
285Kb / 11P
   Small Outline, 5 Leads, High CMR, High Speed, Description
HCPL-M453-000E AVAGO-HCPL-M453-000E Datasheet
152Kb / 9P
   Small Outline, 5 Lead, High Speed Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com