データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

HCPL-4504 データシート(PDF) 9 Page - Agilent(Hewlett-Packard)

部品番号 HCPL-4504
部品情報  High CMR, High Speed Optocouplers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  HP [Agilent(Hewlett-Packard)]
ホームページ  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL-4504 データシート(HTML) 9 Page - Agilent(Hewlett-Packard)

Back Button HCPL-4504 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL-4504 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL-4504 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL-4504 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL-4504 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HCPL-4504 Datasheet HTML 10Page - Agilent(Hewlett-Packard) HCPL-4504 Datasheet HTML 11Page - Agilent(Hewlett-Packard) HCPL-4504 Datasheet HTML 12Page - Agilent(Hewlett-Packard) HCPL-4504 Datasheet HTML 13Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
9
IEC/EN/DIN EN 60747-5-2 Insulation Related Characteristics
HCPL-0454 HCPL-4504
Description
Symbol
OPTION 060 OPTION 060
HCPL-J454
HCNW4504
Unit
Installation classification per
DIN VDE 0110/1.89, Table 1
for rated mains voltage
≤ 150 V rms
I-IV
I-IV
I-IV
I-IV
for rated mains voltage
≤ 300 V rms
I-III
I-IV
I-IV
I-IV
for rated mains voltage
≤ 450 V rms
I-III
I-III
I-IV
for rated mains voltage
≤ 600 V rms
I-III
I-IV
for rated mains voltage
≤ 1000 V rms
I-III
Climatic Classification
55/100/21
55/100/21
55/100/21
55/85/21
Pollution Degree (DIN VDE 0110/1.89)
2
2
2
2
Maximum Working Insulation Voltage
VIORM
560
630
891
1414
V peak
Input to Output Test Voltage, Method b*
VIORM x 1.875 = VPR, 100% Production
VPR
1050
1181
1670
2652
V peak
Test with tm = 1 sec,
Partial Discharge < 5 pC
Input to Output Test Voltage, Method a*
VIORM x 1.5 = VPR, Type and Sample
VPR
840
945
1336
2121
V peak
Test, tm = 60 sec,
Partial Discharge < 5 pC
Highest Allowable Overvoltage*
(Transient Overvoltage, tini = 10 sec)
VIOTM
4000
6000
6000
8000
V peak
Safety Limiting Values - Maximum
Values Allowed in the Event of a Failure,
also see Thermal Derating curve
Case Temperature
TS
150
175
175
150
°C
Input Current
IS,INPUT
150
230
400
400
mA
Output Power
PS,OUTPUT
600
600
600
700
mW
Insulation Resistance at TS,RS
≥ 109
≥ 109
≥ 109
≥ 109
VIO = 500 V
NOTE: These optocouplers are suitable for "safe electrical isolation" only within the safety limit data.
Maintenance of the safety data shall be ensured by means of protective circuits.
NOTE: Insulation Characteristics are per IEC/EN/DIN EN 60747-5-2.
NOTE: Surface mount classification is Class A in accordance with CECC 00802.
*Refer to the optocoupler section of the Designer's Catalog, under regulatory information (IEC/EN/DIN EN 60747-5-2) for a detailed
description of Method a and Method b partial discharge test profiles.


同様の部品番号 - HCPL-4504

メーカー部品番号データシート部品情報
logo
Agilent(Hewlett-Packard...
HCPL-4504 HP-HCPL-4504 Datasheet
231Kb / 16P
   High CMR, High Speed Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-4504 AVAGO-HCPL-4504 Datasheet
416Kb / 19P
   High CMR, High Speed Optocouplers
logo
Broadcom Corporation.
HCPL-4504 BOARDCOM-HCPL-4504 Datasheet
101Kb / 2P
   Optocoupler Option 020 for 5000 V rms/1 Minute Requirement
HCPL-4504 BOARDCOM-HCPL-4504 Datasheet
54Kb / 3P
   Option 060 for Plastic Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-4504-000E AVAGO-HCPL-4504-000E Datasheet
200Kb / 19P
   High CMR, High Speed Optocouplers
More results

同様の説明 - HCPL-4504

メーカー部品番号データシート部品情報
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-4504 AVAGO-HCPL-4504 Datasheet
416Kb / 19P
   High CMR, High Speed Optocouplers
HCPL-4504-500E AVAGO-HCPL-4504-500E Datasheet
200Kb / 19P
   High CMR, High Speed Optocouplers
HCPL-4504-000E AVAGO-HCPL-4504-000E Datasheet
200Kb / 19P
   High CMR, High Speed Optocouplers
logo
Agilent(Hewlett-Packard...
HCPL-4504 HP-HCPL-4504 Datasheet
231Kb / 16P
   High CMR, High Speed Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-2631-500E AVAGO-HCPL-2631-500E Datasheet
356Kb / 21P
   High CMR, High Speed TTL Compatible Optocouplers
HCPL-0611-500E AVAGO-HCPL-0611-500E Datasheet
431Kb / 21P
   High CMR, High Speed TTL Compatible Optocouplers
6N137 AVAGO-6N137 Datasheet
241Kb / 22P
   High CMR, High Speed TTL Compatible Optocouplers
HCPL-0600-000E AVAGO-HCPL-0600-000E Datasheet
356Kb / 21P
   High CMR, High Speed TTL Compatible Optocouplers
logo
Broadcom Corporation.
6N137 BOARDCOM-6N137 Datasheet
1Mb / 30P
   High CMR, High Speed TTL Compatible Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-2631-000E AVAGO-HCPL-2631-000E Datasheet
431Kb / 21P
   High CMR, High Speed TTL Compatible Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com