データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

KMPC880ZP80 データシート(PDF) 11 Page - Freescale Semiconductor, Inc

部品番号 KMPC880ZP80
部品情報  Hardware Specifications
Download  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FREESCALE [Freescale Semiconductor, Inc]
ホームページ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

KMPC880ZP80 データシート(HTML) 11 Page - Freescale Semiconductor, Inc

Back Button KMPC880ZP80 Datasheet HTML 7Page - Freescale Semiconductor, Inc KMPC880ZP80 Datasheet HTML 8Page - Freescale Semiconductor, Inc KMPC880ZP80 Datasheet HTML 9Page - Freescale Semiconductor, Inc KMPC880ZP80 Datasheet HTML 10Page - Freescale Semiconductor, Inc KMPC880ZP80 Datasheet HTML 11Page - Freescale Semiconductor, Inc KMPC880ZP80 Datasheet HTML 12Page - Freescale Semiconductor, Inc KMPC880ZP80 Datasheet HTML 13Page - Freescale Semiconductor, Inc KMPC880ZP80 Datasheet HTML 14Page - Freescale Semiconductor, Inc KMPC880ZP80 Datasheet HTML 15Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 92 page
background image
MPC885/MPC880 Hardware Specifications, Rev. 3
Freescale Semiconductor
11
DC Characteristics
6
DC Characteristics
Table 6 provides the DC electrical characteristics for the MPC885/880.
2 Maximum power dissipation at V
DDL = VDDSYN= 1.9 V, and VDDH is at 3.5 V.
NOTE
The values in Table 5 represent VDDL-based power dissipation and do not
include I/O power dissipation over VDDH. I/O power dissipation varies
widely by application due to buffer current, depending on external
circuitry.
The VDDSYN power dissipation is negligible.
Table 6. DC Electrical Specifications
Characteristic
Symbol
Min
Max
Unit
Operating voltage
VDDL (Core)
1.7
1.9
V
VDDH (I/O)
3.135
3.465
V
VDDSYN
1
1 The difference between V
DDL and VDDSYN cannot be more than 100 mV.
1.7
1.9
V
Difference
between
VDDL and
VDDSYN
100
mV
Input high voltage (all inputs except EXTAL and EXTCLK) 2
2 The signals PA[0:15], PB[14:31], PC[4:15], PD[3:15], PE(14:31), TDI, TDO, TCK, TRST, TMS, MII1_TXEN, MII_MDIO
are 5-V tolerant. The minimum voltage is still 2.0 V.
VIH
2.0
3.465
V
Input low voltage 3
3 V
IL(max) for the I
2C interface is 0.8 V rather than the 1.5 V as specified in the I2C standard.
VIL
GND
0.8
V
EXTAL, EXTCLK input high voltage
VIHC
0.7*(VDD
H)
VDDH
V
Input leakage current, Vin = 5.5 V (except TMS, TRST, DSCK and
DSDI pins) for 5-V tolerant pins 2
Iin
100
µA
Input leakage current, Vin = VDDH (except TMS, TRST, DSCK, and
DSDI)
IIn
—10
µA
Input leakage current, Vin = 0 V (except TMS, TRST, DSCK and DSDI
pins)
IIn
—10
µA
Input capacitance 4
Cin
—20
pF
Output high voltage, IOH = –2.0 mA,
except XTAL and open-drain pins
VOH
2.4
V
Output low voltage
IOL = 2.0 mA (CLKOUT)
IOL = 3.2 mA 5
IOL = 5.3 mA 6
IOL = 7.0 mA (TXD1/PA14, TXD2/PA12)
IOL = 8.9 mA (TS, TA, TEA, BI, BB, HRESET, SRESET)
VOL
—0.5
V


同様の部品番号 - KMPC880ZP80

メーカー部品番号データシート部品情報
logo
Freescale Semiconductor...
KMPC880ZP80 FREESCALE-KMPC880ZP80 Datasheet
1Mb / 92P
   Hardware Specifications
logo
NXP Semiconductors
KMPC880ZP80 NXP-KMPC880ZP80 Datasheet
1Mb / 87P
   MPC885/MPC880 PowerQUICC Hardware Specifications
Rev. 7, 07/2010
More results

同様の説明 - KMPC880ZP80

メーカー部品番号データシート部品情報
logo
Freescale Semiconductor...
MPC859T FREESCALE-MPC859T Datasheet
1Mb / 92P
   Hardware Specifications
MPC885 FREESCALE-MPC885 Datasheet
1Mb / 92P
   Hardware Specifications
MPC5200 FREESCALE-MPC5200 Datasheet
6Mb / 80P
   Hardware Specifications
KMPC8250ACZUMHBC FREESCALE-KMPC8250ACZUMHBC Datasheet
951Kb / 62P
   Hardware Specifications
MPC8250 FREESCALE-MPC8250_05 Datasheet
1Mb / 60P
   Hardware Specifications
MPC852T FREESCALE-MPC852T Datasheet
3Mb / 80P
   Hardware Specifications
MPC860 FREESCALE-MPC860 Datasheet
1Mb / 80P
   Hardware Specifications
MPC875 FREESCALE-MPC875 Datasheet
1Mb / 84P
   Hardware Specifications
MPC866 FREESCALE-MPC866 Datasheet
1Mb / 96P
   Hardware Specifications
logo
Motorola, Inc
MPC857T MOTOROLA-MPC857T Datasheet
1Mb / 88P
   Hardware Specifications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com