データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC7445ARX1000LG データシート(PDF) 37 Page - Freescale Semiconductor, Inc

部品番号 MC7445ARX1000LG
部品情報  RISC Microprocessor Hardware Specifications
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FREESCALE [Freescale Semiconductor, Inc]
ホームページ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC7445ARX1000LG データシート(HTML) 37 Page - Freescale Semiconductor, Inc

Back Button MC7445ARX1000LG Datasheet HTML 33Page - Freescale Semiconductor, Inc MC7445ARX1000LG Datasheet HTML 34Page - Freescale Semiconductor, Inc MC7445ARX1000LG Datasheet HTML 35Page - Freescale Semiconductor, Inc MC7445ARX1000LG Datasheet HTML 36Page - Freescale Semiconductor, Inc MC7445ARX1000LG Datasheet HTML 37Page - Freescale Semiconductor, Inc MC7445ARX1000LG Datasheet HTML 38Page - Freescale Semiconductor, Inc MC7445ARX1000LG Datasheet HTML 39Page - Freescale Semiconductor, Inc MC7445ARX1000LG Datasheet HTML 40Page - Freescale Semiconductor, Inc MC7445ARX1000LG Datasheet HTML 41Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 64 page
background image
MPC7455 RISC Microprocessor Hardware Specifications, Rev. 4.1
Freescale Semiconductor
37
Pinout Listings
TBEN
E1
High
Input
BVSEL
TBST
F11
Low
Output
BVSEL
TCK
C6
High
Input
BVSEL
TDI
B9
High
Input
BVSEL
7
TDO
A4
High
Output
BVSEL
TEA
L1
Low
Input
BVSEL
TEST[0:3]
A12, B6, B10, E10
Input
BVSEL
2
TEST[4]
D10
Input
BVSEL
9
TMS
F1
High
Input
BVSEL
7
TRST
A5
Low
Input
BVSEL
7, 14
TS
L4
Low
I/O
BVSEL
8
TSIZ[0:2]
G6, F7, E7
High
Output
BVSEL
TT[0:4]
E5, E6, F6, E9, C5
High
I/O
BVSEL
WT
D3
Low
Output
BVSEL
8
VDD
H8, H10, H12, J7, J9, J11, J13, K8, K10,
K12, K14, L7, L9, L11, L13, M8, M10, M12
——
N/A
Notes:
1. OVDD supplies power to the processor bus, JTAG, and all control signals; and VDD supplies power to the processor
core and the PLL (after filtering to become AVDD). To program the I/O voltage, connect BVSEL to either GND
(selects 1.8 V) or to HRESET (selects 2.5 V). If used, the pulldown resistor should be less than 250
Ω. For actual
recommended value of Vin or supply voltages see Table 4.
2. These input signals are for factory use only and must be pulled up to OVDD for normal machine operation.
3. These signals are for factory use only and must be left unconnected for normal machine operation.
4. Ignored in 60x bus mode.
5. This signal selects between MPX bus mode (asserted) and 60x bus mode (negated) and will be sampled at
HRESET going high.
6. This signal must be negated during reset, by pull-up to OVDD or negation by ¬HRESET (inverse of HRESET), to
ensure proper operation.
7. Internal pull-up on die.
8. These pins require weak pull-up resistors (for example, 4.7 k
Ω) to maintain the control signals in the negated state
after they have been actively negated and released by the MPC7445 and other bus masters.
9. These input signals are for factory use only and must be pulled down to GND for normal machine operation.
10.This pin can externally cause a performance monitor event. Counting of the event is enabled via software.
11.Unused address pins must be pulled down to GND.
12.This test signal is recommended to be tied to HRESET; however, other configurations will not adversely affect
performance.
13.These signals must be pulled down to GND if unused, or if the MPC7445 is in 60x bus mode.
14.This signal must be asserted during reset, by pull-down to GND or assertion by HRESET, to ensure proper
operation.
Table 15. Pinout Listing for the MPC7445, 360 CBGA Package (continued)
Signal Name
Pin Number
Active
I/O
I/F Select 1
Notes


同様の部品番号 - MC7445ARX1000LG

メーカー部品番号データシート部品情報
logo
Freescale Semiconductor...
MC7447A FREESCALE-MC7447A Datasheet
254Kb / 8P
   PowerPC microprocessor
logo
NXP Semiconductors
MC7447AHX1000LB NXP-MC7447AHX1000LB Datasheet
1Mb / 56P
   RISC Microprocessor Hardware Specifications
Rev. 5, 01/2006
logo
Freescale Semiconductor...
MC7447AHX1000NB FREESCALE-MC7447AHX1000NB Datasheet
254Kb / 8P
   PowerPC microprocessor
logo
NXP Semiconductors
MC7447AHX1000NB NXP-MC7447AHX1000NB Datasheet
1Mb / 56P
   RISC Microprocessor Hardware Specifications
Rev. 5, 01/2006
MC7447AHX1000NB NXP-MC7447AHX1000NB Datasheet
129Kb / 8P
   Hardware Specification Addendum for the MC7447AxxnnnnNx Series
Rev. 3, 09/2005
More results

同様の説明 - MC7445ARX1000LG

メーカー部品番号データシート部品情報
logo
Freescale Semiconductor...
XPC7445 FREESCALE-XPC7445 Datasheet
336Kb / 12P
   RISC Microprocessor Hardware Specifications
KMC7448HX1700LD FREESCALE-KMC7448HX1700LD Datasheet
754Kb / 60P
   RISC Microprocessor Hardware Specifications
MPC7410 FREESCALE-MPC7410_1 Datasheet
865Kb / 56P
   RISC Microprocessor Hardware Specifications
logo
NXP Semiconductors
MPC755EC NXP-MPC755EC Datasheet
1Mb / 56P
   RISC Microprocessor Hardware Specifications
Rev. 8, 02/2006
logo
Motorola, Inc
MPC755 MOTOROLA-MPC755 Datasheet
1Mb / 56P
   RISC Microprocessor Hardware Specifications
logo
Freescale Semiconductor...
MPC7457EC FREESCALE-MPC7457EC Datasheet
1Mb / 68P
   RISC Microprocessor Hardware Specifications
logo
NXP Semiconductors
MPC7447AEC NXP-MPC7447AEC Datasheet
1Mb / 56P
   RISC Microprocessor Hardware Specifications
Rev. 5, 01/2006
logo
Freescale Semiconductor...
MPC7447A FREESCALE-MPC7447A_06 Datasheet
1Mb / 56P
   RISC Microprocessor Hardware Specifications
MPC7448 FREESCALE-MPC7448 Datasheet
1Mb / 60P
   RISC Microprocessor Hardware Specifications
MPC7448EC FREESCALE-MPC7448EC Datasheet
753Kb / 60P
   RISC Microprocessor Hardware Specifications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com