データシートサーチシステム
Selected language   Japanese  ▼

Delete All
ON OFF
ALLDATASHEET.JP

X  

Preview PDF Download HTML

MSM9842 データシート(PDF) 6 Page - OKI electronic componets

部品番号. MSM9842
部品情報  Playback LSI with Built-in FIFO
ダウンロード  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
メーカー  OKI [OKI electronic componets]
ホームページ  http://www.oki.com
Logo 

MSM9842 Datasheet(HTML) 6 Page - OKI electronic componets

   
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
6/9
MSM9842
¡ Semiconductor
FEDL9842-02
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Condition
Rating
Unit
Power Supply Voltage
VDD
Ta=25°C
–0.3 to + 7.0
V
Input Voltage
VIN
Ta=25°C
–0.3 to VDD+ 0.3
V
Storage Temperature
TSTG
–55 to + 155
°C
RECOMMENDED OPERATING CONDITIONS
Parameter
Symbol
Condition
Range
Unit
Power Supply Voltage
VDD
DGND=AGND=0V
2.7 to 5.5
V
Operating Temperature
TOP
–40 to +85
°C
Master Clock Frequency
fOSC
4.0 to 6.0
MHz
ELECTRICAL CHARACTERISTICS
DC Characteristics
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
VIH
—VDD¥0.85
V
VIL
——
VDD¥0.2
V
VOH
IOH=–40 mAVDD–0.3
V
VOL
IOL=2 mA
0.45
V
IIH1
VIH=VDD
——10
mA
IIH2
VIH=VDD
——20
mA
IIL1
VIL=DGND
–10
mA
IIL2
VIL=DGND
–20
mA
IDD
DVDD=AVDD=4.5 to 5.5 V,
—1530
mA
At power down, without load
Ta=–40 to +70°C
——10
mA
IDDS
At power down, without load
Ta=–40 to +85°C
——50
mA
High-level Input Voltage
Low-level Input Voltage
High-level output Voltage
Low-level output Voltage
High-level Input Current (*1)
High-level Input Current (*2)
Low-level Input Current (*1)
Low-level Input Current (*2)
Operating Current consumption
Stanby Current consumption
DVDD=AVDD=2.7 to 5.5V, DGND=AGND=0V, Ta=–40 to +85°C
High-level Input Current (*3)
IIH3
DVDD=AVDD=4.5 to 5.5 V, VIH=VDD
30
150
300
mA
DVDD=AVDD=2.7 to 3.6 V, VIH=VDD
10
50
100
mA
fosc=4.096 MHz, whithout load
DVDD=AVDD=2.7 to 3.6 V,
fosc=4.096 MHz, whithout load
—1020
mA
*1 Applicable to input excluding XT pin.
*2 Applicable to XT pin.
*3 Applicable to TEST0, TEST1.


Html ページ

1  2  3  4  5  6  7  8  9 


Datasheet Download



関連電子部品番号

部品番号コンポーネントの説明Html Viewメーカー
MSM9841Recording and Playback LSI with Built-in FIFO 1 2 3 4 5 MoreOKI electronic componets
ML2302Recording and Playback LSI with Built-in 2-Bit ADPCM2 Supported FIFO 1 2 3 4 5 MoreOKI electronic componets
MN6155PLL LSI with Built-In Prescaler 1 2 3 4 5 MorePanasonic Semiconductor
ML2500BAnalog-Storage Single-chip Record/Playback LSI with 1M Bit-Cell Flash Memory 1 2 3 4 5 MoreOKI electronic componets
LC89512WCD-ROM Error Correction LSI with Built-In SCSI Interface 1 2 3 4 5 Sanyo Semicon Device
MS87V1021Recording and Playback IC with Built-in 2-Mbit DRAM 1 2 3 4 5 MoreOKI electronic componets
MSM9844VOICE SYNTHESIS LSI with on-chip FIFO Memory 1 2 3 4 5 MoreOKI electronic componets
CXD2930BRGPS LSI with Built-in 32-bit RISC CPU 1 2 3 4 5 MoreSony Corporation
MSM9845VOICE SYNTHESIS LSI with on-chip FIFO Memory 1 2 3 4 5 MoreOKI electronic componets

リンク URL



Privacy Policy
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   ブックマーク
   |   リンク交換   |   メーカーリスト
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn