データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TLV2474APWPRQ1 データシート(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
部品番号 TLV2474APWPRQ1
部品情報  FAMILY OF 600-uA.CH 2.8-HHz RAIL-TO-RAIL INPUT-OUTPUT HIGH-DRIVE OPERATIONAL AMPLIFIERS
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

TLV2474APWPRQ1 データシート(HTML) 6 Page - Texas Instruments

Back Button TLV2474APWPRQ1 Datasheet HTML 2Page - Texas Instruments TLV2474APWPRQ1 Datasheet HTML 3Page - Texas Instruments TLV2474APWPRQ1 Datasheet HTML 4Page - Texas Instruments TLV2474APWPRQ1 Datasheet HTML 5Page - Texas Instruments TLV2474APWPRQ1 Datasheet HTML 6Page - Texas Instruments TLV2474APWPRQ1 Datasheet HTML 7Page - Texas Instruments TLV2474APWPRQ1 Datasheet HTML 8Page - Texas Instruments TLV2474APWPRQ1 Datasheet HTML 9Page - Texas Instruments TLV2474APWPRQ1 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
TLV247xQ1, TLV247xAQ1
FAMILY OF 600 µA/Ch 2.8MHz RAILTORAIL INPUT/OUTPUT
HIGHDRIVE OPERATIONAL AMPLIFIERS
SGLS180A − AUGUST 2003 − REVISED OCTOBER 2004
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics at specified free-air temperature, VDD = 5 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TA†
MIN
TYP
MAX
UNIT
V
= V
/2,
TLV247x
25
°C
250
2200
VIO
Input offset voltage
VIC = VDD/2,
VO = VDD/2,
TLV247x
Full range
2400
V
VIO
Input offset voltage
IC
DD
VO = VDD/2,
RS = 50 Ω
TLV247xA
25
°C
250
1600
µV
RS = 50 Ω
TLV247xA
Full range
2000
VIO
Temperature coefficient of input
VIC = VDD/2,
VO = VDD/2,
0.4
V/
°C
αVIO
Temperature coefficient of input
offset voltage
IC
DD
VO = VDD/2,
RS = 50 Ω
0.4
µV/°C
IIO
Input offset current
VIC = VDD/2,
VO = VDD/2,
25
°C
1.7
50
IIO
Input offset current
IC
DD
VO = VDD/2,
RS = 50 Ω
Full range
300
pA
IIB
Input bias current
VIC = VDD/2,
VO = VDD/2,
25
°C
2.5
50
pA
IIB
Input bias current
IC
DD
VO = VDD/2,
RS = 50 Ω
Full range
300
IOH = − 2.5 mA
25
°C
4.85
4.96
VOH
High-level output voltage
VIC = VDD/2
IOH = − 2.5 mA
Full range
4.8
V
VOH
High-level output voltage
VIC = VDD/2
IOH = − 10 mA
25
°C
4.72
4.82
V
IOH = − 10 mA
Full range
4.65
IOL = 2.5 mA
25
°C
0.07
0.15
VOL
Low-level output voltage
VIC = VDD/2
IOL = 2.5 mA
Full range
0.2
V
VOL
Low-level output voltage
VIC = VDD/2
IOL = 10 mA
25
°C
0.178
0.28
V
IOL = 10 mA
Full range
0.35
Sourcing
25
°C
110
IOS
Short-circuit output current
Sourcing
Full range
60
mA
IOS
Short-circuit output current
Sinking
25
°C
90
mA
Sinking
Full range
60
IO
Output current
VO = 0.5 V from rail
25
°C
±35
mA
AVD
Large-signal differential voltage
VO(PP) = 3 V,
RL = 10 kΩ
25
°C
92
120
dB
AVD
Large-signal differential voltage
amplification
VO(PP) = 3 V,
RL = 10 kΩ
Full range
91
dB
ri(d)
Differential input resistance
25
°C
1012
CIC
Common-mode input
capacitance
f = 10 kHz
25
°C
18.9
pF
zo
Closed-loop output impedance
f = 10 kHz,
AV = 10
25
°C
1.8
CMRR
Common-mode rejection ratio
VIC = 0 to 5 V,
25
°C
62
84
dB
CMRR
Common-mode rejection ratio
VIC = 0 to 5 V,
RS = 50 Ω
Full range
58
dB
VDD = 2.7 V to 6 V,
VIC = VDD /2,
25
°C
68
90
kSVR
Supply voltage rejection ratio
VDD = 2.7 V to 6 V,
No load
VIC = VDD /2,
Full range
60
dB
kSVR
Supply voltage rejection ratio
(
∆VDD /∆VIO)
VDD = 3 V to 5 V,
VIC = VDD /2,
25
°C
70
92
dB
( VDD / VIO)
VDD = 3 V to 5 V,
No load
VIC = VDD /2,
Full range
60
IDD
Supply current (per channel)
VO = 2.5 V,
No load
25
°C
600
900
µA
IDD
Supply current (per channel)
VO = 2.5 V,
No load
Full range
1000
µA
† Full range is −40°C to 125°C. If not specified, full range is −40°C to 125°C.


同様の部品番号 - TLV2474APWPRQ1

メーカー部品番号データシート部品情報
logo
Texas Instruments
TLV2474APWPRQ1 TI1-TLV2474APWPRQ1 Datasheet
780Kb / 31P
[Old version datasheet]   FAMILY OF 600-關A/Ch 2.8-MHz RAIL-TO-RAIL INPUT/OUTPUT HIGH-DRIVE OPERATIONAL AMPLIFIERS
TLV2474APWPRQ1 TI1-TLV2474APWPRQ1 Datasheet
1Mb / 34P
[Old version datasheet]   FAMILY OF 600-uA.CH 2.8-HHz RAIL-TO-RAIL INPUT-OUTPUT HIGH-DRIVE OPERATIONAL AMPLIFIERS
More results

同様の説明 - TLV2474APWPRQ1

メーカー部品番号データシート部品情報
logo
Texas Instruments
TLV247X-Q1 TI1-TLV247X-Q1_16 Datasheet
1Mb / 34P
[Old version datasheet]   FAMILY OF 600-uA.CH 2.8-HHz RAIL-TO-RAIL INPUT-OUTPUT HIGH-DRIVE OPERATIONAL AMPLIFIERS
TLV2471-Q1 TI1-TLV2471-Q1 Datasheet
780Kb / 31P
[Old version datasheet]   FAMILY OF 600-關A/Ch 2.8-MHz RAIL-TO-RAIL INPUT/OUTPUT HIGH-DRIVE OPERATIONAL AMPLIFIERS
TLV2470 TI-TLV2470 Datasheet
1Mb / 41P
[Old version datasheet]   FAMILY OF 600-mA/Ch 2.8-MHz RAIL-TO-RAIL INPUT/OUTPUT HIGH-DRIVE OPERATIONAL AMPLIFIERS WITH SHUTDOWN
logo
Unisonic Technologies
V2462 UTC-V2462 Datasheet
200Kb / 8P
   FAMILY OF LOW-POWER RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS
logo
Texas Instruments
TLV2382 TI-TLV2382 Datasheet
276Kb / 12P
[Old version datasheet]   FAMILY OF MICROPOWER RAIL-TO-RAIL INPUT AND OUTPUT OPERATIONAL AMPLIFIERS
TLV2381 TI1-TLV2381_15 Datasheet
637Kb / 20P
[Old version datasheet]   FAMILY OF MICROPOWER RAIL-TO-RAIL INPUT AND OUTPUT OPERATIONAL AMPLIFIERS
logo
Unisonic Technologies
LV2460 UTC-LV2460 Datasheet
240Kb / 8P
   FAMILY OF LOW-POWER RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS
LV2462 UTC-LV2462 Datasheet
331Kb / 8P
   FAMILY OF LOW-POWER RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS
logo
Texas Instruments
TLV2381 TI1-TLV2381_12 Datasheet
663Kb / 20P
[Old version datasheet]   FAMILY OF MICROPOWER RAIL-TO-RAIL INPUT AND OUTPUT OPERATIONAL AMPLIFIERS
logo
Unisonic Technologies
LV2464 UTC-LV2464 Datasheet
244Kb / 7P
   FAMILY OF LOW-POWER RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com