データシートサーチシステム |
|
LM2904VQPWR データシート(PDF) 1 Page - Texas Instruments |
|
|
LM2904VQPWR データシート(HTML) 1 Page - Texas Instruments |
1 / 20 page LM158, LM158A, LM258, LM258A LM358, LM358A, LM2904, LM2904V DUAL OPERATIONAL AMPLIFIERS SLOS068P − JUNE 1976 − REVISED SEPTEMBER 2004 1 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 D Wide Supply Range: − Single Supply ...3 V to 32 V (26 V for LM2904) − or Dual Supplies . . . +1.5 V to +16 V ( +13 V for LM2904) D Low Supply-Current Drain, Independent of Supply Voltage . . . 0.7 mA Typ D Common-Mode Input Voltage Range Includes Ground, Allowing Direct Sensing Near Ground D Low Input Bias and Offset Parameters: − Input Offset Voltage ...3 mV Typ A Versions ...2 mV Typ − Input Offset Current ...2 nA Typ − Input Bias Current . . . 20 nA Typ A Versions . . . 15 nA Typ D Differential Input Voltage Range Equal to Maximum-Rated Supply Voltage ...32 V (26 V for LM2904) D Open-Loop Differential Voltage Amplification . . . 100 V/mV Typ D Internal Frequency Compensation description/ordering information These devices consist of two independent, high-gain, frequency-compensated operational amplifiers designed to operate from a single supply over a wide range of voltages. Operation from split supplies also is possible if the difference between the two supplies is 3 V to 32 V (3 V to 26 V for the LM2904), and VCC is at least 1.5 V more positive than the input common-mode voltage. The low supply-current drain is independent of the magnitude of the supply voltage. Applications include transducer amplifiers, dc amplification blocks, and all the conventional operational amplifier circuits that now can be implemented more easily in single-supply-voltage systems. For example, these devices can be operated directly from the standard 5-V supply used in digital systems and easily can provide the required interface electronics without additional ±5-V supplies. Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet. Copyright 2004, Texas Instruments Incorporated PRODUCTION DATA information is current as of publication date. Products conform to specifications per the terms of Texas Instruments standard warranty. Production processing does not necessarily include testing of all parameters. 1 2 3 4 8 7 6 5 1OUT 1IN− 1IN+ GND VCC 2OUT 2IN− 2IN+ LM158, LM158A ...JG PACKAGE LM258, LM258A . . . D, DGK, OR P PACKAGE LM358 . . . D, DGK, P, PS, OR PW PACKAGE LM358A . . . D, DGK, P, OR PW PACKAGE LM2904 . . . D, DGK, P, PS, OR PW PACKAGE (TOP VIEW) 32 1 20 19 910 11 12 13 4 5 6 7 8 18 17 16 15 14 NC 2OUT NC 2IN− NC NC 1IN− NC 1IN+ NC LM158, LM158A . . . FK PACKAGE (TOP VIEW) NC − No internal connection On products compliant to MILPRF38535, all parameters are tested unless otherwise noted. On all other products, production processing does not necessarily include testing of all parameters. |
同様の部品番号 - LM2904VQPWR |
|
同様の説明 - LM2904VQPWR |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |