データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CX65105 データシート(PDF) 3 Page - List of Unclassifed Manufacturers

部品番号 CX65105
部品情報  1700 - 2200 MHz Linear Power Amplifier
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC1 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC1 - List of Unclassifed Manufacturers

CX65105 データシート(HTML) 3 Page - List of Unclassifed Manufacturers

  CX65105 Datasheet HTML 1Page - List of Unclassifed Manufacturers CX65105 Datasheet HTML 2Page - List of Unclassifed Manufacturers CX65105 Datasheet HTML 3Page - List of Unclassifed Manufacturers CX65105 Datasheet HTML 4Page - List of Unclassifed Manufacturers CX65105 Datasheet HTML 5Page - List of Unclassifed Manufacturers CX65105 Datasheet HTML 6Page - List of Unclassifed Manufacturers CX65105 Datasheet HTML 7Page - List of Unclassifed Manufacturers CX65105 Datasheet HTML 8Page - List of Unclassifed Manufacturers CX65105 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
DATA SHEET • CX65105
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
101476F • Skyworks Proprietary and Confidential information • Products and Product Information are Subject to Change Without Notice • October 15, 2004
3
Table 2. CX65105 Absolute Maximum Ratings
Parameter
Symbol
Min
Typical
Max
Units
RF input power
PIN
7
dBm
Supply voltage
VCC
6
V
Reference voltage
VREF
4
V
Case operating temperature
TC
–40
+85
°C
Storage temperature
TST
–55
+125
°C
Note:
Exposure to maximum rating conditions for extended periods may reduce device reliability. There is no damage to device with only one parameter set at the limit and all other
parameters set at or below their nominal values.
Table 3. CX65105 Recommended Operating Conditions
Parameter
Symbol
Min
Typical
Max
Units
Supply voltage
VCC
5
V
Reference voltage
VREF
3.6
V
Operating frequency
FO
1700
1900
2200
MHz
Table 4. CX65105 Electrical Characteristics
(VCC = 5.0 V, VREF = 3.6 V, Frequency = 1900 MHz, TC = 25 °C, unless otherwise noted)
Parameter
Symbol
Test Conditions
Min
Typical
Max
Units
Analog Inputs
Frequency range
1700
1900
2200
MHz
Quiescent current
IQ
143
185
mA
Small signal gain
G
PIN = –15 dBm
23.5
25.0
dB
Output power
POUT
PIN = 5 dBm
27
28.5
dBm
Efficiency
PAE
PIN = 5 dBm
25
30
%
Noise Figure (NF)
NF
6
7
dB
Output IP3
OIP3
Two tones with 100 kHz
spacing, PIN = 0 dBm per
tone
36
40
dBm
POUT @ ACPR = –45 dBc
POUT_ACPR
f = 1960 MHz
22
24
dBm
POUt @ ACLR = –45 dBc
POUT_ACLR
f = 2140 MHz
18
20
dBm
Note:
The above specifications apply only to the 1900 MHz operating frequency.
24
25
26
27
28
29
30
31
23
4
5
67
Pin (dBm)
-30C
25C
85C
Figure 3. Typical POUT vs PIN Over Temperature
16
18
20
22
24
26
28
30
32
34
36
23
4
5
67
Pin (dBm)
85C
25C
-30C
Figure 4. Typical PAE vs PIN Over Temperature


同様の部品番号 - CX65105

メーカー部品番号データシート部品情報
logo
Skyworks Solutions Inc.
CX65100 SKYWORKS-CX65100 Datasheet
185Kb / 9P
   700 - 1000 MHz Linear Power Amplifier
CX65100-11 SKYWORKS-CX65100-11 Datasheet
185Kb / 9P
   700 - 1000 MHz Linear Power Amplifier
logo
List of Unclassifed Man...
CX65104 ETC-CX65104 Datasheet
166Kb / 9P
   700 - 1000 MHz Linear Power Amplifier
CX65104-11 ETC-CX65104-11 Datasheet
166Kb / 9P
   700 - 1000 MHz Linear Power Amplifier
More results

同様の説明 - CX65105

メーカー部品番号データシート部品情報
logo
Skyworks Solutions Inc.
SKY65105 SKYWORKS-SKY65105 Datasheet
169Kb / 11P
   1700 - 2200 MHz Linear Power Amplifier
logo
Stealth Microwave, Inc.
SM1720-41L STEALTH_MICROWAVE-SM1720-41L Datasheet
104Kb / 2P
   1700-2000 MHz 12 Watt Linear Power Amplifier
SM1720-37HS STEALTH_MICROWAVE-SM1720-37HS Datasheet
89Kb / 3P
   1700-2000 MHz 5 Watt Linear Power Amplifier
SM1727-34HSQ STEALTH_MICROWAVE-SM1727-34HSQ Datasheet
96Kb / 2P
   1700-2700 MHz 3 Watt Linear Power Amplifier
SM1727-37SQ STEALTH_MICROWAVE-SM1727-37SQ Datasheet
94Kb / 2P
   1700-2700 MHz 5 Watt Linear Power Amplifier
SM1727-37S STEALTH_MICROWAVE-SM1727-37S Datasheet
94Kb / 2P
   1700-2700 MHz 5 Watt Linear Power Amplifier
SM1720-37H STEALTH_MICROWAVE-SM1720-37H Datasheet
93Kb / 2P
   1700-2000 MHz 5 Watt Linear Power Amplifier
SM1720-50L STEALTH_MICROWAVE-SM1720-50L Datasheet
150Kb / 3P
   1700-2000 MHz 100 Watt Linear Power Amplifier
logo
Yantel Corporation
DC1800U10-123 YANTEL-DC1800U10-123 Datasheet
408Kb / 4P
   Directional Coupler 1700 MHz-2200 MHz
logo
Stealth Microwave, Inc.
SM1720-34HS STEALTH_MICROWAVE-SM1720-34HS Datasheet
64Kb / 2P
   1700-2000 MHz 3 Watt Linear Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com