データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

HCPL-7510 データシート(PDF) 6 Page - Agilent(Hewlett-Packard)

部品番号 HCPL-7510
部品情報  Isolated Linear Sensing IC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  HP [Agilent(Hewlett-Packard)]
ホームページ  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL-7510 データシート(HTML) 6 Page - Agilent(Hewlett-Packard)

Back Button HCPL-7510 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HCPL-7510 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HCPL-7510 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL-7510 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL-7510 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL-7510 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL-7510 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL-7510 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HCPL-7510 Datasheet HTML 10Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
Insulation and Safety Related Specifications
Parameter
Symbol
Value
Unit
Conditions
Minimum External Air Gap
L(101)
7.4
mm
Measured from input terminals to output terminals,
(clearance)
shortest distance through air.
Minimum External Tracking
L(102)
8.0
mm
Measured from input terminals to output terminals,
(creepage)
shortest distance path along body.
Minimum Internal Plastic Gap
0.5
mm
Through insulation distance conductor to conductor,
(internal clearance)
usually the straight line distance thickness between the
emitter and detector.
Tracking Resistance
CTI
>175
V
DIN IEC 112 Part 1
(comparative tracking index)
Isolation Group
IIIa
Material Group (DIN EN 0110-1/1997-04)
Absolute Maximum Ratings
Parameter
Symbol
Min.
Max.
Units
Note
Storage Temperature
TS
–55
125
°C
Operating Temperature
TA
–40
100
°C
Supply Voltage
VDD1_max, VDD1_max
06
V
Steady-State Input Voltage
VIN+, VIN-
–2.0
VDD1 + 0.5-
V
Two Second Transient Input Voltage
VIN+, VIN-
–6.0
VDD1 + 0.5-
V
Output Voltage
VOUT
–0.5
VDD2 + 0.5-
V
Reference Input Voltage
VREF
0.0
VDD2 + 0.5-
V
Reference Input Current
IREF
20-
mA
Lead Solder Temperature
260°C for 10 sec., 1.6 mm below seating plane
Solder Reflow Temperature Profile
See Package Outline Drawings section
Recommended Operating Conditions
Parameter
Symbol
Min.
Max.
Units
Note
Operating Temperature
TA
–40
85
°C
Supply Voltage
VDD1, VDD2
4.5
5.5
V
Input Voltage (accurate and linear)
VIN+, VIN-
–200
200
mV
Input Voltage (functional)
VIN+, VIN-
–2.0
2.0
V
Reference Input Voltage
VREF
4.0
VDD2
V


同様の部品番号 - HCPL-7510

メーカー部品番号データシート部品情報
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-7510 AVAGO-HCPL-7510 Datasheet
232Kb / 16P
   Isolated Linear Sensing IC
HCPL-7510-360E AVAGO-HCPL-7510-360E Datasheet
586Kb / 17P
   HCPL-7510 Isolated Linear Sensing IC
More results

同様の説明 - HCPL-7510

メーカー部品番号データシート部品情報
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-7510 AVAGO-HCPL-7510 Datasheet
232Kb / 16P
   Isolated Linear Sensing IC
logo
Agilent(Hewlett-Packard...
HCPL7520 HP-HCPL7520 Datasheet
129Kb / 15P
   Isolated Linear Sensing IC
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-7520 AVAGO-HCPL-7520 Datasheet
231Kb / 16P
   Isolated Linear Sensing IC
HCPL-7520-000E AVAGO-HCPL-7520-000E Datasheet
248Kb / 16P
   Isolated Linear Sensing IC
HCPL-7520-300 AVAGO-HCPL-7520-300 Datasheet
248Kb / 16P
   Isolated Linear Sensing IC
HCPL-7520 AVAGO-HCPL-7520 Datasheet
248Kb / 16P
   Isolated Linear Sensing IC
HCPL-7510-360E AVAGO-HCPL-7510-360E Datasheet
586Kb / 17P
   HCPL-7510 Isolated Linear Sensing IC
logo
Infineon Technologies A...
IR2171 INFINEON-IR2171 Datasheet
147Kb / 6P
   LINEAR CURRENT SENSING IC
Data Sheet No. PD60192 revG
IR2175 INFINEON-IR2175 Datasheet
109Kb / 7P
   LINEAR CURRENT SENSING IC
Data Sheet No. PD60208 Rev. E
logo
International Rectifier
IR2171 IRF-IR2171_06 Datasheet
147Kb / 6P
   LINEAR CURRENT SENSING IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com