データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

KM68V1000BLRI-7L データシート(PDF) 4 Page - Samsung semiconductor

部品番号 KM68V1000BLRI-7L
部品情報  128K X 8bit Low Power and Low Voltage CMOS Statinc RAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SAMSUNG [Samsung semiconductor]
ホームページ  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KM68V1000BLRI-7L データシート(HTML) 4 Page - Samsung semiconductor

  KM68V1000BLRI-7L Datasheet HTML 1Page - Samsung semiconductor KM68V1000BLRI-7L Datasheet HTML 2Page - Samsung semiconductor KM68V1000BLRI-7L Datasheet HTML 3Page - Samsung semiconductor KM68V1000BLRI-7L Datasheet HTML 4Page - Samsung semiconductor KM68V1000BLRI-7L Datasheet HTML 5Page - Samsung semiconductor KM68V1000BLRI-7L Datasheet HTML 6Page - Samsung semiconductor KM68V1000BLRI-7L Datasheet HTML 7Page - Samsung semiconductor KM68V1000BLRI-7L Datasheet HTML 8Page - Samsung semiconductor KM68V1000BLRI-7L Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
KM68V1000B, KM68U1000B Family
CMOS SRAM
Revision 2.0
March 1998
CAPACITANCE1) (f=1MHz, TA=25
°C)
1. Capacitance is sampled not, 100% tested
Item
Symbol
Test Condition
Min
Max
Unit
Input capacitance
CIN
VIN=0V
-
6
pF
Input/Output capacitance
CIO
VIO=0V
-
8
pF
RECOMMENDED DC OPERATING CONDITIONS1)
Note:
1. Commercial Product : TA=0 to 70
°C, unless otherwise specified
Extended Product : TA=-25 to 85
°C, unless otherwise specified
Industrial Product : TA=-40 to 85
°C, unless otherwise specified
2. Overshoot : VCC+3.0V in case of pulse width≤30ns
3. Undershoot : -3.0V in case of pulse width
≤30ns
4. Overshoot and undershoot are sampled, not 100% tested
Item
Symbol
Product
Min
Typ
Max
Unit
Supply voltage
Vcc
KM68V1000B Family
KM68U1000B Family
3.0
2.7
3.3
3.0
3.6
3.3
V
Ground
Vss
All Family
0
0
0
V
Input high voltage
VIH
KM68V1000B, KM68U1000B Family
2.2
-
Vcc+0.32)
V
Input low voltage
VIL
KM68V1000B, KM68U1000B Family
-0.33)
-
0.4
V
DC AND OPERATING CHARACTERISTICS
Item
Symbol
Test Conditions
Min
Typ
Max
Unit
Input leakage current
ILI
VIN=Vss to Vcc
-1
-
1
µA
Output leakage current
ILO
CS1=VIH or CS2=VIL or WE=VIL, Vio=Vss to Vcc
-1
-
1
µA
Operating power supply current
ICC
CS1=VIL,CS2=VIH,VIN=VIH or VIL, IIO=0mA
-
2
5
mA
Average operating current
ICC1
Cycle time=1
µs, 100% duty, IIO=0mA, CS1≤0.2V,
CS2
≥VCC-0.2V, VIN≤0.2V or VIN≥VCC-0.2V
-
3
5
mA
ICC2
Min cycle, 100% duty, IIO=0mA, CS1=VIL, CS2=VIH
-
30
40
mA
Output low voltage
VOL
IOL=2.1mA
-
-
0.4
V
Output high voltage
VOH
IOH=-1.0mA
2.2
-
-
V
Standby Current(TTL)
ISB
CS1=VIH, CS2=VIL
-
-
0.3
mA
Standby
Current
(CMOS)
KM68V1000BL/L-L
ISB1
CS1
≥Vcc-0.2V
CS2
≥Vcc-0.2V or CS2≤0.2V
Other input =0~Vcc
Low Power
Low Low Power
-
-
1.0
0.5
50
15
µA
KM68V1000BLE/LE-L
KM68V1000BLI/LI-L
Low Power
Low Low Power
-
-
1.0
0.5
100
20
µA
KM68U1000BL/L-L
Low Power
Low Low Power
-
-
1.0
0.5
50
15
µA
KM68U1000BLE/LE-L
KM68U1000BLI/LI-L
Low Power
Low Low Power
-
-
1.0
0.5
50
15
µA


同様の部品番号 - KM68V1000BLRI-7L

メーカー部品番号データシート部品情報
logo
Samsung semiconductor
KM68V1000C SAMSUNG-KM68V1000C Datasheet
149Kb / 11P
   128K x8 bit Low Power and Low Voltage CMOS Static RAM
More results

同様の説明 - KM68V1000BLRI-7L

メーカー部品番号データシート部品情報
logo
Integrated Silicon Solu...
IS62LV1288LL ISSI-IS62LV1288LL Datasheet
77Kb / 10P
   128K x 8 LOW POWER and LOW Vcc CMOS STATIC RAM
IS62WV1288DALL ISSI-IS62WV1288DALL Datasheet
468Kb / 16P
   128K x 8 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
IS62WV12816ALL ISSI-IS62WV12816ALL Datasheet
112Kb / 17P
   128K x 16 LOW VOLTAGE ULTRA LOW POWER CMOS STATIC RAM
IS65WV12816ALL ISSI-IS65WV12816ALL Datasheet
133Kb / 19P
   128K x 16 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
logo
Integrated Circuit Solu...
IS62LV12816L ICSI-IS62LV12816L Datasheet
462Kb / 10P
   128K x 16 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
logo
Integrated Silicon Solu...
IS62WV1288ALL ISSI-IS62WV1288ALL Datasheet
111Kb / 15P
   128K x 8 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
IS62LV12816BLL ISSI-IS62LV12816BLL Datasheet
94Kb / 10P
   128K x 16 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
IS62WV12816DALL ISSI-IS62WV12816DALL Datasheet
429Kb / 17P
   128K x 16 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
logo
Integrated Circuit Solu...
IC62LV12816L ICSI-IC62LV12816L Datasheet
139Kb / 10P
   128K x 16 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
logo
Taiwan Memory Technolog...
T15M1024A TMT-T15M1024A Datasheet
85Kb / 13P
   128K X 8 LOW POWER CMOS STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com