データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

HLMP-EL08-VX400 データシート(PDF) 10 Page - Agilent(Hewlett-Packard)

部品番号 HLMP-EL08-VX400
部品情報  T-1 (5mm) Precision Optical Performance AlInGaP LED Lamps
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  HP [Agilent(Hewlett-Packard)]
ホームページ  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HLMP-EL08-VX400 データシート(HTML) 10 Page - Agilent(Hewlett-Packard)

Back Button HLMP-EL08-VX400 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HLMP-EL08-VX400 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HLMP-EL08-VX400 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HLMP-EL08-VX400 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HLMP-EL08-VX400 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HLMP-EL08-VX400 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HLMP-EL08-VX400 Datasheet HTML 10Page - Agilent(Hewlett-Packard) HLMP-EL08-VX400 Datasheet HTML 11Page - Agilent(Hewlett-Packard) HLMP-EL08-VX400 Datasheet HTML 12Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
Figure 2. Forward Current vs. Forward Voltage.
Figure 3. Relative Luminous Intensity vs.
Forward Current.
Figure 4. Maximum Forward Current vs. Ambient
Temperature. Derating Based on TJMAX = 130°C.
Figure 1. Relative Intensity vs. Peak Wavelength.
Figure 5. Representative Spatial Radiation Pattern for 6
° Viewing Angle Lamps.
WAVELENGTH – nm
550
600
650
700
1.0
0.5
0
AMBER
RED-ORANGE
ORANGE
RED
1.0
0
VF – FORWARD VOLTAGE – V
2.5
100
40
30
1.5
2.0
60
3.0
10
20
50
RED
AMBER
70
80
90
0
0
IF – DC FORWARD CURRENT – mA
40
3.0
2.0
1.5
1.0
0.5
20
60
2.5
0
0
TA – AMBIENT TEMPERATURE – °C
40
80
50
40
30
20
10
20
60
100
R
θJA = 585° C/W
R
θJA = 780° C/W
100
0
θ – ANGULAR DISPLACEMENT – DEGREES
80
60
50
70
20
-20
-15
10
30
40
-10
0
5
10
15
20
25
90
-25
-5


同様の部品番号 - HLMP-EL08-VX400

メーカー部品番号データシート部品情報
logo
Agilent(Hewlett-Packard...
HLMP-EL08-VX400 HP-HLMP-EL08-VX400 Datasheet
179Kb / 12P
   T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
More results

同様の説明 - HLMP-EL08-VX400

メーカー部品番号データシート部品情報
logo
Broadcom Corporation.
HLMP-ELXX BOARDCOM-HLMP-ELXX_V01 Datasheet
736Kb / 18P
   T-1¾ (5 mm) Precision Optical Performance AlInGaP LED Lamps
March 12, 2018
HLMP-EL55 BOARDCOM-HLMP-EL55 Datasheet
583Kb / 13P
   T-1¾ (5 mm) Precision Optical Performance AlInGaP LED Lamps
July 16, 2020
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-BL06-QRKDD AVAGO-HLMP-BL06-QRKDD Datasheet
379Kb / 12P
   5mm mini Oval Precision Optical Performance AlInGaP Lamps
HLMP-AD06-NSTXX AVAGO-HLMP-AD06-NSTXX Datasheet
379Kb / 12P
   5mm mini Oval Precision Optical Performance AlInGaP Lamps
logo
Agilent(Hewlett-Packard...
HLMP-DLXX HP-HLMP-DLXX Datasheet
129Kb / 8P
   T-1 - 3/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
HLMP-EL55 HP-HLMP-EL55 Datasheet
688Kb / 6P
   T-1 3/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
logo
Broadcom Corporation.
HLMP-ELXX BOARDCOM-HLMP-ELXX Datasheet
280Kb / 13P
   Precision Optical Performance AlInGaP II LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-ED16-WZ0DD AVAGO-HLMP-ED16-WZ0DD Datasheet
342Kb / 13P
   Precision Optical Performance AlInGaP II LED Lamps
logo
Unity Opto Technology
MVL-5C4UYL UOT-MVL-5C4UYL Datasheet
39Kb / 2P
   T-1 3/4 (5mm) High Performance AlInGaP LED Lamps
MVL-5A4UG UOT-MVL-5A4UG Datasheet
36Kb / 2P
   T-1 3/4 (5mm) High Performance AlInGaP LED Lamps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com