データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CS18LV20483ADCR55 データシート(PDF) 2 Page - List of Unclassifed Manufacturers

部品番号 CS18LV20483ADCR55
部品情報  High Speec Super Low Power SRAM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC1 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC1 - List of Unclassifed Manufacturers

CS18LV20483ADCR55 データシート(HTML) 2 Page - List of Unclassifed Manufacturers

  CS18LV20483ADCR55 Datasheet HTML 1Page - List of Unclassifed Manufacturers CS18LV20483ADCR55 Datasheet HTML 2Page - List of Unclassifed Manufacturers CS18LV20483ADCR55 Datasheet HTML 3Page - List of Unclassifed Manufacturers CS18LV20483ADCR55 Datasheet HTML 4Page - List of Unclassifed Manufacturers CS18LV20483ADCR55 Datasheet HTML 5Page - List of Unclassifed Manufacturers CS18LV20483ADCR55 Datasheet HTML 6Page - List of Unclassifed Manufacturers CS18LV20483ADCR55 Datasheet HTML 7Page - List of Unclassifed Manufacturers CS18LV20483ADCR55 Datasheet HTML 8Page - List of Unclassifed Manufacturers CS18LV20483ADCR55 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
High Speed Super Low Power SRAM
256K-Word By 8 Bit
CS18LV20483
2
Rev. 1.0
Chiplus reserves the right to change product or specification without notice.
GENERAL DESCRIPTION
The CS18LV20483 is a high performance, high speed, and super low power CMOS Static
Random Access Memory organized as 262,144 words by 8 bits and operates from a wide range of
2.7 to 3.6V supply voltage. Advanced CMOS technology and circuit techniques provide both high
speed and low power features with a typical CMOS standby current of 0.50uA and maximum
access time of 55/70ns in 3.0V operation. Easy memory expansion is provided by an active LOW
chip enable inputs (/CE1,CE2) and active LOW output enable (/OE) and three-state output drivers.
The CS18LV20483 has an automatic power down feature, reducing the power consumption
significantly when chip is deselected. The CS18LV20483 is available in JEDEC standard 32-pin
sTSOP (8x13.4 mm), TSOP (8x20mm), TSOP (II) (400mil) and SOP (450 mil) packages.
.
FEATURES
Low operation voltage : 2.7 ~ 3.6V
Ultra low power consumption : 2mA@1MHz (Max.) operating current
0.50 uA (Typ.) CMOS standby current
High speed access time : 55/70ns (Max.) at Vcc = 3.0V.
Automatic power down when chip is deselected.
Three state outputs and TTL compatible
Data retention supply voltage as low as 1.5V.
Easy expansion with /CE and /OE options.
Product Family
Product Family
Operating
Temp
Vcc. Range
Speed (ns) Standby (Typ.) Package Type
32 SOP
32 STSOP
32 TSOP
32 TSOP (II)
0~70
oC
2.7~3.6
55/70
0.50 uA
(Vcc = 3.0V)
Dice
32 SOP
32 STSOP
32 TSOP
32 TSOP (II)
CS18LV20483
-40~85
oC
2.7~3.6
55/70
0.8 uA
(Vcc= 3.0V)
Dice


同様の部品番号 - CS18LV20483ADCR55

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
CS18LV02565 ETC1-CS18LV02565 Datasheet
294Kb / 14P
   HIGH SPEED SUPER LOW POWER SRAM
CS18LV02565AAC-55 ETC1-CS18LV02565AAC-55 Datasheet
294Kb / 14P
   HIGH SPEED SUPER LOW POWER SRAM
CS18LV02565AAC-70 ETC1-CS18LV02565AAC-70 Datasheet
294Kb / 14P
   HIGH SPEED SUPER LOW POWER SRAM
CS18LV02565AACR55 ETC1-CS18LV02565AACR55 Datasheet
294Kb / 14P
   HIGH SPEED SUPER LOW POWER SRAM
CS18LV02565AACR70 ETC1-CS18LV02565AACR70 Datasheet
294Kb / 14P
   HIGH SPEED SUPER LOW POWER SRAM
More results

同様の説明 - CS18LV20483ADCR55

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
CS18LV10245 ETC1-CS18LV10245 Datasheet
375Kb / 15P
   HIgh Speed Super Low Power SRAM
WS6264 ETC1-WS6264 Datasheet
315Kb / 13P
   High Speed Super Low Power SRAM
CS18LV02565 ETC1-CS18LV02565 Datasheet
294Kb / 14P
   HIGH SPEED SUPER LOW POWER SRAM
logo
Hynix Semiconductor
HY62UF08401C HYNIX-HY62UF08401C Datasheet
152Kb / 10P
   High Speed, Super Low Power and 4Mbit Full CMOS SRAM
logo
Alliance Semiconductor ...
AS6C8016-55BIN ALSC-AS6C8016-55BIN Datasheet
738Kb / 12P
   512K X 16 BIT SUPER LOW POWER CMOS SRAM
AS6C1008L ALSC-AS6C1008L Datasheet
1Mb / 15P
   128k x 8 BIT SUPER LOW POWER CMOS SRAM
logo
List of Unclassifed Man...
AS6C4016 ETC2-AS6C4016 Datasheet
631Kb / 12P
   256K X 16 BIT SUPER LOW POWER CMOS SRAM
logo
Alliance Semiconductor ...
AS6C8016-55ZIN ALSC-AS6C8016-55ZIN Datasheet
738Kb / 12P
   512K X 16 BIT SUPER LOW POWER CMOS SRAM
logo
List of Unclassifed Man...
EDI8808CB ETC-EDI8808CB Datasheet
35Kb / 1P
   HIGH SPEED, LOW POWER 64K MONOLITHIC SRAM
logo
Brilliance Semiconducto...
BH616UV1610 BSI-BH616UV1610 Datasheet
130Kb / 10P
   Ultra Low Power/High Speed CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com