データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SMCG5642A データシート(PDF) 3 Page - Microsemi Corporation

部品番号 SMCG5642A
部品情報  Transient Voltage Suppressors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROSEMI [Microsemi Corporation]
ホームページ  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

SMCG5642A データシート(HTML) 3 Page - Microsemi Corporation

  SMCG5642A Datasheet HTML 1Page - Microsemi Corporation SMCG5642A Datasheet HTML 2Page - Microsemi Corporation SMCG5642A Datasheet HTML 3Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Transient Voltage Suppressors
Microsemi
Scottsdale Division
8700 E. Thomas Rd. PO Box 1390, Scottsdale, AZ 85252 USA, (480) 941-6300, Fax: (480) 947-1503
Page 3
Copyright
 2003
01-24-2003 REV A
S C O T TS DALE DIVISION
SMCG5629 thru SMCG5665A
and SMCJ5629 thru SMCJ5665A
OUTLINE AND CIRCUIT
Pulse Time (tp)
FIGURE 1 Non-repetitive peak pulse power rating curve.
Note: Peak power defined as peak voltage times peak current.
BV: Breakdown Voltage in Volts
FIGURE 5 TYPICAL CAPACITANCE vs. BREAKDOWN VOLTAGE
FIGURE 2
Pulse wave form for exponential surge
FIGURE 3 Derating curve
PACKAGE DIMENSIONS
DIMENSIONS IN INCHES
A
B
C
D
E
F
K
L
MIN
.115
.260
.220
.305
.075
.380
.025
.30
MAX
.121
.280
.245
.320
.095
.400
.040
.060
DIMENSIONS IN MILLIMETERS
MIN
2.92
6.60
5.59
7.75
1.90
9.65
0.635
0.760
MAX
3.07
7.11
6.22
8.13
2.41
10.16
1.016
1.520
DO-214AB
DO-215AB
Measured at
zero voltage
Measured at
Stand-off Voltage
Exponential wave-
form (See FIG. 2)
Square-wave pulse
Time (t) in milliseconds
TA Ambient Temperature
oC
TL – Lead Temperature
oC
FIGURE 4
Steady-state power
derating curve
Peak Value
IPP
Pulse time duration (tp) is
defined as that point where
IP decays to 50% of I
(surge).


同様の部品番号 - SMCG5642A

メーカー部品番号データシート部品情報
logo
Shenzhen Luguang Electr...
SMCG56 LUGUANG-SMCG56 Datasheet
252Kb / 4P
   1500 Watts Surface Mount Transient Voltage Suppressor
SMCG56A LUGUANG-SMCG56A Datasheet
252Kb / 4P
   1500 Watts Surface Mount Transient Voltage Suppressor
More results

同様の説明 - SMCG5642A

メーカー部品番号データシート部品情報
logo
EPCOS
B72540E0170K062 EPCOS-B72540E0170K062 Datasheet
191Kb / 14P
   Ceramic transient voltage suppressors Ceramic transient voltage suppressors
logo
Fairchild Semiconductor
1V5KE6V8A FAIRCHILD-1V5KE6V8A Datasheet
85Kb / 4P
   Transient Voltage Suppressors
logo
Silicon Standard Corp.
SA5.0 SSC-SA5.0 Datasheet
677Kb / 8P
   Transient Voltage Suppressors
logo
ON Semiconductor
NUP3115UPMU ONSEMI-NUP3115UPMU Datasheet
157Kb / 4P
   Transient Voltage Suppressors
September, 2009??Rev. 1
logo
New Jersey Semi-Conduct...
TVS505 NJSEMI-TVS505 Datasheet
73Kb / 2P
   TRANSIENT VOLTAGE SUPPRESSORS
logo
SeCoS Halbleitertechnol...
ESD05C SECOS-ESD05C_15 Datasheet
200Kb / 2P
   Transient Voltage Suppressors
SZMD03C SECOS-SZMD03C_15 Datasheet
193Kb / 2P
   Transient Voltage Suppressors
SZMD15C SECOS-SZMD15C_15 Datasheet
101Kb / 2P
   Transient Voltage Suppressors
logo
Solid States Devices, I...
T00002B SSDI-T00002B Datasheet
96Kb / 2P
   Transient Voltage Suppressors
logo
Central Semiconductor C...
CSL05 CENTRAL-CSL05 Datasheet
280Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSORS
logo
SeCoS Halbleitertechnol...
SSESD05 SECOS-SSESD05_15 Datasheet
313Kb / 2P
   Transient Voltage Suppressors
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com