データシートサーチシステム |
|
SMCG5665 データシート(PDF) 2 Page - Microsemi Corporation |
|
SMCG5665 データシート(HTML) 2 Page - Microsemi Corporation |
2 / 3 page Transient Voltage Suppressors Microsemi Scottsdale Division 8700 E. Thomas Rd. PO Box 1390, Scottsdale, AZ 85252 USA, (480) 941-6300, Fax: (480) 947-1503 Page 2 Copyright 2003 01-24-2003 REV A S C O T TS DALE DIVISION SMCG5629 thru SMCG5665A and SMCJ5629 thru SMCJ5665A Breakdown Voltage* (VBR) MIN. MAX. Test Current (I(BR)) Rated Standoff Voltage (VWM) Maximum Standby Current (ID at VWM) Maximum Peak Reverse Voltage (VC max. at IPP) Maximum Peak Pulse Current (IPP) MICROSEMI Part Number Modified “G” Bend Lead MICROSEMI Part Number Modified “J” Bend Lead Vdc Vdc mAdc V µAdc V A SMCG5635 SMCG5635A SMCG5636 SMCG5636A SMCJ5635 SMCJ5635A SMCJ5636 SMCJ5636A 10.8 11.4 11.7 12.4 13.2 12.6 14.3 13.7 1 1 1 1 9.72 10.2 10.5 11.1 5 5 5 5 17.3 16.7 19.0 18.2 87 90 79 82 SMCG5637 SMCG5637A SMCG5638 SMCG5638A SMCJ5637 SMCJ5637A SMCJ5638 SMCJ5638A 13.5 14.3 14.4 15.2 16.5 15.8 17.6 16.8 1 1 1 1 12.1 12.8 12.9 13.6 5 5 5 5 22.0 21.2 23.5 22.5 68 71 64 67 SMCG5639 SMCG5639A SMCG5640 SMCG5640A SMCJ5639 SMCJ5639A SMCJ5640 SMCJ5640A 16.2 17.1 18.0 19.0 19.8 18.9 22.0 21.0 1 1 1 1 14.5 15.3 16.2 17.1 5 5 5 5 26.5 25.2 29.1 27.7 56.5 59.5 51.5 54 SMCG5641 SMCG5641A SMCG5642 SMCG5642A SMCJ5641 SMCJ5641A SMCJ5642 SMCJ5642A 19.8 20.9 21.6 22.8 24.2 23.1 26.4 25.2 1 1 1 1 17.8 18.8 19.4 20.5 5 5 5 5 31.9 30.6 34.7 33.2 47 49 43 45 SMCG5643 SMCG5643A SMCG5644 SMCG5644A SMCJ5643 SMCJ5643A SMCJ5644 SMCJ5644A 24.3 25.7 27.0 28.5 29.7 28.4 33.0 31.5 1 1 1 1 21.8 23.1 24.3 25.6 5 5 5 5 39.1 37.5 43.5 41.4 38.5 40 34.5 36 SMCG5645 SMCG5645A SMCG5646 SMCG5646A SMCJ5645 SMCJ5645A SMCJ5646 SMCJ5646A 29.7 31.4 32.4 34.2 36.3 34.7 39.6 37.8 1 1 1 1 26.8 28.2 29.1 30.8 5 5 5 5 47.7 45.7 52.0 49.9 31.5 33 29 30 SMCG5647 SMCG5647A SMCG5648 SMCG5648A SMCJ5647 SMCJ5647A SMCJ5648 SMCJ5648A 35.1 37.1 38.7 40.9 42.9 41.0 47.3 45.2 1 1 1 1 31.6 33.3 34.8 36.8 5 5 5 5 56.4 53.9 61.9 59.3 26.5 28 24 25.3 SMCG5649 SMCG5649A SMCG5650 SMCG5650A SMCJ5649 SMCJ5649A SMCJ5650 SMCJ5650A 42.3 44.7 45.9 48.5 51.7 49.4 56.1 53.6 1 1 1 1 38.1 40.2 41.3 43.6 5 5 5 5 67.8 64.8 73.5 70.1 22.2 23.2 20.4 21.4 SMCG5651 SMCG5651A SMCG5652 SMCG5652A SMCJ5651 SMCJ5651A SMCJ5652 SMCJ5652A 50.4 53.2 55.8 58.9 61.6 58.8 68.2 65.1 1 1 1 1 45.4 47.8 50.2 53.0 5 5 5 5 80.5 77.0 89.0 85.0 18.6 19.5 16.9 17.7 SMCG5653 SMCG5653A SMCG5654 SMCG5654A SMCJ5653 SMCJ5653A SMCJ5654 SMCJ5654A 61.2 64.6 67.5 71.3 74.8 71.4 82.5 78.8 1 1 1 1 55.1 58.1 60.7 64.1 5 5 5 5 98.0 92.0 108 103 15.3 16.3 13.9 14.6 SMCG5655 SMCG5655A SMCG5656 SMCG5656A SMCJ5655 SMCJ5655A SMCJ5656 SMCJ5656A 73.8 77.9 81.9 86.5 90.2 86.1 100.0 95.5 1 1 1 1 66.4 70.1 73.7 77.8 5 5 5 5 118 113 131 125 12.7 13.3 11.4 12.0 SMCG5657 SMCG5657A SMCG5658 SMCG5658A SMCJ5657 SMCJ5657A SMCJ5658 SMCJ5658A 90 95 99 105 110 105 121 116 1 1 1 1 81.0 85.5 89.2 94.0 5 5 5 5 144 137 158 152 10.4 11.0 9.5 9.9 SMCG5659 SMCG5659A SMCG5660 SMCG5660A SMCJ5659 SMCJ5659A SMCJ5660 SMCJ5660A 108 114 117 124 132 126 143 137 1 1 1 1 97.2 102 105 111 5 5 5 5 173 165 187 179 8.7 9.1 8.0 8.4 SMCG5661 SMCG5661A SMCG5662 SMCG5662A SMCJ5661 SMCJ5661A SMCJ5662 SMCJ5662A 135 143 144 152 165 158 176 168 1 1 1 1 121 128 130 136 5 5 5 5 215 207 230 219 7.0 7.2 6.5 6.8 SMCG5663 SMCG5663A SMCG5664 SMCG5664A SMCJ5663 SMCJ5663A SMCJ5664 SMCJ5664A 153 162 162 171 187 179 198 189 1 1 1 1 138 145 146 154 5 5 5 5 244 234 258 246 6.2 6.4 5.8 6.1 SMCG5665 SMCG5665A SMCJ5665 SMCJ5665A 180 190 220 210 1 1 162 171 5 5 287 274 5.2 5.5 NOTE 1: A TVS is normally selected according to the rated “Stand Off Voltage” VWM which should be equal to or greater than the dc or continuous peak operating voltage level. * V(BR) is measured after I(BR) has been applied for < 300 ms. No suffix is 10% tolerance and suffix A is 5% tolerance for V(BR) . |
同様の部品番号 - SMCG5665 |
|
同様の説明 - SMCG5665 |