データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

2N3904RLRA データシート(PDF) 6 Page - ON Semiconductor

部品番号 2N3904RLRA
部品情報  General Purpose Transistors(NPN Silicon)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2N3904RLRA データシート(HTML) 6 Page - ON Semiconductor

  2N3904RLRA Datasheet HTML 1Page - ON Semiconductor 2N3904RLRA Datasheet HTML 2Page - ON Semiconductor 2N3904RLRA Datasheet HTML 3Page - ON Semiconductor 2N3904RLRA Datasheet HTML 4Page - ON Semiconductor 2N3904RLRA Datasheet HTML 5Page - ON Semiconductor 2N3904RLRA Datasheet HTML 6Page - ON Semiconductor 2N3904RLRA Datasheet HTML 7Page - ON Semiconductor 2N3904RLRA Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
2N3903, 2N3904
http://onsemi.com
6
TYPICAL STATIC CHARACTERISTICS
Figure 15. DC Current Gain
IC, COLLECTOR CURRENT (mA)
0.3
0.5
0.7
1.0
2.0
0.2
0.1
0.5
2.0
3.0
10
50
70
0.2
0.3
0.1
100
1.0
0.7
200
30
20
5.0
7.0
VCE = 1.0 V
TJ = +125°C
+25°C
-55°C
Figure 16. Collector Saturation Region
IB, BASE CURRENT (mA)
0.4
0.6
0.8
1.0
0.2
0.1
0.5
2.0
3.0
10
0.2
0.3
0
1.0
0.7
5.0
7.0
IC = 1.0 mA
TJ = 25°C
0.07
0.05
0.03
0.02
0.01
10 mA
30 mA
100 mA
Figure 17. “ON” Voltages
IC, COLLECTOR CURRENT (mA)
0.4
0.6
0.8
1.0
1.2
0.2
Figure 18. Temperature Coefficients
IC, COLLECTOR CURRENT (mA)
1.0
2.0
5.0
10
20
50
0
100
-0.5
0
0.5
1.0
0
60
80
120 140
160 180
20
40
100
200
-1.0
-1.5
-2.0
200
TJ = 25°C
VBE(sat) @ IC/IB =10
VCE(sat) @ IC/IB =10
VBE @ VCE =1.0 V
+25°C TO +125°C
-55°C TO +25°C
+25°C TO +125°C
-55°C TO +25°C
qVC FOR VCE(sat)
qVB FOR VBE(sat)


同様の部品番号 - 2N3904RLRA

メーカー部品番号データシート部品情報
logo
ON Semiconductor
2N3904RLRA ONSEMI-2N3904RLRA Datasheet
85Kb / 7P
   General Purpose Transistors NPN Silicon
March, 2007 ??Rev. 6
2N3904RLRA ONSEMI-2N3904RLRA Datasheet
183Kb / 8P
   General Purpose Transistors
January, 2010 ??Rev. 7
2N3904RLRA ONSEMI-2N3904RLRA Datasheet
236Kb / 10P
   General Purpose Transistors
August, 2021 - Rev. 9
2N3904RLRAG ONSEMI-2N3904RLRAG Datasheet
85Kb / 7P
   General Purpose Transistors NPN Silicon
March, 2007 ??Rev. 6
2N3904RLRAG ONSEMI-2N3904RLRAG Datasheet
183Kb / 8P
   General Purpose Transistors
January, 2010 ??Rev. 7
More results

同様の説明 - 2N3904RLRA

メーカー部品番号データシート部品情報
logo
Leshan Radio Company
BC847BRLT1 LRC-BC847BRLT1 Datasheet
117Kb / 3P
   General Purpose Transistors(NPN Silicon)
BCW65ALT1 LRC-BCW65ALT1 Datasheet
52Kb / 2P
   General Purpose Transistors(NPN Silicon)
BCX70GLT1 LRC-BCX70GLT1 Datasheet
318Kb / 6P
   General Purpose Transistors(NPN Silicon)
logo
ON Semiconductor
2N4123 ONSEMI-2N4123_07 Datasheet
81Kb / 6P
   General Purpose Transistors NPN Silicon
March, 2007 ??Rev. 3
logo
Comchip Technology
MMBT2222LT1 COMCHIP-MMBT2222LT1_06 Datasheet
85Kb / 6P
   General Purpose Transistors NPN Silicon
logo
Leshan Radio Company
BC817-16LT1 LRC-BC817-16LT1 Datasheet
51Kb / 2P
   General Purpose Transistors(NPN Silicon)
logo
ON Semiconductor
2N4400 ONSEMI-2N4400 Datasheet
303Kb / 6P
   General Purpose Transistors(NPN Silicon)
1996 REV 1
BC818-40LT1G ONSEMI-BC818-40LT1G Datasheet
134Kb / 4P
   General Purpose Transistors NPN Silicon
August, 2009 ??Rev. 2
logo
Leshan Radio Company
L2SC2412KQMT1G LRC-L2SC2412KQMT1G Datasheet
147Kb / 4P
   General Purpose Transistors NPN Silicon
LBC846ALT1G LRC-LBC846ALT1G_11 Datasheet
573Kb / 13P
   General Purpose Transistors NPN Silicon
logo
ON Semiconductor
BC847ATT1 ONSEMI-BC847ATT1 Datasheet
75Kb / 6P
   General Purpose Transistors NPN Silicon
June, 2004 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com