データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

2N4918 データシート(PDF) 5 Page - ON Semiconductor

部品番号 2N4918
部品情報  GENERAL.PURPOSE POWER TRANSISTORS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2N4918 データシート(HTML) 5 Page - ON Semiconductor

  2N4918 Datasheet HTML 1Page - ON Semiconductor 2N4918 Datasheet HTML 2Page - ON Semiconductor 2N4918 Datasheet HTML 3Page - ON Semiconductor 2N4918 Datasheet HTML 4Page - ON Semiconductor 2N4918 Datasheet HTML 5Page - ON Semiconductor 2N4918 Datasheet HTML 6Page - ON Semiconductor 2N4918 Datasheet HTML 7Page - ON Semiconductor 2N4918 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
2N4918 thru 2N4920
http://onsemi.com
5
TYPICAL DC CHARACTERISTICS
-0.2
1000
2.0
Figure 8. Current Gain
IC, COLLECTOR CURRENT (mA)
10
3.0 5.0
10
20 30
200 300 500
2000
500
200
100
70
Figure 9. Collector Saturation Region
1.0
0.2
IB, BASE CURRENT (mA)
0
0.3 0.5
1.0
2.0
5.0
10
20
50
200
0.8
0.6
0.4
0.2
IC = 0.1 A
TJ = 25°C
0.25 A
0.5 A
1.0 A
700
300
TJ = 150°C
25°C
-55°C
VCE = 1.0 V
50
30
20
50
100
1000
3.0
30
100
108
0
Figure 10. Effects of Base–Emitter Resistance
TJ, JUNCTION TEMPERATURE (°C)
30
60
90
120
150
107
105
104
103
VCE = 30 V
IC = 10 ICES
IC = 2x ICES
IC ≈ ICES
ICES VALUES
OBTAINED FROM
FIGURE 13
106
1.5
2.0
IC, COLLECTOR CURRENT (mA)
5.0
10
20 30 50
100 200 300
2000
1.2
0.9
0.6
0.3
0
TJ = 25°C
VBE(sat) @ IC/IB = 10
VCE(sat) @ IC/IB = 10
Figure 11. “On” Voltage
3.0
500 1000
VBE @ VCE = 2.0 V
102
Figure 12. Collector Cut–Off Region
VBE, BASE-EMITTER VOLTAGE (VOLTS)
101
100
10-1
10-2
103
-0.1
0
+0.1
+0.2
+0.3
+0.4
+0.5
VCE = 30 V
TJ = 150°C
100°C
25°C
FORWARD
IC = ICES
104
+2.5
2.0
Figure 13. Temperature Coefficients
IC, COLLECTOR CURRENT (mA)
3.0 5.0
10
20 30 50
100 200
2000
TJ = -55°C to +100°C
+2.0
+1.5
+0.5
0
-0.5
-1.0
-1.5
-2.0
-2.5
θVB FOR VBE
*θVC FOR VCE(sat)
TJ = 100°C to 150°C
*APPLIES FOR IC/IB <
hFE @VCE + 1.0V
2
+1.0
300 500 1000
REVERSE


同様の部品番号 - 2N4918

メーカー部品番号データシート部品情報
logo
ON Semiconductor
2N4918 ONSEMI-2N4918 Datasheet
120Kb / 6P
   Medium-Power Plastic PNP Silicon Transistors
July, 2004 ??Rev. 11
2N4918 ONSEMI-2N4918 Datasheet
203Kb / 6P
   Medium-Power Plastic PNP Silicon Transistors
January, 2017 ??Rev. 12
logo
Savantic, Inc.
2N4918 SAVANTIC-2N4918 Datasheet
104Kb / 3P
   Silicon PNP Power Transistors
logo
Quanzhou Jinmei Electro...
2N4918 JMNIC-2N4918 Datasheet
47Kb / 3P
   Silicon PNP Power Transistors
logo
Inchange Semiconductor ...
2N4918 ISC-2N4918 Datasheet
131Kb / 3P
   Silicon PNP Power Transistors
More results

同様の説明 - 2N4918

メーカー部品番号データシート部品情報
logo
STMicroelectronics
SD56120 STMICROELECTRONICS-SD56120 Datasheet
43Kb / 4P
   RF POWER TRANSISTORS RF POWER TRANSISTORS
logo
ON Semiconductor
MJW16206 ONSEMI-MJW16206 Datasheet
306Kb / 10P
   POWER TRANSISTORS
REV 3
MJE18204 ONSEMI-MJE18204 Datasheet
484Kb / 12P
   POWER TRANSISTORS
1995
logo
Unisonic Technologies
UP2518 UTC-UP2518_15 Datasheet
114Kb / 3P
   POWER TRANSISTORS
logo
Quanzhou Jinmei Electro...
2N6543 JMNIC-2N6543 Datasheet
141Kb / 1P
   Power Transistors
2SC3694_2014 JMNIC-2SC3694_2014 Datasheet
33Kb / 1P
   Power Transistors
logo
New Jersey Semi-Conduct...
2N1047 NJSEMI-2N1047 Datasheet
120Kb / 1P
   POWER TRANSISTORS
logo
Central Semiconductor C...
TN2905 CENTRAL-TN2905 Datasheet
50Kb / 1P
   Power Transistors
logo
ON Semiconductor
MJE18004D2 ONSEMI-MJE18004D2 Datasheet
466Kb / 12P
   POWER TRANSISTORS
1995
logo
Continental Device Indi...
CSA1301FPNP CDIL-CSA1301FPNP Datasheet
138Kb / 3P
   POWER TRANSISTORS
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com