データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADXL213 データシート(PDF) 8 Page - Analog Devices

部品番号 ADXL213
部品情報  Low Cost 1.2 g Dual Axis Accelerometer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

ADXL213 データシート(HTML) 8 Page - Analog Devices

Back Button ADXL213 Datasheet HTML 4Page - Analog Devices ADXL213 Datasheet HTML 5Page - Analog Devices ADXL213 Datasheet HTML 6Page - Analog Devices ADXL213 Datasheet HTML 7Page - Analog Devices ADXL213 Datasheet HTML 8Page - Analog Devices ADXL213 Datasheet HTML 9Page - Analog Devices ADXL213 Datasheet HTML 10Page - Analog Devices ADXL213 Datasheet HTML 11Page - Analog Devices ADXL213 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
ADXL213
Rev. 0 | Page 8 of 12
THEORY OF OPERATION
EARTH'S SURFACE
TOP VIEW
(Not to Scale)
PIN 8
XOUT = 50%
YOUT = 80%
XOUT = 50%
YOUT = 50%
PIN 8
XOUT = 50%
YOUT = 20%
PIN 8
XOUT = 80%
YOUT = 50%
PIN 8
XOUT = 20%
YOUT = 50%
Figure 21. Output Response vs. Orientation
The ADXL213 is a complete dual axis acceleration measure-
ment system on a single monolithic IC. It contains a polysilicon
surface-micromachined sensor and signal conditioning
circuitry to implement an open-loop acceleration measurement
architecture. The output signals are duty cycle modulated digital
signals proportional to acceleration. The ADXL213 is capable of
measuring both positive and negative accelerations to ±1.2 g.
The accelerometer can measure static acceleration forces such
as gravity, allowing the ADXL213 to be used as a tilt sensor.
The sensor is a surface-micromachined polysilicon structure
built on top of the silicon wafer. Polysilicon springs suspend the
structure over the surface of the wafer and provide a resistance
against acceleration forces. Deflection of the structure is mea-
sured using a differential capacitor that consists of independent
fixed plates and plates attached to the moving mass. The fixed
plates are driven by 180° out-of-phase square waves. Accelera-
tion deflects the beam and unbalances the differential capacitor,
resulting in an output square wave whose amplitude is propor-
tional to acceleration. Phase sensitive demodulation techniques
are then used to rectify the signal and determine the direction
of the acceleration.
The output of the demodulator is amplified and brought off-
chip through a 32 kΩ resistor. At this point, the user can set the
signal bandwidth of the device by adding a capacitor. This
filtering improves measurement resolution and helps prevent
aliasing.
After being low-pass filtered, the duty cycle modulator converts
the analog signals to duty cycle modulated outputs that can be
read by a counter. A single resistor (RSET) sets the period for a
complete cycle. A 0 g acceleration produces a 50% nominal duty
cycle. The acceleration can be determined by measuring the
length of the positive pulse width (t1) and the period (t2). The
nominal transfer function of the ADXL213 is
Acceleration = ((t1/t2) – Zero g Bias)/Sensitivity
Where in the case of the ADXL213
Zero g Bias = 50% nominal
Sensitivity = 30%/g nominal
t2 = RSET/125 MΩ
PERFORMANCE
Rather than using additional temperature compensation
circuitry, innovative design techniques have been used to ensure
that high performance is built in. As a result, there is essentially
no quantization error or nonmonotonic behavior, and
temperature hysteresis is very low (typically less than 10 mg
over the –40°C to +85°C temperature range).
Figure 9 shows the zero g output performance of eight parts (X
and Y axis) over a –40°C to +85°C temperature range.
Figure 12 demonstrates the typical sensitivity shift over
temperature for VS = 5 V. Sensitivity stability is optimized for
VS = 5 V, but is still very good over the specified range; it is
typically better than ±2% over temperature at VS = 3 V.


同様の部品番号 - ADXL213

メーカー部品番号データシート部品情報
logo
Analog Devices
ADXL213 AD-ADXL213_15 Datasheet
196Kb / 12P
   Low Cost 1.2 g Dual Axis Accelerometer
More results

同様の説明 - ADXL213

メーカー部品番号データシート部品情報
logo
Analog Devices
ADXL213 AD-ADXL213_15 Datasheet
196Kb / 12P
   Low Cost 1.2 g Dual Axis Accelerometer
ADXL311 AD-ADXL311 Datasheet
419Kb / 12P
   Low Cost, Ultracompact 짹2 g Dual-Axis Accelerometer
REV. A
logo
List of Unclassifed Man...
MXD2002A ETC1-MXD2002A Datasheet
572Kb / 8P
   Low Cost, 짹10 g Dual Axis Accelerometer with Digital Outputs
logo
MEMSIC Semiconductor (T...
MXP7205VF MEMSIC-MXP7205VF Datasheet
603Kb / 12P
   Low Cost 짹5 g Dual-Axis Accelerometer with SPI Interface
Rev.E
logo
Analog Devices
ADXL210E AD-ADXL210E Datasheet
177Kb / 12P
   Low-Cost 10 g Dual-Axis Accelerometer with Duty Cycle
REV. 0
logo
MEMSIC Semiconductor (T...
MXP7205VW MEMSIC-MXP7205VW Datasheet
553Kb / 12P
   Low Cost 짹5 g Dual-Axis Accelerometer with SPI Interface
Rev.D
MXR7999V MEMSIC-MXR7999V Datasheet
95Kb / 6P
   Low Cost 짹1.7 g Dual-Axis Accelerometer with Ratiometric Outputs
Rev.A
MXS7205VW MEMSIC-MXS7205VW Datasheet
282Kb / 12P
   Low Cost 짹5 g Dual-Axis Accelerometer with SPI Interface
Rev.C
logo
Analog Devices
ADXL202E AD-ADXL202E_15 Datasheet
147Kb / 12P
   Low-Cost 2 g Dual-Axis Accelerometer with Duty Cycle Output
logo
List of Unclassifed Man...
MXC6202XJ ETC1-MXC6202XJ Datasheet
285Kb / 11P
   Ultra Low Cost, 짹2.0 g Dual Axis Accelerometer With I2C Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com