データシートサーチシステム |
|
HCPL-314J-300 データシート(PDF) 7 Page - Agilent(Hewlett-Packard) |
|
HCPL-314J-300 データシート(HTML) 7 Page - Agilent(Hewlett-Packard) |
7 / 17 page 7 Electrical Specifications (DC) Over recommended operating conditions unless otherwise specified. Test Parameter Symbol Min. Typ. Max. Units Conditions Fig. Note High Level Output Current IOH 0.2 A Vo = VCC- 4 2 5 0.4 0.5 Vo = VCC-10 3 2 Low Level Output Current IOL 0.2 0.4 A Vo = VEE+2.5 5 5 0.4 0.5 Vo = VEE+10 6 2 High Level Output Voltage VOH VCC-4 VCC-1.8 V Io = -100 mA 1 6,7 Low Level Output Voltage VOL 0.4 1 V Io = 100 mA 4 High Level Supply Current ICCH 0.7 3 mA Io = 0 mA 7,8 14 Low Level Supply Current ICCL 1.2 3 mA Io = 0 mA Threshold Input Current IFLH 6 mA Io = 0 mA, 9,15 Low to High Vo>5 V Threshold Input Voltage VFHL 0.8 V High to Low Input Forward Voltage VF 1.2 1.5 1.8 V IF = 10 mA 16 Temperature Coefficient of ∆VF/∆TA -1.6 mV/ °C Input Forward Voltage Input Reverse Breakdown BVR 5V IR = 10 µA Voltage Input Capacitance CIN 60 pF f = 1 MHz, VF = 0 V Recommended Operating Conditions Parameter Symbol Min. Max. Units Note Power Supply VCC -VEE 10 30 V Input Current (ON) IF(ON) 812 mA Input Voltage (OFF) VF(OFF) -3.0 0.8 V Operating Temperature TA - 40 100 °C |
同様の部品番号 - HCPL-314J-300 |
|
同様の説明 - HCPL-314J-300 |