データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TSC80251G2D データシート(PDF) 9 Page - TEMIC Semiconductors

部品番号 TSC80251G2D
部品情報  8/16-bit Microcontroller with Serial Communication Interfaces
Download  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TEMIC [TEMIC Semiconductors]
ホームページ  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

TSC80251G2D データシート(HTML) 9 Page - TEMIC Semiconductors

Back Button TSC80251G2D Datasheet HTML 5Page - TEMIC Semiconductors TSC80251G2D Datasheet HTML 6Page - TEMIC Semiconductors TSC80251G2D Datasheet HTML 7Page - TEMIC Semiconductors TSC80251G2D Datasheet HTML 8Page - TEMIC Semiconductors TSC80251G2D Datasheet HTML 9Page - TEMIC Semiconductors TSC80251G2D Datasheet HTML 10Page - TEMIC Semiconductors TSC80251G2D Datasheet HTML 11Page - TEMIC Semiconductors TSC80251G2D Datasheet HTML 12Page - TEMIC Semiconductors TSC80251G2D Datasheet HTML 13Page - TEMIC Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 63 page
background image
Rev. A - May 7, 1999
9
TSC80251G2D
6. Address Spaces
The TSC80251G2D derivatives implement four different address spaces:
q
On-chip ROM program/code memory (not present in ROMless devices)
q
On-chip RAM data memory
q
Special Function Registers (SFRs)
q
Configuration array
6.1 Program/Code Memory
The TSC83251G2D and TSC87251G2D implement 32 Kbytes of on-chip program/code memory. Figure 5 shows
the split of the internal and external program/code memory spaces. If EA# is tied to a high level, the 32-Kbyte
on-chip program memory is mapped in the lower part of segment FF: where the C251 core jumps after reset. The
rest of the program/code memory space is mapped to the external memory. If EA# is tied to a low level, the
internal program/code memory is not used and all the accesses are directed to the external memory.
The TSC83251G2D products provide the internal program/code memory in a masked ROM memory while the
TSC87251G2D products provide it in an EPROM memory. For the TSC80251G2D products, there is no internal
program/code memory and EA# must be tied to a low level.
Figure 5. Program/Code Memory Mapping
Notes:
Special care should be taken when the Program Counter (PC) increments:
1. If the program executes exclusively from on-chip code memory (not from external memory), beware of executing code from the upper eight
bytes of the on-chip ROM (FF:7FF8h-FF:7FFFh). Because of its pipeline capability, the TSC80251G2D derivative may attempt to prefetch
code from external memory (at an address above FF:7FFFh) and thereby disrupt I/O Ports 0 and 2. Fetching code constants from these
8 bytes does not affect Ports 0 and 2.
2. When PC reaches the end of segment FF:, it loops to the reset address FF:0000h (for compatibility with the C51 Architecture). When PC
increments beyond the end of segment FE:, it continues at the reset address FF:0000h (linearity). When PC increments beyond the end of
segment 01:, it loops to the beginning of segment 00: (this prevents from its going into the reserved area).
On-chip ROM/EPROM
Code Memory
Program/code
Segments
Program/code
External Memory Space
32 Kbytes
EA#= 0
EA#= 1
32 Kbytes
32 Kbytes
Reserved
64 Kbytes
128 Kbytes
FF:FFFFh
FF:8000h
FF:7FFFh
FF:0000h
FE:FFFFh
FE:0000h
FD:FFFFh
01:FFFFh
01:0000h
02:0000h
00:FFFFh
00:0000h


同様の部品番号 - TSC80251G2D

メーカー部品番号データシート部品情報
logo
ATMEL Corporation
TSC80251G2D ATMEL-TSC80251G2D Datasheet
1Mb / 76P
   B/16-BIT MICROCONTROLLER WITH SERIAL COMMUNICATION INTERFACES
TSC80251G2D ATMEL-TSC80251G2D Datasheet
1Mb / 77P
   8/16-bit Microcontroller with Serial Communication Interfaces
TSC80251G2D-16CB ATMEL-TSC80251G2D-16CB Datasheet
1Mb / 76P
   B/16-BIT MICROCONTROLLER WITH SERIAL COMMUNICATION INTERFACES
TSC80251G2D-16CB ATMEL-TSC80251G2D-16CB Datasheet
1Mb / 77P
   8/16-bit Microcontroller with Serial Communication Interfaces
TSC80251G2D-24CB ATMEL-TSC80251G2D-24CB Datasheet
1Mb / 76P
   B/16-BIT MICROCONTROLLER WITH SERIAL COMMUNICATION INTERFACES
More results

同様の説明 - TSC80251G2D

メーカー部品番号データシート部品情報
logo
ATMEL Corporation
TSC80251G2D ATMEL-TSC80251G2D_06 Datasheet
1Mb / 77P
   8/16-bit Microcontroller with Serial Communication Interfaces
TSC80251G2D ATMEL-TSC80251G2D Datasheet
1Mb / 76P
   B/16-BIT MICROCONTROLLER WITH SERIAL COMMUNICATION INTERFACES
logo
TEMIC Semiconductors
TSC87251G1A TEMIC-TSC87251G1A Datasheet
341Kb / 52P
   Extended 8-bit Microcontroller with Serial Communication
TSC80251A1 TEMIC-TSC80251A1 Datasheet
776Kb / 166P
   Extended 8-bit Microcontroller with Analog Interfaces
logo
Intel Corporation
8044AH INTEL-8044AH Datasheet
1Mb / 26P
   HIGH PERFORMANCE 8 BIT MICROCONTROLLER WITH ON CHIP SERIAL COMMUNICATION CONTROLLER
80C152JA INTEL-80C152JA Datasheet
262Kb / 17P
   UNIVERSAL COMMUNICATION CONTROLLER 8-BIT MICROCONTROLLER
logo
ATMEL Corporation
ATMEGA168PA ATMEL-ATMEGA168PA_14 Datasheet
1Mb / 326P
   ATMEL 8-BIT MICROCONTROLLER WITH 4/8/16/32KBYTES
ATMEGA328P ATMEL-ATMEGA328P_14 Datasheet
1Mb / 344P
   ATMEL 8-BIT MICROCONTROLLER WITH 4/8/16/32KBYTES
ATMEGA328 ATMEL-ATMEGA328_14 Datasheet
1Mb / 39P
   ATMEL 8-BIT MICROCONTROLLER WITH 4/8/16/32KBYTES
logo
RDC Semiconductor
R8830LV RDC-R8830LV Datasheet
1,001Kb / 97P
   16-Bit Microcontroller with 8-bit external data bus
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com