データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LC895199K データシート(PDF) 10 Page - Sanyo Semicon Device

部品番号 LC895199K
部品情報  32 CD-ROM Decoder with ATAPI (IDE) Interface
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SANYO [Sanyo Semicon Device]
ホームページ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC895199K データシート(HTML) 10 Page - Sanyo Semicon Device

Back Button LC895199K Datasheet HTML 4Page - Sanyo Semicon Device LC895199K Datasheet HTML 5Page - Sanyo Semicon Device LC895199K Datasheet HTML 6Page - Sanyo Semicon Device LC895199K Datasheet HTML 7Page - Sanyo Semicon Device LC895199K Datasheet HTML 8Page - Sanyo Semicon Device LC895199K Datasheet HTML 9Page - Sanyo Semicon Device LC895199K Datasheet HTML 10Page - Sanyo Semicon Device LC895199K Datasheet HTML 11Page - Sanyo Semicon Device LC895199K Datasheet HTML 12Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
No. 6238-10/12
LC895199K
Continued from preceding page.
Pin No.
Pin
I/O
Function
53
XTAL
O
Crystal oscillator circuit output
54
VDD
P
5.0 V
55
VSS0
P
56
MCK
O
XTALCLK 1/1, 1/2, and stop output
57
TEST1
I
Test pin. This pin must be connected to VSS in normal operation.
58
DSDATA
O
59
DLRCK
O
D/A converter outputs
60
DBCK
O
61
C2PO
I
62
SDATA
I
CD DSP interface
63
BCK
I
64
LRCK
I
65
EXCK
O
66
WFCK
I
Subcode input and output
67
SBSO
I
68
SCOR
I
69
PLL1
70
PLL2
PLL circuit connections
71
PLL3
72
VSS0
P
(This is an analog VSS pin in the LC895199 built-in PLL version.)
73
VDD1
P
3.3 V (This is an analog VDD pin in the LC895199 built-in PLL version.)
74
ZRESET
I
IC reset
75
MCK3
O
XTALCLK 1/1, 1/5, 2/5, 1/512, and stop output
76
CSCTRL
I
Microcontroller CS pin active low/active high selection
77
ZRD
I
Microcontroller data read signal input
78
ZWR
I
Microcontroller data write signal input
79
ZCS
I
Register chip select input from the microcontroller
80
SUA0
I
81
SUA1
I
82
SUA2
I
83
SUA3
I
Microcontroller register selection signals
84
SUA4
I
85
SUA5
I
86
SUA6
I
87
D0
B
Microcontroller data signals
88
D1
B
These pins have built-in pull-up resistors.
89
D2
B
90
VDD0
P
5.0 V
91
VSS0
P
92
D3
B
93
D4
B
Microcontroller data signals
94
D5
B
These pins have built-in pull-up resistors.
95
D6
B
96
D7
B
97
ZINT0
O
Interrupt request signal output to the microcontroller
98
ZINT1
O
99
ZSWAIT
O
Wait signal output to the microcontroller
100
ZRSTCPU
O
CPU reset signal
101
CSEL
I
ATAPI control signal
102
DD7
B
ATAPI data bus
103
ATPINSEL
I
ATAPI pin layout selection. (This pin must be connected to VDD0.)
104
DD8
B
105
DD6
B
ATAPI data bus
106
DD9
B
107
DD5
B
Continued on next page.


同様の部品番号 - LC895199K

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LC895194 SANYO-LC895194 Datasheet
85Kb / 7P
   CD-ROM Error Correction LSI with On-Chip ATA-PI (IDE) Interface
LC895195 SANYO-LC895195 Datasheet
64Kb / 8P
   ATA-PI (IDE) CD-ROM Decoder LSI
LC895196 SANYO-LC895196 Datasheet
146Kb / 12P
   ATA-PI Compatible CD-ROM Decoder IC
LC895196K SANYO-LC895196K Datasheet
144Kb / 12P
   ATA-PI Compatible CD-ROM Decoder IC
LC895198 SANYO-LC895198 Datasheet
54Kb / 10P
   CD-ROM Decoder for 32 x ATAPI (IDE) Drives
More results

同様の説明 - LC895199K

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LC895198 SANYO-LC895198 Datasheet
54Kb / 10P
   CD-ROM Decoder for 32 x ATAPI (IDE) Drives
logo
Winbond
W88113C WINBOND-W88113C Datasheet
573Kb / 47P
   ATAPI CD-ROM DECODER & CONTROLLER
W88111AF WINBOND-W88111AF Datasheet
466Kb / 64P
   ATAPI CD-ROM DECODER & CONTROLLER
logo
Sanyo Semicon Device
LC897194 SANYO-LC897194 Datasheet
84Kb / 11P
   CD-ROM Decoder with Built-In ATAPI (IDE) and DVD ECC Interfaces
LC895994 SANYO-LC895994 Datasheet
65Kb / 7P
   CD-R Encoder/Decoder LSI with Built-in ATAPI (IDE) Interface
logo
Sony Corporation
CXD1812Q SONY-CXD1812Q Datasheet
450Kb / 56P
   ATAPI I/F CD-ROM DECODER
logo
Sanyo Semicon Device
LC895299W SANYO-LC895299W Datasheet
73Kb / 12P
   48 x Speed ATAPI (IDE) CD-ROM Decoder with On-Chip Digital Servo System
LC895195 SANYO-LC895195 Datasheet
64Kb / 8P
   ATA-PI (IDE) CD-ROM Decoder LSI
LC895126 SANYO-LC895126 Datasheet
88Kb / 7P
   CD-ROM Decoder with Built-in SCSI Interface
LC895297 SANYO-LC895297 Datasheet
71Kb / 9P
   Full CAV 20 x CD-ROM Decoder with Built-in ATA-PI (IDE) Interface and CD-DSP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com