データシートサーチシステム |
|
SL1024A300RS データシート(PDF) 2 Page - Littelfuse |
|
SL1024A300RS データシート(HTML) 2 Page - Littelfuse |
2 / 3 page 342 www .littelfuse .com Gas Discharge Tubes Greentube™ SL1024A Series Gas Plasma Arresters Omega Range DC Voltage(V) 90 145 150 230 250 260 300 350 400 420 450 500 600 DC Breakover Voltage Min-Max7 @ 100V/sec (V) 70-120 116-174 120-180 184-276 200-300 210-310 240-360 280-420 320-480 345-500 360-540 400-500 480-720 Max Dynamic Breakover Voltage @ 100/µs (V) 600 500 500 350 400 420 450 500 600 650 650 700 850 Alternating Discharge Current1,3 (A) 10 10 10 10 10 10 10 10 10 10 10 10 10 Max Single Impulse Discharge Current 10/350µs5,2 (kA) 2.5 2.5 2.5 2.5 2.5 2.5 2.5 2.5 2.5 2.5 2.5 2.5 2.5 Max Single Impulse Discharge Current (kA) 20 20 20 20 20 20 20 20 20 20 20 20 20 Max Repetitive Impulse Discharge Current (kA) 10 10 10 10 10 10 10 10 10 10 10 10 10 (1) Total current through center (ground) electrode, both line electrodes pulsed simultaneously; half value through each respective line terminal. (2) Applies to ‘C’ option devices mounted in a suitable connector with high pressure contacts. (3) 10 shots, A.C. 60Hz, 1 sec duration. (4) 10 shots, 8/20µS waveform (5) either end (line) electrode to center (ground) electrode (6) Meets the requirements of BT Type 14A. Addition of ‘F’ (failsafe) option meets the requirements of BT type number 14A/1. LITTELFUSE 3 TERMINAL ARRESTER SERIES TOTALLY NON-RADIOACTIVE, UL RECOGNIZED Part Number SL1024A090 SL1024A145 SL1024A150 SL1024A230 SL1024A250 SL1024A260 SL1024A300 SL1024A350 SL1024A400 SL1024A420 SL1024A450 SL1024A500 SL1024A600 Time (ns) 0 200 400 600 800 1000 1200 Max dynamic breakover voltage Hold-over voltage On-State voltage Voltage vs Time Characteristic 50 45 40 35 30 25 20 15 10 5 0 0 1 2 3 4 5 6 Current (A) 1 line to ground both lines to ground Time vs. Current for Failsafe ® Pb RoHS |
同様の部品番号 - SL1024A300RS |
|
同様の説明 - SL1024A300RS |