データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BCW72LT1 データシート(PDF) 3 Page - ON Semiconductor

部品番号 BCW72LT1
部品情報  General Purpose Transistor(NPN Silicon)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BCW72LT1 データシート(HTML) 3 Page - ON Semiconductor

  BCW72LT1 Datasheet HTML 1Page - ON Semiconductor BCW72LT1 Datasheet HTML 2Page - ON Semiconductor BCW72LT1 Datasheet HTML 3Page - ON Semiconductor BCW72LT1 Datasheet HTML 4Page - ON Semiconductor BCW72LT1 Datasheet HTML 5Page - ON Semiconductor BCW72LT1 Datasheet HTML 6Page - ON Semiconductor BCW72LT1 Datasheet HTML 7Page - ON Semiconductor BCW72LT1 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
BCW72LT1
3
Motorola Small–Signal Transistors, FETs and Diodes Device Data
NOISE FIGURE CONTOURS
(VCE = 5.0 Vdc, TA = 25°C)
Figure 5. Narrow Band, 100 Hz
IC, COLLECTOR CURRENT (µA)
500 k
Figure 6. Narrow Band, 1.0 kHz
IC, COLLECTOR CURRENT (µA)
10
2.0 dB
BANDWIDTH = 1.0 Hz
Figure 7. Wideband
IC, COLLECTOR CURRENT (µA)
10
10 Hz to 15.7 kHz
Noise Figure is defined as:
NF
+ 20 log10
en2 ) 4KTRS ) In
2RS2
4KTRS
1 2
= Noise Voltage of the Transistor referred to the input. (Figure 3)
= Noise Current of the Transistor referred to the input. (Figure 4)
= Boltzman’s Constant (1.38 x 10–23 j/
°K)
= Temperature of the Source Resistance (
°K)
= Source Resistance (Ohms)
en
In
K
T
RS
3.0 dB 4.0 dB
6.0 dB
10 dB
50
100
200
500
1 k
10 k
5 k
20 k
50 k
100 k
200 k
2 k
20
30
50 70 100
200 300
500 700
1 k
10
20
30
50 70 100
200 300
500 700
1 k
500 k
100
200
500
1 k
10 k
5 k
20 k
50 k
100 k
200 k
2 k
1 M
500 k
50
100
200
500
1 k
10 k
5 k
20 k
50 k
100 k
200 k
2 k
20
30
50
70
100
200 300
500 700
1 k
BANDWIDTH = 1.0 Hz
1.0 dB
2.0 dB
3.0 dB
5.0 dB
8.0 dB
1.0 dB
2.0 dB
3.0 dB
5.0 dB
8.0 dB


同様の部品番号 - BCW72LT1

メーカー部品番号データシート部品情報
logo
Motorola, Inc
BCW72LT1 MOTOROLA-BCW72LT1 Datasheet
416Kb / 8P
   General Purpose Transistor
logo
ON Semiconductor
BCW72LT1 ONSEMI-BCW72LT1 Datasheet
282Kb / 7P
   General Purpose Transistor
August, 2009 ??Rev. 3
BCW72LT1D ONSEMI-BCW72LT1D Datasheet
282Kb / 7P
   General Purpose Transistor
August, 2009 ??Rev. 3
BCW72LT1G ONSEMI-BCW72LT1G Datasheet
282Kb / 7P
   General Purpose Transistor
August, 2009 ??Rev. 3
BCW72LT1G ONSEMI-BCW72LT1G Datasheet
246Kb / 7P
   General Purpose Transistor
November, 2016 ??Rev. 5
More results

同様の説明 - BCW72LT1

メーカー部品番号データシート部品情報
logo
Weitron Technology
MMBT3904W WEITRON-MMBT3904W Datasheet
368Kb / 7P
   General Purpose Transistor NPN Silicon
logo
Zowie Technology Corpor...
MMBT3906 ZOWIE-MMBT3906 Datasheet
107Kb / 5P
   GENERAL PURPOSE TRANSISTOR NPN SILICON
BC847A ZOWIE-BC847A Datasheet
79Kb / 4P
   GENERAL PURPOSE TRANSISTOR NPN SILICON
BC849B ZOWIE-BC849B Datasheet
78Kb / 4P
   GENERAL PURPOSE TRANSISTOR NPN SILICON
MMBT2222AGH ZOWIE-MMBT2222AGH Datasheet
84Kb / 5P
   General Purpose Transistor NPN Silicon
logo
SeCoS Halbleitertechnol...
2SC1213 SECOS-2SC1213 Datasheet
77Kb / 2P
   NPN Silicon General Purpose Transistor
2SC2235 SECOS-2SC2235 Datasheet
181Kb / 2P
   NPN Silicon General Purpose Transistor
2SC2412 SECOS-2SC2412 Datasheet
331Kb / 3P
   NPN Silicon General Purpose Transistor
logo
SEMTECH ELECTRONICS LTD...
MMBT4401 SEMTECH_ELEC-MMBT4401 Datasheet
185Kb / 2P
   NPN Silicon General Purpose Transistor
logo
SeCoS Halbleitertechnol...
2SC4618 SECOS-2SC4618_11 Datasheet
456Kb / 2P
   NPN Silicon General Purpose Transistor
logo
ON Semiconductor
2N4264 ONSEMI-2N4264 Datasheet
169Kb / 6P
   General Purpose Transistor(NPN Silicon)
1997 REV 2
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com