データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BD241B データシート(PDF) 4 Page - ON Semiconductor

部品番号 BD241B
部品情報  POWER TRANSISTORS COMPLEMENTARY SILICON
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BD241B データシート(HTML) 4 Page - ON Semiconductor

  BD241B Datasheet HTML 1Page - ON Semiconductor BD241B Datasheet HTML 2Page - ON Semiconductor BD241B Datasheet HTML 3Page - ON Semiconductor BD241B Datasheet HTML 4Page - ON Semiconductor BD241B Datasheet HTML 5Page - ON Semiconductor BD241B Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
BD241C BD242B BD242C
4
Motorola Bipolar Power Transistor Device Data
500
0.03
5.0
0.05 0.07 0.1
0.3
0.5
1.0
3.0
100
50
30
10
300
70
TJ = 150°C
25
°C
–55
°C
VCE = 2.0 V
0.7
7.0
Figure 8. DC Current Gain
IC, COLLECTOR CURRENT (AMP)
1.4
0.003
Figure 9. Collector Saturation Region
IC, COLLECTOR CURRENT (AMPS)
0.01 0.020.03
0.1
0.2
0.5
1.0
2.0 3.0
0.8
0.6
0.4
0.2
0
TJ = 25°C
VBE(sat) @ IC/IB = 10
VCE(sat) @ IC/IB = 10
2.0
1.0
Figure 10. “On” Voltages
IB, BASE CURRENT (mA)
0
2.0
5.0
10
20
50
100 200
500
1000
1.6
1.2
0.8
0.4
IC = 0.3 A
TJ = 25°C
1.0 A
3.0 A
+ 2.5
0.003
Figure 11. Temperature Coefficients
IC, COLLECTOR CURRENT (AMP)
0.01 0.02
0.05
0.1
0.2 0.3
1.0
2.0 3.0
+ 2.0
+ 1.5
+ 0.5
0
– 0.5
– 1.0
– 1.5
– 2.0
– 2.5
θVB FOR VBE
*
θVC FOR VCE(sat)
*APPLIES FOR IC/IB ≤ 5.0
TJ = – 65°C TO + 150°C
103
– 0.4
Figure 12. Collector Cut–Off Region
VBE, BASE–EMITTER VOLTAGE (VOLTS)
102
101
100
10–1
10–2
10–3
– 0.3 – 0.2 – 0.1
0
+ 0.1 + 0.2 + 0.3
+ 0.4 + 0.5
+ 0.6
VCE = 30 V
TJ = 150°C
100
°C
25
°C
REVERSE
FORWARD
ICES
107
Figure 13. Effects of Base–Emitter Resistance
TJ, JUNCTION TEMPERATURE (°C)
20
40
60
80
100
120
140
160
106
105
104
103
102
VCE = 30 V
IC = 10 x ICES
IC ≈ ICES
(TYPICAL ICES VALUES
OBTAINED FROM FIGURE 12)
0.005
0.3
0.05
1.2
1.0
VBE @ VCE = 2.0 V
+ 1.0
0.5
0.005
IC = 2 x ICES


同様の部品番号 - BD241B

メーカー部品番号データシート部品情報
logo
Mospec Semiconductor
BD241B MOSPEC-BD241B Datasheet
133Kb / 3P
   POWER TRANSISTORS(3A,40W)
logo
Inchange Semiconductor ...
BD241B ISC-BD241B Datasheet
132Kb / 3P
   Silicon NPN Power Transistors
logo
Motorola, Inc
BD241B MOTOROLA-BD241B Datasheet
139Kb / 6P
   Complementary Silicon Plastic Power Transistors
logo
Comset Semiconductor
BD241B COMSET-BD241B Datasheet
104Kb / 3P
   MEDIUM POWER LINEAR AND SWITCHING APPLICATIONS
logo
Power Innovations Ltd
BD241B POINN-BD241B Datasheet
87Kb / 6P
   NPN SILICON POWER TRANSISTORS
More results

同様の説明 - BD241B

メーカー部品番号データシート部品情報
logo
Motorola, Inc
D44E MOTOROLA-D44E Datasheet
84Kb / 2P
   COMPLEMENTARY SILICON POWER TRANSISTORS
logo
STMicroelectronics
MJE172 STMICROELECTRONICS-MJE172_03 Datasheet
52Kb / 4P
   COMPLEMENTARY SILICON POWER TRANSISTORS
logo
ON Semiconductor
D44H ONSEMI-D44H_06 Datasheet
68Kb / 5P
   Complementary Silicon Power Transistors
February, 2006 ??Rev. 9
logo
STMicroelectronics
TIP31A STMICROELECTRONICS-TIP31A Datasheet
64Kb / 5P
   COMPLEMENTARY SILICON POWER TRANSISTORS
logo
ON Semiconductor
TIP33B ONSEMI-TIP33B Datasheet
102Kb / 4P
   COMPLEMENTARY SILICON POWER TRANSISTORS
1996 REV 1
MJE4343 ONSEMI-MJE4343 Datasheet
142Kb / 6P
   POWER TRANSISTORS COMPLEMENTARY SILICON
1998
MJF15030 ONSEMI-MJF15030 Datasheet
246Kb / 6P
   COMPLEMENTARY SILICON POWER TRANSISTORS
1995
logo
STMicroelectronics
BD235 STMICROELECTRONICS-BD235 Datasheet
75Kb / 5P
   COMPLEMENTARY SILICON POWER TRANSISTORS
BD241A STMICROELECTRONICS-BD241A Datasheet
66Kb / 4P
   COMPLEMENTARY SILICON POWER TRANSISTORS
June 1997
BD243B STMICROELECTRONICS-BD243B Datasheet
34Kb / 4P
   COMPLEMENTARY SILICON POWER TRANSISTORS
September 1999
logo
Motorola, Inc
TIP35A MOTOROLA-TIP35A Datasheet
157Kb / 6P
   COMPLEMENTARY SILICON POWER TRANSISTORS
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com