データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

NP043A2 データシート(PDF) 2 Page - Panasonic Semiconductor

部品番号 NP043A2
部品情報  Silicon NPN epitaxial planar type (Tr1) Silicon PNP epitaxial planar type (Tr2)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PANASONIC [Panasonic Semiconductor]
ホームページ  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

NP043A2 データシート(HTML) 2 Page - Panasonic Semiconductor

  NP043A2 Datasheet HTML 1Page - Panasonic Semiconductor NP043A2 Datasheet HTML 2Page - Panasonic Semiconductor NP043A2 Datasheet HTML 3Page - Panasonic Semiconductor NP043A2 Datasheet HTML 4Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
NP043A2
2
SJJ00285AED
Common characteristics chart
PT  Ta
Characteristics charts of Tr1
IC  VCE
VCE(sat)  IC
hFE  IC
■ Electrical Characteristics (continued) T
a = 25°C ± 3°C
• Tr2
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Collector-base voltage (Emitter open)
VCBO
IC = −10 µA, IE = 0
−50
V
Collector-emitter voltage (Base open)
VCEO
IC
= −2 mA, I
B
= 0
−50
V
Collector-base cutoff current (Emitter open)
ICBO
VCB = −50 V, IE = 0
− 0.1
µA
Collector-emitter cutoff current (Base open)
ICEO
VCE = −50 V, IB = 0
− 0.5
µA
Emitter-base cutoff current (Collector open)
IEBO
VEB
= −6 V, I
C
= 0
− 0.2
mA
Forward current transfer ratio
hFE
VCE = −10 V, IC = −5 mA
60
Collector-emitter saturation voltage
VCE(sat)
IC = −10 mA, IB = − 0.3 mA
− 0.25
V
Output voltage high level
VOH
VCC
= −5 V, V
B
= − 0.5 V, R
L
= 1 kΩ−4.9
V
Output voltage low level
VOL
VCC = −5 V, VB = −2.5 V, RL = 1 kΩ− 0.2
V
Input resistance
R1
−30%
22
+30%
k
Resistance ratio
R1 / R2
0.8
1.0
1.2
Transition frequency
fT
VCB = −10 V, IE = 1 mA, f = 200 MHz
80
MHz
Note) Measuring methods are based on JAPANESE INDUSTRIAL STANDARD JIS C 7030 measuring methods for transistors.
Ambient temperature T
a (°C)
0
140
60
20
80
120
40
100
0
140
120
40
100
80
20
60
012
10
8
26
4
0
70
70
50
60
10
40
30
20
Collector-emitter voltage V
CE (V)
0.4 mA
IB
= 1.0 mA
0.9 mA
0.8 mA
0.5 mA
0.6 mA
0.7 mA
0.3 mA
0.2 mA
0.1 mA
Ta
= 25°C
Collector current I
C (mA)
0.01
10
1
0.1
1
10
100
25
°C
Ta
= 85°C
−25°C
IC/IB
= 10
Collector current I
C (mA)
0.1
1
10
100
0
300
200
150
250
100
50
VCE
= 10 V
Ta
= 85°C
−25°C
25
°C


同様の部品番号 - NP043A2

メーカー部品番号データシート部品情報
logo
YAGEO Corporation
NP0402 YAGEO-NP0402 Datasheet
469Kb / 23P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
logo
Taiyo Yuden (U.S.A.), I...
NP04SB100M TAIYO-YUDEN-NP04SB100M Datasheet
249Kb / 6P
   SMD INDUCTORS
NP04SB150M TAIYO-YUDEN-NP04SB150M Datasheet
249Kb / 6P
   SMD INDUCTORS
NP04SB220M TAIYO-YUDEN-NP04SB220M Datasheet
249Kb / 6P
   SMD INDUCTORS
NP04SB330M TAIYO-YUDEN-NP04SB330M Datasheet
249Kb / 6P
   SMD INDUCTORS
More results

同様の説明 - NP043A2

メーカー部品番号データシート部品情報
logo
Panasonic Semiconductor
UP03312 PANASONIC-UP03312 Datasheet
127Kb / 5P
   Silicon NPN epitaxial planar type (Tr1), Silicon PNP epitaxial planar type (Tr2)
XP03312 PANASONIC-XP03312_13 Datasheet
256Kb / 6P
   Silicon NPN epitaxial planar type Tr1 Silicon PNP epitaxial planar type Tr2
DMG964010R PANASONIC-DMG964010R Datasheet
400Kb / 6P
   Silicon NPN epitaxial planar type (Tr1) Silicon PNP epitaxial planar type (Tr2)
UP04314 PANASONIC-UP04314 Datasheet
113Kb / 5P
   Silicon NPN epitaxial planar type (Tr1) / Silicon PNP epitaxial planar type (Tr2)
XP04654 PANASONIC-XP04654 Datasheet
110Kb / 5P
   Silicon NPN epitaxial planar type (Tr1), Silicon PNP epitaxial planar type (Tr2)
DMG20402 PANASONIC-DMG20402 Datasheet
444Kb / 6P
   Silicon NPN epitaxial planar type (Tr1) Silicon PNP epitaxial planar type (Tr2)
UP04601 PANASONIC-UP04601 Datasheet
117Kb / 5P
   Silicon NPN epitaxial planar type (Tr1) Silicon PNP epitaxial planar type (Tr2)
DMG563H1 PANASONIC-DMG563H1 Datasheet
388Kb / 6P
   Silicon NPN epitaxial planar type (Tr1) Silicon PNP epitaxial planar type (Tr2)
logo
Panasonic Battery Group
DMG963H10R PANASONICBATTERY-DMG963H10R Datasheet
402Kb / 6P
   Silicon NPN epitaxial planar type (Tr1) Silicon PNP epitaxial planar type (Tr2)
logo
Panasonic Semiconductor
NP0H3A3 PANASONIC-NP0H3A3 Datasheet
104Kb / 5P
   Silicon PNP epitaxial planar type (Tr1), Silicon NPN epitaxial planar type (Tr2)
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com