データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

HCPL-786J データシート(PDF) 10 Page - Agilent(Hewlett-Packard)

部品番号 HCPL-786J
部品情報  Optically Isolated Sigma-Delta Modulator
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  HP [Agilent(Hewlett-Packard)]
ホームページ  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL-786J データシート(HTML) 10 Page - Agilent(Hewlett-Packard)

Back Button HCPL-786J Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL-786J Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL-786J Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL-786J Datasheet HTML 9Page - Agilent(Hewlett-Packard) HCPL-786J Datasheet HTML 10Page - Agilent(Hewlett-Packard) HCPL-786J Datasheet HTML 11Page - Agilent(Hewlett-Packard) HCPL-786J Datasheet HTML 12Page - Agilent(Hewlett-Packard) HCPL-786J Datasheet HTML 13Page - Agilent(Hewlett-Packard) HCPL-786J Datasheet HTML 14Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
10
Figure 1. IIN vs. VIN.
Figure 2. IDD1 vs. VIN.
Figure 3. IDD2 vs. VIN.
Figure 4. Clock Frequency vs. Temperature.
Figure 5. INL (Bits) vs. Temperature
Figure 6. INL (%) vs. Temperature
Figure 7. Offset Change vs. Temperature
Figure 8. VREF Change vs. Temperature
Figure 9. SNR vs. Temperature
VIN - V
-4
-5
-4
1
0
-9
-2
0
-6
6
-2
2
-1
-3
-8
-6
-7
4
VIN - mV
9.0
8.5
-200
10.5
200
8.0
9.5
-40 ˚C
10.0
-400
400
0
25 ˚C
85 ˚C
VIN - mV
8.6
8.2
-200
9.4
200
8.0
8.8
-40 ˚C
9.2
-400
400
0
25 ˚C
85 ˚C
8.4
9.0
TEMPERATURE - ˚C
9.2
-15
10.0
60
8.6
9.4
9.8
-40
85
10
35
8.8
9.0
9.6
VDD1 = 4.5 V
VDD1 = 5.0 V
VDD1 = 5.5 V
TEMPERATURE - ˚C
4
-15
7
60
2
5
VDD1 = 4.5 V
6
-40
85
10
35
VDD1 = 5.0 V
VDD1 = 5.5 V
3
TEMPERATURE - ˚C
0.012
-15
0.02
60
0.006
0.014
VDD1 = 4.5 V
0.016
-40
85
10
35
VDD1 = 5.0 V
VDD1 = 5.5 V
0.008
0.018
0.01
TEMPERATURE - ˚C
-50
-15
150
60
-150
0
VDD1 = 4.5 V
100
-40
85
10
35
VDD1 = 5.0 V
VDD1 = 5.5 V
-100
50
TEMPERATURE - ˚C
0
-15
0.8
60
-0.4
0.2
VDD1 = 4.5 V
0.6
-40
85
10
35
VDD1 = 5.0 V
VDD1 = 5.5 V
-0.2
0.4
TEMPERATURE - ˚C
64
62
-15
68
60
61
65
VDD1 = 4.5 V
67
-40
85
10
35
VDD1 = 5.0 V
VDD1 = 5.5 V
63
66


同様の部品番号 - HCPL-786J

メーカー部品番号データシート部品情報
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-786J AVAGO-HCPL-786J Datasheet
244Kb / 18P
   The HCPL-7860/HCPL-786J Optically Isolated Modulator and HCPL-0872 Digital Interface IC or digital filter together form an isolated programmable two-chip analog-to-digital converter.
March 6, 2015
HCPL-786J AVAGO-HCPL-786J Datasheet
244Kb / 18P
   Optically Isolated Sigma-Delta (S-D) Modulator
HCPL-786J-000E AVAGO-HCPL-786J-000E Datasheet
244Kb / 18P
   Optically Isolated Sigma-Delta (S-D) Modulator
HCPL-786J-000E AVAGO-HCPL-786J-000E Datasheet
244Kb / 18P
   The HCPL-7860/HCPL-786J Optically Isolated Modulator and HCPL-0872 Digital Interface IC or digital filter together form an isolated programmable two-chip analog-to-digital converter.
March 6, 2015
HCPL-786J-500E AVAGO-HCPL-786J-500E Datasheet
244Kb / 18P
   The HCPL-7860/HCPL-786J Optically Isolated Modulator and HCPL-0872 Digital Interface IC or digital filter together form an isolated programmable two-chip analog-to-digital converter.
March 6, 2015
More results

同様の説明 - HCPL-786J

メーカー部品番号データシート部品情報
logo
Renesas Technology Corp
PS9551AL4 RENESAS-PS9551AL4 Datasheet
854Kb / 20P
   Optically Isolated Delta-Sigma Modulator
Mar 20, 2014
RV1S9353A RENESAS-RV1S9353A Datasheet
1Mb / 20P
   Optically Isolated Delta-Sigma Modulator
Mar 23, 2020
logo
California Eastern Labs
PS9551AL4 CEL-PS9551AL4 Datasheet
3Mb / 20P
   Optically Isolated Delta-Sigma Modulator
logo
Agilent(Hewlett-Packard...
HCPL-7560 HP-HCPL-7560 Datasheet
150Kb / 18P
   Optically Isolated Sigma-Delta Modulator
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-7970-500E AVAGO-ACPL-7970-500E Datasheet
651Kb / 18P
   Optically Isolated Sigma-Delta Modulator
logo
Renesas Technology Corp
PS9551AL4 RENESAS-PS9551AL4_15 Datasheet
855Kb / 20P
   Optically Isolated Delta-Sigma Modulator
logo
Broadcom Corporation.
ACPL-C797 BOARDCOM-ACPL-C797 Datasheet
1Mb / 18P
   Optically Isolated Sigma-Delta Modulator
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-796J-560E AVAGO-ACPL-796J-560E Datasheet
209Kb / 16P
   Optically Isolated Sigma-Delta Modulator
ACPL-C797 AVAGO-ACPL-C797 Datasheet
643Kb / 16P
   Optically Isolated Sigma-Delta Modulator
logo
Broadcom Corporation.
ACPL-C740 BOARDCOM-ACPL-C740 Datasheet
1Mb / 19P
   Optically Isolated Sigma-Delta Modulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com