データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

HCPL-7860-300 データシート(PDF) 6 Page - Agilent(Hewlett-Packard)

部品番号 HCPL-7860-300
部品情報  Optically Isolated Sigma-Delta Modulator
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  HP [Agilent(Hewlett-Packard)]
ホームページ  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL-7860-300 データシート(HTML) 6 Page - Agilent(Hewlett-Packard)

Back Button HCPL-7860-300 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HCPL-7860-300 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HCPL-7860-300 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL-7860-300 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL-7860-300 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL-7860-300 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL-7860-300 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL-7860-300 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HCPL-7860-300 Datasheet HTML 10Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
6
Notes:
1. Insulation characteristics are guaranteed only within the safety maximum ratings, which must be
ensured by protective circuits within the application. Surface Mount Classifications is Class A in
accordance with CECC00802.
2. Refer to the optocoupler section of the Isolation and Control Components Designer’s Catalog,
under Product Safety Regulations section, (IEC/EN/DIN EN 60747-5-2) for a detailed description
of Method a and Method b partial discharge test profiles.
3. Refer to the following figure for dependence of PS and IS on ambient temperature.
IEC/EN/DIN EN 60747-5-2 Insulation Characteristics[1]
Insulation and Safety Related Specifications
Option 300 - surface mount classification is Class A in accordance with CECC 00802.
Description
Symbol
HCPL-7860/786J Unit
Installation classification per DIN VDE 0110/1.89, Table 1
for rated mains voltage
≤ 300 V
rms
for rated mains voltage
≤ 450 V
rms
for rated mains voltage
≤ 600 V
rms
I - IV
I - III
I - II
Climatic Classification
40/85/21
Pollution Degree (DIN VDE 0110/1.89)
2
Maximum Working Insulation Voltage
VIORM
891
Vpeak
Input to Output Test Voltage, Method b[2]
VIORM x 1.875=VPR, 100% Production Test with
tm=1 sec, Partial discharge < 5 pC
VPR
1670
Vpeak
Input to Output Test Voltage, Method a*
VIORM x 1.5=VPR, Type and Sample Test,
tm=60 sec,Partial discharge < 5 pC
VPR
1336
Vpeak
Highest Allowable Overvoltage(Transient Overvoltage tini = 10 sec)
VIOTM
6000
Vpeak
Safety-limiting values - maximum values allowed in the event of a failure.
Case Temperature
Input Current[3]
Output Power[3]
TS
IS, INPUT
PS, OUTPUT
175
400
600
°C
mA
mW
Insulation Resistance at TS, VIO = 500 V
RS
>109
Parameter
Symbol
DIP-8
SO-16
Units
Conditions
Minimum External Air Gap
(Clearance)
L(101)
7.4
8.3
mm
Measured from input terminals to output
terminals, shortest distance through air.
Minimum External
Tracking (Creepage)
L(102)
8.0
8.3
mm
Measured from input terminals to output
terminals, shortest distance path along body.
Minimum Internal Plastic
Gap (Internal Clearance)
0.5
0.5
mm
Through insulation distance conductor to
conductor, usually the straight line distance
thickness between the emitter and detector.
Tracking Resistance
(Comparative Tracking
Index)
CTI
>175
>175
V
DIN IEC 112/VDE 0303 Part 1
Isolation Group
IIIa
IIIa
Material Group (DIN VDE 0110, 1/89, Table 1)
0
0
TS - CASE TEMPERATURE -
oC
200
50
400
125
25
75
100
150
600
800
200
100
300
500
700
175
P S (mW)
IS (mA)


同様の部品番号 - HCPL-7860-300

メーカー部品番号データシート部品情報
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-7860-300E AVAGO-HCPL-7860-300E Datasheet
244Kb / 18P
   Optically Isolated Sigma-Delta (S-D) Modulator
HCPL-7860-300E AVAGO-HCPL-7860-300E Datasheet
244Kb / 18P
   The HCPL-7860/HCPL-786J Optically Isolated Modulator and HCPL-0872 Digital Interface IC or digital filter together form an isolated programmable two-chip analog-to-digital converter.
March 6, 2015
More results

同様の説明 - HCPL-7860-300

メーカー部品番号データシート部品情報
logo
Renesas Technology Corp
PS9551AL4 RENESAS-PS9551AL4 Datasheet
854Kb / 20P
   Optically Isolated Delta-Sigma Modulator
Mar 20, 2014
RV1S9353A RENESAS-RV1S9353A Datasheet
1Mb / 20P
   Optically Isolated Delta-Sigma Modulator
Mar 23, 2020
logo
California Eastern Labs
PS9551AL4 CEL-PS9551AL4 Datasheet
3Mb / 20P
   Optically Isolated Delta-Sigma Modulator
logo
Agilent(Hewlett-Packard...
HCPL-7560 HP-HCPL-7560 Datasheet
150Kb / 18P
   Optically Isolated Sigma-Delta Modulator
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-7970-500E AVAGO-ACPL-7970-500E Datasheet
651Kb / 18P
   Optically Isolated Sigma-Delta Modulator
logo
Renesas Technology Corp
PS9551AL4 RENESAS-PS9551AL4_15 Datasheet
855Kb / 20P
   Optically Isolated Delta-Sigma Modulator
logo
Broadcom Corporation.
ACPL-C797 BOARDCOM-ACPL-C797 Datasheet
1Mb / 18P
   Optically Isolated Sigma-Delta Modulator
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-796J-560E AVAGO-ACPL-796J-560E Datasheet
209Kb / 16P
   Optically Isolated Sigma-Delta Modulator
ACPL-C797 AVAGO-ACPL-C797 Datasheet
643Kb / 16P
   Optically Isolated Sigma-Delta Modulator
logo
Broadcom Corporation.
ACPL-C740 BOARDCOM-ACPL-C740 Datasheet
1Mb / 19P
   Optically Isolated Sigma-Delta Modulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com