データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

KMM372V213CS データシート(PDF) 6 Page - Samsung semiconductor

部品番号 KMM372V213CS
部品情報  2M x 72 DRAM DIMM with ECC using 2Mx8, 2K Refresh, 3.3V
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SAMSUNG [Samsung semiconductor]
ホームページ  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KMM372V213CS データシート(HTML) 6 Page - Samsung semiconductor

Back Button KMM372V213CS Datasheet HTML 2Page - Samsung semiconductor KMM372V213CS Datasheet HTML 3Page - Samsung semiconductor KMM372V213CS Datasheet HTML 4Page - Samsung semiconductor KMM372V213CS Datasheet HTML 5Page - Samsung semiconductor KMM372V213CS Datasheet HTML 6Page - Samsung semiconductor KMM372V213CS Datasheet HTML 7Page - Samsung semiconductor KMM372V213CS Datasheet HTML 8Page - Samsung semiconductor KMM372V213CS Datasheet HTML 9Page - Samsung semiconductor KMM372V213CS Datasheet HTML 10Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
DRAM MODULE
KMM372V213CK/CS
NOTES
An initial pause of 200us is required after power-up followed
by any 8 RAS-only or CAS-before-RAS refresh cycles before
proper device operation is achieved.
Input voltage levels are Vih/Vil. VIH(min) and VIL(max) are
reference levels for measuring timing of input signals. Transi-
tion times are measured between VIH(min) and VIL(max) and
are assumed to be 5ns for all inputs.
Measured with a load equivalent to 1 TTL loads and 100pF.
Voh=2.0V and Vol=0.8V.
Operation within the
tRCD(max) limit insures that tRAC(max)
can be met.
tRCD(max) is specified as a reference point only.
If
tRCD is greater than the specified tRCD(max) limit, then
access time is controlled exclusively by
tCAC.
Assumes that
tRCD
tRCD(max).
This parameter defines the time at which the output achieves
the open circuit condition and is not referenced to VOH or VOL.
tWCS is not restrictive operating parameter. It included in the
data sheet as electrical characteristic only. If
tWCS
tWCS(min)
the cycle is an early write cycle and the data out pin will
remain high impedance for the duration of the cycle.
Either
tRCH or tRRH must be satisfied for a read cycle.
These parameters are referenced to the CAS leading edge in
early write cycles.
Operation within the
tRAD(max) limit insures that tRAC(max)
can be met.
tRAD(max) is specified as reference point only. If
tRAD is greater than the specified tRAD(max) limit, then access
time is controlled by
tAA.
The timing skew from the DRAM to the DIMM resulted from
the addition of buffers.
1.
2.
3.
4.
5.
6.
7.
8.
9.
10.
11.


同様の部品番号 - KMM372V213CS

メーカー部品番号データシート部品情報
logo
Samsung semiconductor
KMM372V1600BK SAMSUNG-KMM372V1600BK Datasheet
434Kb / 18P
   16M x 72 DRAM DIMM with ECC using 16Mx4, 4K 8K Refresh, 3.3V
KMM372V1600BS SAMSUNG-KMM372V1600BS Datasheet
434Kb / 18P
   16M x 72 DRAM DIMM with ECC using 16Mx4, 4K 8K Refresh, 3.3V
KMM372V1680BK SAMSUNG-KMM372V1680BK Datasheet
434Kb / 18P
   16M x 72 DRAM DIMM with ECC using 16Mx4, 4K 8K Refresh, 3.3V
KMM372V1680BS SAMSUNG-KMM372V1680BS Datasheet
434Kb / 18P
   16M x 72 DRAM DIMM with ECC using 16Mx4, 4K 8K Refresh, 3.3V
KMM372V3200BS1 SAMSUNG-KMM372V3200BS1 Datasheet
439Kb / 18P
   32M x 72 DRAM DIMM with ECC using 16Mx4, 4K 8K Refresh, 3.3V
More results

同様の説明 - KMM372V213CS

メーカー部品番号データシート部品情報
logo
Samsung semiconductor
KMM372F213CS SAMSUNG-KMM372F213CS Datasheet
455Kb / 20P
   2M x 72 DRAM DIMM with ECC using 2Mx8, 2K Refresh, 3.3V
KMM372C213CK SAMSUNG-KMM372C213CK Datasheet
430Kb / 19P
   2M x 72 DRAM DIMM with ECC using 2Mx8, 2K Refresh, 5V
KMM372V413CS SAMSUNG-KMM372V413CS Datasheet
410Kb / 19P
   4M x 72 DRAM DIMM with ECC using 2Mx8, Dual Bank 2K Refresh, 3.3V
KMM372F410CS SAMSUNG-KMM372F410CS Datasheet
456Kb / 20P
   4M x 72 DRAM DIMM with ECC using 4Mx4, 4K 2K Refresh, 3.3V
KMM372V410CK SAMSUNG-KMM372V410CK Datasheet
411Kb / 19P
   4M x 72 DRAM DIMM with ECC using 4Mx4, 4K 2K Refresh, 3.3V
KMM372C410CK SAMSUNG-KMM372C410CK Datasheet
411Kb / 19P
   4M x 72 DRAM DIMM with ECC using 4Mx4, 4K 2K Refresh, 5V
KMM5322104CKU SAMSUNG-KMM5322104CKU Datasheet
274Kb / 15P
   2M x 32 DRAM SIMM using 2Mx8 , 2K Refresh, 5V
KMM372F804BS SAMSUNG-KMM372F804BS Datasheet
483Kb / 20P
   8M x 72 DRAM DIMM with ECC using 4Mx16, 4Mx4 4K Refresh, 3.3V
KMM372F3280CS1 SAMSUNG-KMM372F3280CS1 Datasheet
506Kb / 20P
   32M x 72 DRAM DIMM with ECC using 16Mx4, 4K 8K Refresh, 3.3V
KMM372V3200CS1 SAMSUNG-KMM372V3200CS1 Datasheet
457Kb / 18P
   32M x 72 DRAM DIMM with ECC using 16Mx4, 4K 8K Refresh, 3.3V
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com