データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

KMM372V404BS データシート(PDF) 3 Page - Samsung semiconductor

部品番号 KMM372V404BS
部品情報  4M x 72 DRAM DIMM with ECC using 4Mx16, 4Mx4 4K Refresh, 3.3V
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SAMSUNG [Samsung semiconductor]
ホームページ  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KMM372V404BS データシート(HTML) 3 Page - Samsung semiconductor

  KMM372V404BS Datasheet HTML 1Page - Samsung semiconductor KMM372V404BS Datasheet HTML 2Page - Samsung semiconductor KMM372V404BS Datasheet HTML 3Page - Samsung semiconductor KMM372V404BS Datasheet HTML 4Page - Samsung semiconductor KMM372V404BS Datasheet HTML 5Page - Samsung semiconductor KMM372V404BS Datasheet HTML 6Page - Samsung semiconductor KMM372V404BS Datasheet HTML 7Page - Samsung semiconductor KMM372V404BS Datasheet HTML 8Page - Samsung semiconductor KMM372V404BS Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
DRAM MODULE
KMM372V404BS
ICC1, ICC3, ICC4 and ICC6 are dependent on output loading and cycle rates. Specified values are obtained with the output open.
ICC is specified as an average current. In ICC1 and ICC3, address can be changed maximum once while RAS=VIL. In ICC4,
address can be changed maximum once within one Fast Page mode cycle time, tPC.
* NOTE :
ABSOLUTE MAXIMUM RATINGS *
* Permanent device damage may occur if ABSOLUTE MAXIMUM RATINGS are exceeded. Functional operation should be restricted to
the conditions as detailed in the operational sections of this data sheet. Exposure to absolute maximum rating conditions for intended
periods may affect device reliability.
Item
Symbol
Rating
Unit
Voltage on any pin relative VSS
Voltage on VCC supply relative to VSS
Storage Temperature
Power Dissipation
Short Circuit Output Current
VIN, VOUT
VCC
Tstg
PD
IOS
-0.5 to +4.6
-0.5 to +4.6
-55 to +125
6
50
V
V
°C
W
mA
DC AND OPERATING CHARACTERISTICS (Recommended operating conditions unless otherwise noted)
ICC1*
ICC2
ICC3*
ICC4*
ICC5
ICC6*
I(IL)
I(OL)
VOH
VOL
Symbol
Speed
KMM372V404BS
Unit
Min
Max
ICC1
-5
-6
-
-
660
600
mA
mA
ICC2
Don
′t care
-
100
mA
ICC3
-5
-6
-
-
660
600
mA
mA
ICC4
-5
-6
-
-
440
380
mA
mA
ICC5
Don
′t care
-
30
mA
ICC6
-5
-6
-
-
660
600
mA
mA
II(L)
IO(L)
Don
′'t care
-10
-5
10
5
uA
uA
VOH
VOL
Don
′t care
2.4
-
-
0.4
V
V
: Operating Current * (RAS, CAS, Address cycling @
tRC=min)
: Standby Current (RAS=CAS=W=VIH)
: RAS Only Refresh Current * (CAS=VIH, RAS cycling @
tRC=min)
: Fast Page Mode Current * (RAS=VIL, CAS cycling : tPC=min)
: Standby Current (RAS=CAS=W=Vcc-0.2V)
: CAS-Before-RAS Refresh Current * (RAS and CAS cycling @
tRC=min)
: Input Leakage Current (Any input 0
≤VIN≤Vcc+0.3V, all other pins not under test=0 V)
: Output Leakage Current(Data Out is disabled, 0V
≤VOUT≤Vcc)
: Output High Voltage Level (IOH = -2mA)
: Output Low Voltage Level (IOL = 2mA)
RECOMMENDED OPERATING CONDITIONS (Voltage referenced to VSS, TA = 0 to 70
°C)
*1 : VCC+1.3V at pulse width
≤15ns, which is measured at VCC.
*2 : -1.3V at pulse width
≤15ns, which is measured at VSS.
Item
Symbol
Min
Typ
Max
Unit
Supply Voltage
Ground
Input High Voltage
Input Low Voltage
VCC
VSS
VIH
VIL
3.0
0
2.0
-0.3*2
3.3
0
-
-
3.6
0
VCC+0.3*1
0.8
V
V
V
V


同様の部品番号 - KMM372V404BS

メーカー部品番号データシート部品情報
logo
Samsung semiconductor
KMM372V400CK SAMSUNG-KMM372V400CK Datasheet
411Kb / 19P
   4M x 72 DRAM DIMM with ECC using 4Mx4, 4K 2K Refresh, 3.3V
KMM372V400CS SAMSUNG-KMM372V400CS Datasheet
411Kb / 19P
   4M x 72 DRAM DIMM with ECC using 4Mx4, 4K 2K Refresh, 3.3V
More results

同様の説明 - KMM372V404BS

メーカー部品番号データシート部品情報
logo
Samsung semiconductor
KMM372F804BS SAMSUNG-KMM372F804BS Datasheet
483Kb / 20P
   8M x 72 DRAM DIMM with ECC using 4Mx16, 4Mx4 4K Refresh, 3.3V
KMM372F410CS SAMSUNG-KMM372F410CS Datasheet
456Kb / 20P
   4M x 72 DRAM DIMM with ECC using 4Mx4, 4K 2K Refresh, 3.3V
KMM372V410CK SAMSUNG-KMM372V410CK Datasheet
411Kb / 19P
   4M x 72 DRAM DIMM with ECC using 4Mx4, 4K 2K Refresh, 3.3V
KMM372C410CK SAMSUNG-KMM372C410CK Datasheet
411Kb / 19P
   4M x 72 DRAM DIMM with ECC using 4Mx4, 4K 2K Refresh, 5V
KMM372F3280CS1 SAMSUNG-KMM372F3280CS1 Datasheet
506Kb / 20P
   32M x 72 DRAM DIMM with ECC using 16Mx4, 4K 8K Refresh, 3.3V
KMM372V3200CS1 SAMSUNG-KMM372V3200CS1 Datasheet
457Kb / 18P
   32M x 72 DRAM DIMM with ECC using 16Mx4, 4K 8K Refresh, 3.3V
KMM372V3200CK4 SAMSUNG-KMM372V3200CK4 Datasheet
458Kb / 18P
   32M x 72 DRAM DIMM with ECC using 16Mx4, 4K 8K Refresh, 3.3V
KMM372V883BK SAMSUNG-KMM372V883BK Datasheet
420Kb / 18P
   8M x 72 DRAM DIMM with ECC using 8Mx8, 4K 8K Refresh, 3.3V
KMM372V1680BK SAMSUNG-KMM372V1680BK Datasheet
434Kb / 18P
   16M x 72 DRAM DIMM with ECC using 16Mx4, 4K 8K Refresh, 3.3V
KMM372V3200BS1 SAMSUNG-KMM372V3200BS1 Datasheet
439Kb / 18P
   32M x 72 DRAM DIMM with ECC using 16Mx4, 4K 8K Refresh, 3.3V
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com