データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TLSU1008A データシート(PDF) 2 Page - Toshiba Semiconductor

部品番号 TLSU1008A
部品情報  Toshiba TLxU1008A SMT LEDs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TOSHIBA [Toshiba Semiconductor]
ホームページ  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLSU1008A データシート(HTML) 2 Page - Toshiba Semiconductor

  TLSU1008A Datasheet HTML 1Page - Toshiba Semiconductor TLSU1008A Datasheet HTML 2Page - Toshiba Semiconductor TLSU1008A Datasheet HTML 3Page - Toshiba Semiconductor TLSU1008A Datasheet HTML 4Page - Toshiba Semiconductor TLSU1008A Datasheet HTML 5Page - Toshiba Semiconductor TLSU1008A Datasheet HTML 6Page - Toshiba Semiconductor TLSU1008A Datasheet HTML 7Page - Toshiba Semiconductor TLSU1008A Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Toshiba TLxU1008A SMT LEDs
Electrical and Optical Characteristics (Ta=25
o
C)
Part
Number
PWL nm
λP
Material
View
Angle
2
θ1/2
Luminous Intensity
Iv
Forward Voltage
VF
Rev Current
IR
min.
typ.
max.
IF@
min.
typ.
max.
IF@
max.
VR@
TLAU1008A
596
InGaAlP
110
o
8.50
30.00
− 20mA
2.10
2.50 20mA
50
4V
TLGU1008A
574
InGaAlP
110
o
8.50
30.00
− 20mA
2.10
2.50 20mA
50
4V
TLOU1008A
612
InGaAlP
110
o
27.20
78.00
− 20mA
2.10
2.50 20mA
50
4V
TLPGU1008A
562
InGaAlP
110
o
1.53
6.00
− 20mA
2.10
2.50 20mA
50
4V
TLSU1008A
636
InGaAlP
110
o
27.20
60.00
− 20mA
2.00
2.40 20mA
50
4V
TLYU1008A
590
InGaAlP
110
o
8.50
30.00
− 20mA
2.20
2.50 20mA
50
4V
nm
deg
mcd
V
µ A
NOTICE:
TOSHIBA is continually working to improve the quality and reliability of its products. Nevertheless, semiconductor devices in general can
malfunction or fail due to their inherent electrical sensitivity and vulnerability to physical stress. It is the responsibility of the buyer, when
utilizing TOSHIBA products, to comply with the standards of safety in making a safe design for the entire system, and to avoid situations in
which a malfunction or failure of such TOSHIBA products could cause loss of human life, bodily injury or damage to property.
In developing your designs, please ensure that TOSHIBA products are used within specified operating ranges as set forth in the most recent
TOSHIBA products specifications. Also, please keep in mind the precautions and conditions set forth in the “Handling Guide for
Semiconductor Devices,” or “TOSHIBA Semiconductor Reliability Handbook” etc..
The TOSHIBA products listed in this document are intended for usage in general electronics applications (computer, personal equipment,
office equipment, measuring equipment, industrial robotics, domestic appliances, etc.). These TOSHIBA products are neither intended nor
warranted for usage in equipment that requires extraordinarily high quality and/or reliability or a malfunction or failure of which may cause
loss of human life or bodily injury (“Unintended Usage”). Unintended Usage include atomic energy control instruments, airplane or spaceship
instruments, transportation instruments, traffic signal instruments, combustion control instruments, medical instruments, all types of safety
devices, etc.. Unintended Usage of TOSHIBA products listed in this document shall be made at the customer’s own risk.
Gallium arsenide (GaAs) is a substance used in the products described in this document. GaAs dust and fumes are toxic. Do not break, cut
or pulverize the product, or use chemicals to dissolve them. When disposing of the products, follow the appropriate regulations. Do not
dispose of the products with other industrial waste or with domestic garbage.
The information contained herein is presented only as a guide for the applications of our products. No responsibility is assumed by TOSHIBA
CORPORATION for any infringements of intellectual property or other rights of the third parties which may result from its use. No license is
granted by implication or otherwise under any intellectual property or other rights of TOSHIBA CORPORATION or others.
The information contained herein is subject to change without notice.
Company Headquarters
3 Norhway Lane North
Latham, New York 12110
Toll Free: 800.984.5337
Fax: 518.785.4725
Web: www.marktechopto.com | Email: info@marktechopto.com
West Coast Sales Office
950 South Coast Drive, Suite 265
Costa Mesa, California 92626
Toll Free: 800.984.5337
Fax: 714.850.9314


同様の部品番号 - TLSU1008A

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
TLSU1008A TOSHIBA-TLSU1008A Datasheet
521Kb / 19P
   PANEL CIRCUIT INDICATOR
More results

同様の説明 - TLSU1008A

メーカー部品番号データシート部品情報
logo
Marktech Corporate
TLGE1002A MARKTECH-TLGE1002A Datasheet
493Kb / 8P
   Toshiba TLxE1002A SMT LEDs
TLOE1005A MARKTECH-TLOE1005A Datasheet
221Kb / 5P
   Toshiba TLxE1005A SMT LEDs
TLGE1100 MARKTECH-TLGE1100 Datasheet
406Kb / 8P
   Toshiba TLxE1100 SMT LEDs
TLXU1100 MARKTECH-TLXU1100 Datasheet
337Kb / 7P
   Toshiba TLxU1100 SMT LEDs
TLGE1008A MARKTECH-TLGE1008A Datasheet
499Kb / 8P
   Toshiba TLxE1008A SMT LEDs
TLGE27C MARKTECH-TLGE27C Datasheet
405Kb / 8P
   Toshiba TLxE27 Series LEDs
TLOE180AP MARKTECH-TLOE180AP Datasheet
286Kb / 2P
   Toshiba TLxE180 Series LEDs
TLOH190P MARKTECH-TLOH190P Datasheet
224Kb / 5P
   Toshiba TLxH190 Series LEDs
TLGV1020 MARKTECH-TLGV1020 Datasheet
460Kb / 10P
   Toshiba TLxV1020 SMT LED
TLOE156AP MARKTECH-TLOE156AP Datasheet
294Kb / 2P
   Toshiba TLxE156 Series LEDs
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com