データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MTV038N データシート(PDF) 5 Page - List of Unclassifed Manufacturers

部品番号 MTV038N
部品情報  On-Screen Display Controller for CRT/LCD Monitor
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC1 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC1 - List of Unclassifed Manufacturers

MTV038N データシート(HTML) 5 Page - List of Unclassifed Manufacturers

  MTV038N Datasheet HTML 1Page - List of Unclassifed Manufacturers MTV038N Datasheet HTML 2Page - List of Unclassifed Manufacturers MTV038N Datasheet HTML 3Page - List of Unclassifed Manufacturers MTV038N Datasheet HTML 4Page - List of Unclassifed Manufacturers MTV038N Datasheet HTML 5Page - List of Unclassifed Manufacturers MTV038N Datasheet HTML 6Page - List of Unclassifed Manufacturers MTV038N Datasheet HTML 7Page - List of Unclassifed Manufacturers MTV038N Datasheet HTML 8Page - List of Unclassifed Manufacturers MTV038N Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
Revision 1.1
-5-
2001/8/21
MTV038
(Revision 1.1)
MYSON
TECHNOLOGY
the format (c) is applied. Furthermore, the undefined locations in display or fonts RAM should be filled with
dummy data.
TABLE 1. The Configuration of Transmission Formats
There are 2 types of data which should be accessed through the serial data interface, one is ADDRESS bytes
of display registers, and the other is ATTRIBUTE bytes of display registers, the protocols are same for all
except the bit5 of row address and the bit5 of column address. The MSB(b7) is used to distinguish row and
column addresses when transferring data from external controller. The bit6 of column address is used to dif-
ferentiate the column address for format (a), (b) and format (c) respectively. Bit5 of row address for display
register is used to distinguish ADDRESS byte when it is set to "0" and ATTRIBUTE byte when it is set to "1".
And at address bytes, bit5 of column address is the MSB (bit8) and data bytes are the 8 LSB (bit7~bit0)
of display fonts address to save half MCU memory for true 512 fonts display. So each one of the 512 fonts
can be displayed at the same time (see Table 1). And for format (c), since D8 is filled while program column
address of address bytes, the continued data will be the same bank of upper 256 fonts or lower 256 fonts until
program column address of address bytes again.
The data transmission is permitted to change from format (a) to format (b) and (c), or from format (b) to format
(a) and (c), but not from format (c) back to format (a) and (b). The alternation between transmission formats is
configured as the state diagram shown in Figure 3.
Address
b7
b6
b5
b4
b3
b2
b1
b0
Format
Address Bytes
of Display Reg.
Row
1
0
0
R4
R3
R2
R1
R0
a,b,c
Columnab
0
0
D8
C4
C3
C2
C1
C0
a,b
Columnc
0
1
D8
C4
C3
C2
C1
C0
c
Data
D7
D6
D5
D4
D3
D2
D1
D0
a,b,c
Attribute Bytes
of Display Reg.
Row
1
0
1
R4
R3
R2
R1
R0
a,b,c
Columnab
0
0
x
C4
C3
C2
C1
C0
a,b
Columnc
0
1
x
C4
C3
C2
C1
C0
c
Data
D7
D6
D5
D4
D3
D2
D1
D0
a,b,c
Initiate
ROW
COL
c
COL
ab
DA
c
DA
ab
1, X
0,
1
0,
0
X,
X
X,
X
0,
1
1, X
1, X
format (a)
format (b)
format (c)
X, X
0, X
Input = b7, b6
0, 0
FIGURE 3. Transmission State Diagram


同様の部品番号 - MTV038N

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
MTV030 ETC-MTV030 Datasheet
372Kb / 21P
   On-Screen Display with Auto-Sizing Controller
More results

同様の説明 - MTV038N

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
MTV048 ETC-MTV048 Datasheet
234Kb / 19P
   On-Screen-Display Controller for CRT/LCD Monitor
MTV130 ETC2-MTV130 Datasheet
347Kb / 18P
   On-Screen Display for LCD Monitor
MTV118 ETC-MTV118 Datasheet
291Kb / 30P
   On-Screen-Display for LCD Monitor
MTV121 ETC-MTV121 Datasheet
220Kb / 18P
   Super On-Screen-Display for LCD Monitor
WT6801 ETC2-WT6801 Datasheet
64Kb / 3P
   Monitor On-Screen Display
logo
STMicroelectronics
STV9420 STMICROELECTRONICS-STV9420 Datasheet
228Kb / 16P
   MULTISYNC ON-SCREEN DISPLAY FOR MONITOR
logo
List of Unclassifed Man...
WT6805 ETC2-WT6805 Datasheet
35Kb / 3P
   Monitor On-Screen Display
logo
Motorola, Inc
MC141540 MOTOROLA-MC141540 Datasheet
190Kb / 12P
   Monitor on-Screen Display
logo
List of Unclassifed Man...
WT6804 ETC1-WT6804 Datasheet
37Kb / 3P
   Monitor On-Screen Display
logo
STMicroelectronics
STV9422 STMICROELECTRONICS-STV9422 Datasheet
232Kb / 15P
   MULTISYNC ON-SCREEN DISPLAY FOR MONITOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com