データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

KA7809E データシート(PDF) 6 Page - Fairchild Semiconductor

部品番号 KA7809E
部品情報  3-Terminal 1A Positive Voltage Regulator
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KA7809E データシート(HTML) 6 Page - Fairchild Semiconductor

Back Button KA7809E Datasheet HTML 2Page - Fairchild Semiconductor KA7809E Datasheet HTML 3Page - Fairchild Semiconductor KA7809E Datasheet HTML 4Page - Fairchild Semiconductor KA7809E Datasheet HTML 5Page - Fairchild Semiconductor KA7809E Datasheet HTML 6Page - Fairchild Semiconductor KA7809E Datasheet HTML 7Page - Fairchild Semiconductor KA7809E Datasheet HTML 8Page - Fairchild Semiconductor KA7809E Datasheet HTML 9Page - Fairchild Semiconductor KA7809E Datasheet HTML 10Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
KA78XXE/KA78XXAE
6
Electrical Characteristics (KA7812E/KA7812ER) (Continued)
(Refer to test circuit, 0
°C < TJ < 125°C, IO = 500mA, VI =19V, CI= 0.33µF, CO=0.1µF, unless otherwise specified)
Note:
1. Load and line regulation are specified at constant junction temperature. Changes in VO due to heating effects must be taken
into account separately. Pulse testing with low duty is used.
2. These parameters, although guaranteed, are not 100% tested in production.
Parameter
Symbol
Conditions
KA7812E/KA7812ER
Unit
Min.
Typ.
Max.
Output Voltage
VO
TJ =+25
°C
11.5
12
12.5
5.0mA
≤ IO≤1.0A, PO≤15W
VI = 14.5V to 27V
11.4
12
12.6
V
Line Regulation (Note1)
Regline
TJ =+25
°C
VI = 14.5V to 30V
-
10
240
mV
VI = 16V to 22V
-
3.0
120
Load Regulation (Note1)
Regload
TJ =+25
°C
IO = 5mA to 1.5A
-
11
240
mV
IO = 250mA to 750mA
-
5.0
120
Quiescent Current
IQ
TJ =+25
°C-
5.1
8.0
mA
Quiescent Current Change
∆IQ
IO = 5mA to 1.0A
-
0.1
0.5
mA
VI = 14.5V to 30V
-
0.5
1.0
Output Voltage Drift (Note2)
∆VO/∆TIO = 5mA
-
-1
-
mV/
°C
Output Noise Voltage
VN
f = 10Hz to 100kHz, TA =+25
°C-
76
-
µV/Vo
Ripple Rejection (Note2)
RR
f = 120Hz
VI = 15V to 25V
55
71
-
dB
Dropout Voltage
VDrop
IO = 1A, TJ=+25
°C-
2
-
V
Output Resistance (Note2)
rO
f = 1kHz
-
18
-
m
Short Circuit Current
ISC
VI = 35V, TA=+25
°C
-
230
-
mA
Peak Current (Note2)
IPK
TJ = +25
°C-
2.2
-
A


同様の部品番号 - KA7809E

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
KA7809E FAIRCHILD-KA7809E Datasheet
568Kb / 29P
   3-Terminal 1A Positive Voltage Regulator
KA7809E FAIRCHILD-KA7809E Datasheet
981Kb / 29P
   3-Terminal 1A Positive Voltage Regulator
KA7809ER FAIRCHILD-KA7809ER Datasheet
568Kb / 29P
   3-Terminal 1A Positive Voltage Regulator
KA7809ER FAIRCHILD-KA7809ER Datasheet
981Kb / 29P
   3-Terminal 1A Positive Voltage Regulator
KA7809ERTM FAIRCHILD-KA7809ERTM Datasheet
2Mb / 26P
   3-Terminal 1A Positive Voltage Regulator
More results

同様の説明 - KA7809E

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
KA7810A FAIRCHILD-KA7810A Datasheet
227Kb / 28P
   3-Terminal 1A Positive Voltage Regulator
logo
Tiger Electronic Co.,Lt...
LM7824J TGS-LM7824J_17 Datasheet
201Kb / 1P
   3-Terminal 1A Positive Voltage Regulator
logo
Unisonic Technologies
LM78XX UTC-LM78XX_05 Datasheet
238Kb / 10P
   3-TERMINAL 1A POSITIVE VOLTAGE REGULATOR
logo
Fairchild Semiconductor
MC780XXE FAIRCHILD-MC780XXE Datasheet
253Kb / 26P
   3-Terminal 1A Positive Voltage Regulator
LM7805A FAIRCHILD-LM7805A Datasheet
335Kb / 23P
   3-Terminal 1A Positive Voltage Regulator
logo
Tiger Electronic Co.,Lt...
LM7815 TGS-LM7815 Datasheet
74Kb / 1P
   3-Terminal 1A Positive Voltage Regulator
logo
Unisonic Technologies
LM78XX_1109 UTC-LM78XX_1109 Datasheet
333Kb / 13P
   3-TERMINAL 1A POSITIVE VOLTAGE REGULATOR
logo
Fairchild Semiconductor
KA78XXE FAIRCHILD-KA78XXE_09 Datasheet
981Kb / 29P
   3-Terminal 1A Positive Voltage Regulator
logo
Tiger Electronic Co.,Lt...
LM7805J TGS-LM7805J Datasheet
87Kb / 1P
   3-Terminal 1A Positive Voltage Regulator
LM7908J TGS-LM7908J Datasheet
105Kb / 1P
   3-Terminal 1A Positive Voltage Regulator
LM7918J TGS-LM7918J Datasheet
105Kb / 1P
   3-Terminal 1A Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com