データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CA3059 データシート(PDF) 1 Page - ON Semiconductor

部品番号 CA3059
部品情報  ZERO VOLTAGE SWITCH
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CA3059 データシート(HTML) 1 Page - ON Semiconductor

  CA3059 Datasheet HTML 1Page - ON Semiconductor CA3059 Datasheet HTML 2Page - ON Semiconductor CA3059 Datasheet HTML 3Page - ON Semiconductor CA3059 Datasheet HTML 4Page - ON Semiconductor CA3059 Datasheet HTML 5Page - ON Semiconductor CA3059 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
FUNCTIONAL BLOCK
DESCRIPTION
1. Limiter–Power Supply — Allows operation of
the CA3059 directly from an AC line. Suggested
dropping resistor (RS) values are given in the table
below.
Figure 1. Representative Block Diagram
RL
-
RP
+
15
V
100
µF
MT2
MT1
Gate
Zero
Crossing
Detector
Power
Supply
2
AC
Input
Voltage
AC
Input
RS
5
VCC
VCC
4
*
RX
* NTC Sensor
Inhibit
External Trigger
Current
Boost 3
Triac
Drive
Limiter
14
12
11
10
9
13
Gnd
VCC
81
6
Protection
Circuit
-
+
On/Off
Sensing
Amp
7
DC Mode or
400 Hz Input
2. Differential On/Off Sensing Amplifier — Tests
for condition of external sensors or input command
signals. Proportional control capability or hysteresis
may be implemented using this block.
3. Zero–Crossing Detector — Synchronizes the
output pulses to the zero voltage point of the AC cycle.
This synchronization eliminates RFI when used with
resistive loads.
4. Triac Drive — Supplies high–current pulses to
the external power controlling thyristor.
5. Protection Circuit — A built–in circuit may be
actuated, if the sensor opens or shorts, to remove the
drive current from the external triac.
6. Inhibit Capability — Thyristor firing may be
inhibited by the action of an internal diode gate at
Pin 1.
7. High Power DC Comparator Operation —
Operation in this mode is accomplished by connecting
Pin 7 to Pin 12 (thus overriding the action of the
zero–crossing detector). When Pin 13 is positive with
respect to Pin 9, current to the thyristor is continuous.
Zero Voltage Switch
This series is designed for thyristor control in a variety of AC power
switching applications for AC input voltages of 24 V, 120 V,
208/230 V, and 277 V @ 50/60 Hz.
Applications:
Relay Control
Valve Control
Heater Control
Lamp Control
On–Off Motor Switching
Differential Comparator with Self–Contained Power Supply for
Industrial Applications
Synchronous Switching of Flashing Lights
AC Input Voltage
(50/60 Hz)
Vac
Input Series
Resistor (RS)
k
Dissipation Rating
for RS
W
24
2.0
0.5
120
10
2.0
208/230
20
4.0
277
25
5.0
ON Semiconductort
© Semiconductor Components Industries, LLC, 2001
August, 2001 – Rev. 1
1
Publication Order Number:
CA3059/D
Device
Operating
Temperature Range
Package
CA3059
SEMICONDUCTOR
TECHNICAL DATA
ZERO VOLTAGE
SWITCH
ORDERING INFORMATION
CA3059
TA = – 40° to +85°C
Plastic DIP
PLASTIC PACKAGE
CASE 646
1
14


同様の部品番号 - CA3059

メーカー部品番号データシート部品情報
logo
Motorola, Inc
CA3059 MOTOROLA-CA3059 Datasheet
119Kb / 6P
   ZERO VOLTAGE SWITCH
logo
Intersil Corporation
CA3059 INTERSIL-CA3059 Datasheet
811Kb / 12P
   Zero-Voltage Switches for 50Hz-60Hz and 400Hz Thyristor Control Applications
Oct 1999
logo
ON Semiconductor
CA3059 ONSEMI-CA3059 Datasheet
79Kb / 8P
   Zero Voltage Switch
August, 2001 ??Rev. 1
CA3059 ONSEMI-CA3059 Datasheet
181Kb / 6P
   Zero Voltage Switch
July, 2006 ??Rev. 2
logo
List of Unclassifed Man...
CA3059 ETC2-CA3059 Datasheet
2Mb / 31P
   SEMICONDUCTORS
More results

同様の説明 - CA3059

メーカー部品番号データシート部品情報
logo
ON Semiconductor
CA3059 ONSEMI-CA3059_06 Datasheet
181Kb / 6P
   Zero Voltage Switch
July, 2006 ??Rev. 2
CA3059 ONSEMI-CA3059 Datasheet
79Kb / 8P
   Zero Voltage Switch
August, 2001 ??Rev. 1
logo
Motorola, Inc
CA3059 MOTOROLA-CA3059 Datasheet
119Kb / 6P
   ZERO VOLTAGE SWITCH
logo
Zarlink Semiconductor I...
SL441C ZARLINK-SL441C Datasheet
92Kb / 5P
   ZERO VOLTAGE SWITCH
logo
Motorola, Inc
MC3370P MOTOROLA-MC3370P Datasheet
155Kb / 3P
   ZERO VOLTAGE SWITCH
logo
List of Unclassifed Man...
SL443A ETC-SL443A Datasheet
164Kb / 4P
   ZERO VOLTAGE SWITCH
logo
Unisonic Technologies
A2804 UTC-A2804_15 Datasheet
245Kb / 4P
   ZERO VOLTAGE SWITCH
A2804 UTC-A2804 Datasheet
39Kb / 4P
   ZERO VOLTAGE SWITCH
A2804 UTC-A2804_12 Datasheet
131Kb / 4P
   ZERO VOLTAGE SWITCH
A2804 UTC-A2804_05 Datasheet
111Kb / 5P
   ZERO VOLTAGE SWITCH
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com