データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SI7921DN-T1-E3 データシート(PDF) 2 Page - Vishay Siliconix

部品番号 SI7921DN-T1-E3
部品情報  Dual P-Channel 30-V (D-S) MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  VISHAY [Vishay Siliconix]
ホームページ  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI7921DN-T1-E3 データシート(HTML) 2 Page - Vishay Siliconix

  SI7921DN-T1-E3 Datasheet HTML 1Page - Vishay Siliconix SI7921DN-T1-E3 Datasheet HTML 2Page - Vishay Siliconix SI7921DN-T1-E3 Datasheet HTML 3Page - Vishay Siliconix SI7921DN-T1-E3 Datasheet HTML 4Page - Vishay Siliconix SI7921DN-T1-E3 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
www.vishay.com
2
Document Number: 72341
S-51210–Rev. B, 27-Jun-05
Vishay Siliconix
Si7921DN
New Product
Notes
a. Pulse test; pulse width
≤ 300 µs, duty cycle ≤ 2 %.
b. Guaranteed by design, not subject to production testing.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
TYPICAL CHARACTERISTICS
TA = 25°C, unless otherwise noted
SPECIFICATIONS TJ = 25°C, unless otherwise noted
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Static
Gate Threshold Voltage
VGS(th)
VDS = VGS, ID = –250 µA
–1.0
–3.0
V
Gate-Body Leakage
IGSS
VDS = 0 V, VGS = ±20 V
±100
nA
Zero Gate Voltage Drain Current
IDSS
VDS = –30 V, VGS = 0 V
–1
µA
VDS = –30 V, VGS = 0 V, TJ = 55°C
–5
On-State Drain Currenta
ID(on)
VDS ≤ –5 V, VGS = –10 V
–20
A
Drain-Source On-State Resistancea
rDS(on)
VGS = –10 V, ID = –5.1 A
0.050
0.063
VGS = –4.5 V, ID = –3.8 A
0.085
0.110
Forward Transconductancea
gfs
VDS = –15 V, ID = –5.1 A
9
S
Diode Forward Voltagea
VSD
IS = –2.1 A, VGS = 0 V
–0.8
–1.2
V
Dynamicb
Total Gate Charge
Qg
VDS = –15 V, VGS = –10 V, ID = –5.1 A
10.5
16
nC
Gate-Source Charge
Qgs
1.8
Gate-Drain Charge
Qgd
2.8
Gate Resistance
Rg
8.5
Turn-On Delay Time
td(on)
VDD = –15 V, RL = 15 Ω
ID ≅ –1 A, VGEN = –10 V, RG = 6 Ω
10
15
ns
Rise Time
tr
15
25
Turn-Off DelayTime
td(off)
25
40
Fall Time
tf
20
30
Source-Drain Reverse Recovery Time
trr
IF = –2.1 A, di/dt = 100 A/µs
25
50
Output Characteristics
0
4
8
12
16
20
0
1234
5
VGS =10 thru 5 V
4 V
VDS – Drain-to-Source Voltage (V)
3 V
Transfer Characteristics
0
4
8
12
16
20
0
1234
5
TC = –55˚C
125
˚C
25
˚C
VGS – Gate-to-Source Voltage (V)


同様の部品番号 - SI7921DN-T1-E3

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
SI7922DN VISHAY-SI7922DN Datasheet
240Kb / 3P
   Dual N-Channel 100-V (D-S) MOSFET
Rev. B, 20-Feb-06
SI7922DN VISHAY-SI7922DN Datasheet
60Kb / 5P
   Dual N-Channel 100-V (D-S) MOSFET
Rev. A, 04-Nov-02
SI7922DN VISHAY-SI7922DN Datasheet
206Kb / 4P
   Dual N-Channel 100-V (D-S) MOSFET
Rev. B, 20-Feb-06
SI7922DN VISHAY-SI7922DN Datasheet
541Kb / 12P
   Dual N-Channel 100-V (D-S) MOSFET
01-Jan-2022
SI7922DN-T1 VISHAY-SI7922DN-T1 Datasheet
549Kb / 12P
   Dual N-Channel 100-V (D-S) MOSFET
Rev. E, 07-Jul-08
More results

同様の説明 - SI7921DN-T1-E3

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
SI4953DY VISHAY-SI4953DY Datasheet
43Kb / 4P
   Dual P-Channel 30-V(D-S) MOSFET
Rev. E, 18-Aug-03
SIA931DJ VISHAY-SIA931DJ Datasheet
277Kb / 9P
   Dual P-Channel 30-V (D-S) MOSFET
Rev. A, 13-May-13
SI3993DV VISHAY-SI3993DV Datasheet
204Kb / 10P
   Dual P-Channel 30-V (D-S) MOSFET
Rev. C, 02-Nov-09
SI7997DP VISHAY-SI7997DP Datasheet
482Kb / 13P
   Dual P-Channel 30 V (D-S) MOSFET
Rev. A, 09-Aug-10
logo
Anachip Corp
AF4935 ANACHIP-AF4935 Datasheet
149Kb / 3P
   Dual P-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI4927DY VISHAY-SI4927DY Datasheet
271Kb / 3P
   Dual P-Channel 30-V (D-S) MOSFET
Rev. B, 02-Jan-06
SI7941DP VISHAY-SI7941DP Datasheet
274Kb / 3P
   Dual P-Channel 30-V (D-S) MOSFET
31-May-04
logo
Guangdong Kexin Industr...
KI4923DY KEXIN-KI4923DY Datasheet
51Kb / 2P
   Dual P-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI7945DP VISHAY-SI7945DP_06 Datasheet
207Kb / 4P
   Dual P-Channel 30-V (D-S) MOSFET
Rev. B, 27-Feb-06
logo
Guangdong Kexin Industr...
KI4953DY KEXIN-KI4953DY Datasheet
50Kb / 2P
   Dual P-Channel 30-V(D-S) MOSFET
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com