データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STG8207 データシート(PDF) 5 Page - SamHop Microelectronics Corp.

部品番号 STG8207
部品情報  Dual N-Channel E nhancement Mode F ield E ffect Transistor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SAMHOP [SamHop Microelectronics Corp.]
ホームページ  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

STG8207 データシート(HTML) 5 Page - SamHop Microelectronics Corp.

  STG8207 Datasheet HTML 1Page - SamHop Microelectronics Corp. STG8207 Datasheet HTML 2Page - SamHop Microelectronics Corp. STG8207 Datasheet HTML 3Page - SamHop Microelectronics Corp. STG8207 Datasheet HTML 4Page - SamHop Microelectronics Corp. STG8207 Datasheet HTML 5Page - SamHop Microelectronics Corp. STG8207 Datasheet HTML 6Page - SamHop Microelectronics Corp. STG8207 Datasheet HTML 7Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
F igure 11. S witching T est C ircuit
F igure 12. S witching Waveforms
t
V
V
t
t
d(on)
OUT
IN
on
r
10%
td(off)
90%
10%
10%
50%
50%
90%
toff
tf
90%
PULS E WIDTH
2
1
0.1
0.01
S quare Wave P ulse Duration (sec)
F igure 13. Normalized T hermal T ransient Impedance C urve
5
INVE R TE D
Duty C ycle=0.5
0.2
0.1
0.05
0.02
S ingle P ulse
10
-4
10
-3
10
-2
10
-1
1
10
100
PDM
t1
t2
1. R thJA (t)=r (t) * R JA
2. R JA=S ee Datasheet
3. T JM-T A = P DM* R JA (t)
4. Duty C ycle, D=t1/t2
V DD
R
D
V
V
R
S
V
G
G S
IN
G E N
OUT
L
5
th
th
th
S T G 8207


同様の部品番号 - STG8207

メーカー部品番号データシート部品情報
logo
SamHop Microelectronics...
STG8203 SAMHOP-STG8203 Datasheet
742Kb / 7P
   Dual N-Channel Enhancement Mode Field Effect Transistor
STG8205 SAMHOP-STG8205 Datasheet
197Kb / 7P
   Super high dense cell design for low RDS(ON).
logo
VBsemi Electronics Co.,...
STG8205 VBSEMI-STG8205 Datasheet
966Kb / 8P
   Dual N-Channel 25-V (D-S) MOSFET
logo
SamHop Microelectronics...
STG8206 SAMHOP-STG8206 Datasheet
650Kb / 7P
   Dual N-Channel E nhancement Mode Field Effect Transistor
STG8209 SAMHOP-STG8209 Datasheet
628Kb / 8P
   Dual N-Channel E nhancement Mode Field Effect Transistor
More results

同様の説明 - STG8207

メーカー部品番号データシート部品情報
logo
SamHop Microelectronics...
SDM9926A SAMHOP-SDM9926A Datasheet
351Kb / 5P
   Dual N-Channel E nhancement Mode F ield E ffect Transistor
STS8215 SAMHOP-STS8215 Datasheet
133Kb / 7P
   Dual N-Channel E nhancement Mode F ield E ffect Transistor
SDG8204 SAMHOP-SDG8204 Datasheet
368Kb / 5P
   Dual N-Channel E nhancement Mode F ield E ffect Transistor
STF8220 SAMHOP-STF8220 Datasheet
676Kb / 7P
   Dual N-Channel E nhancement Mode F ield E ffect Transistor
STM6962 SAMHOP-STM6962 Datasheet
459Kb / 7P
   Dual N-Channel E nhancement Mode F ield E ffect Transistor
STM6968 SAMHOP-STM6968 Datasheet
91Kb / 7P
   Dual N-Channel E nhancement Mode F ield E ffect Transistor
STM6610 SAMHOP-STM6610 Datasheet
123Kb / 7P
   Dual N-Channel E nhancement Mode F ield E ffect Transistor
STM6922 SAMHOP-STM6922 Datasheet
142Kb / 7P
   Dual N-Channel E nhancement Mode F ield E ffect Transistor
logo
List of Unclassifed Man...
SDM6912 ETC-SDM6912 Datasheet
429Kb / 5P
   Dual N-Channel E nhancement Mode F ield E ffect Transistor
logo
SamHop Microelectronics...
SDM9410 SAMHOP-SDM9410 Datasheet
420Kb / 5P
   N-Channel E nhancement Mode F ield E ffect Transistor
SDU9916 SAMHOP-SDU9916 Datasheet
424Kb / 5P
   N-Channel E nhancement Mode F ield E ffect Transistor
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com