データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LF444CN データシート(PDF) 6 Page - ON Semiconductor

部品番号 LF444CN
部品情報  LOW POWER JFET INPUT OPERATIONAL AMPLIFIERS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LF444CN データシート(HTML) 6 Page - ON Semiconductor

Back Button LF444CN Datasheet HTML 2Page - ON Semiconductor LF444CN Datasheet HTML 3Page - ON Semiconductor LF444CN Datasheet HTML 4Page - ON Semiconductor LF444CN Datasheet HTML 5Page - ON Semiconductor LF444CN Datasheet HTML 6Page - ON Semiconductor LF444CN Datasheet HTML 7Page - ON Semiconductor LF444CN Datasheet HTML 8Page - ON Semiconductor LF444CN Datasheet HTML 9Page - ON Semiconductor LF444CN Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
LF441C LF442C LF444C
6
MOTOROLA ANALOG IC DEVICE DATA
–PSR
Figure 17. Common Mode Rejection
versus Frequency
Figure 18. Power Supply Rejection
versus Frequency
f, FREQUENCY (Hz)
f, FREQUENCY (Hz)
140
120
100
80
60
40
20
0
100
1.0 k
10 k
100 k
1.0 M
140
120
100
80
60
40
20
0
100
1.0 k
10 k
100 k
1.0 M
+
∆VCM
∆VO
CMR = 20 Log
∆VCM
∆VO
x ADM
()
ADM
∆VCC
∆VO
∆VEE
+PSR
(
∆VCC = ±1.5 V)
(
∆VEE=±1.5 V)
+
ADM
∆VCC
+PSR = 20 Log
∆VO /ADM
∆VEE
–PSR = 20 Log
∆VO /ADM
)
)
(
(
10 mV
Figure 19. Input Noise Voltage versus Frequency
Figure 20. Open Loop Voltage
Gain versus Supply Voltage
Figure 21. Output Impedance versus Frequency
Figure 22. Inverter Settling Time
f, FREQUENCY (Hz)
f, FREQUENCY (Hz)
VCC,  VEE , SUPPLY VOLTAGE (V)
ts, SETTLING TIME (µs)
70
60
50
40
30
20
10
0
10
100
1.0 k
10 k
100 k
1.0 M
100 k
10 k
0
5.0
10
15
20
25
350
300
250
200
150
100
50
0
100
1.0k
10k
100k
1.0M
10
5.0
0
–5.0
–10
0.1
1.0
10
RL = 10 kΩ
125
°C
–55
°C
10 mV
1.0 mV
1.0 mV
VCC = +15 V
VEE = –15 V
VCM = 0 V
∆VCM = ±1.5 V
TA = 25°C
VCC = +15 V
VEE = –15 V
TA = 25°C
VCC = +15 V
VEE = –15 V
VCM = 0 V
TA = 25°C
25
°C
VCC = +15 V
VEE = –15 V
TA = 25°C
VCC = +15 V
VEE = –15 V
TA = 25°C
AV = 100
AV = 10
AV = 1.0


同様の部品番号 - LF444CN

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LF444CN NSC-LF444CN Datasheet
359Kb / 10P
   Quad Low Power JFET Input Operational Amplifier
logo
Texas Instruments
LF444CN TI1-LF444CN Datasheet
1Mb / 18P
[Old version datasheet]   LF444 Quad Low Power JFET Input Operational Ampli
LF444CN/NOPB TI1-LF444CN/NOPB Datasheet
1Mb / 18P
[Old version datasheet]   LF444 Quad Low Power JFET Input Operational Ampli
More results

同様の説明 - LF444CN

メーカー部品番号データシート部品情報
logo
Texas Instruments
TL061 TI-TL061 Datasheet
369Kb / 23P
[Old version datasheet]   LOW-POWER JFET-INPUT OPERATIONAL AMPLIFIERS
TL061 TI-TL061_09 Datasheet
1Mb / 42P
[Old version datasheet]   LOW-POWER JFET-INPUT OPERATIONAL AMPLIFIERS
logo
Motorola, Inc
MC35181 MOTOROLA-MC35181 Datasheet
417Kb / 9P
   LOW POWER JFET INPUT OPERATIONAL AMPLIFIERS
logo
Texas Instruments
TL061 TI-TL061_10 Datasheet
1Mb / 42P
[Old version datasheet]   LOW-POWER JFET-INPUT OPERATIONAL AMPLIFIERS
logo
Motorola, Inc
TL062 MOTOROLA-TL062 Datasheet
207Kb / 12P
   LOW POWER JFET INPUT OPERATIONAL AMPLIFIERS
logo
Texas Instruments
TL061 TI1-TL061 Datasheet
2Mb / 52P
[Old version datasheet]   Low-Power JFET-Input Operational Amplifiers
TL061 TI-TL061_06 Datasheet
975Kb / 39P
[Old version datasheet]   LOW-POWER JFET-INPUT OPERATIONAL AMPLIFIERS
logo
ON Semiconductor
TL062 ONSEMI-TL062 Datasheet
207Kb / 12P
   LOW POWER JFET INPUT OPERATIONAL AMPLIFIERS
1996 REV 5
logo
Texas Instruments
TL061 TI-TL061_V01 Datasheet
2Mb / 52P
[Old version datasheet]   TL06xx Low-Power JFET-Input Operational Amplifiers
logo
ON Semiconductor
TL071C ONSEMI-TL071C Datasheet
169Kb / 8P
   LOW NOISE, JFET INPUT OPERATIONAL AMPLIFIERS
1997 REV 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com