データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM2931ADT-5.0 データシート(PDF) 10 Page - ON Semiconductor

部品番号 LM2931ADT-5.0
部品情報  LOW DROPOUT VOLTAGE REGULATORS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LM2931ADT-5.0 データシート(HTML) 10 Page - ON Semiconductor

Back Button LM2931ADT-5.0 Datasheet HTML 6Page - ON Semiconductor LM2931ADT-5.0 Datasheet HTML 7Page - ON Semiconductor LM2931ADT-5.0 Datasheet HTML 8Page - ON Semiconductor LM2931ADT-5.0 Datasheet HTML 9Page - ON Semiconductor LM2931ADT-5.0 Datasheet HTML 10Page - ON Semiconductor LM2931ADT-5.0 Datasheet HTML 11Page - ON Semiconductor LM2931ADT-5.0 Datasheet HTML 12Page - ON Semiconductor LM2931ADT-5.0 Datasheet HTML 13Page - ON Semiconductor LM2931ADT-5.0 Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
LM2931 Series
10
MOTOROLA ANALOG IC DEVICE DATA
DEFINITIONS
Dropout Voltage – The input/output voltage differential at
which the regulator output no longer maintains regulation
against further reductions in input voltage. Measured when
the output decreases 100 mV from nominal value at 14 V
input, dropout voltage is affected by junction temperature and
load current.
Line Regulation – The change in output voltage for a
change in the input voltage. The measurement is made under
conditions of low dissipation or by using pulse techniques
such that the average chip temperature is not significantly
affected.
Load Regulation – The change in output voltage for a
change in load current at constant chip temperature.
Maximum Power Dissipation – The maximum total
device dissipation for which the regulator will operate within
specifications.
Bias Current – That part of the input current that is not
delivered to the load.
Output Noise Voltage – The rms AC voltage at the
output, with constant load and no input ripple, measured over
a specified frequency range.
Long–Term Stabliity – Output voltage stability under
accelerated life test conditions with the maximum rated
voltage listed in the devices electrical characteristics and
maximum power dissipation.


同様の部品番号 - LM2931ADT-5.0

メーカー部品番号データシート部品情報
logo
Motorola, Inc
LM2931ADT-5.0 MOTOROLA-LM2931ADT-5.0 Datasheet
311Kb / 16P
   Low Dropout Voltage Regulators
logo
ON Semiconductor
LM2931ADT-5.0 ONSEMI-LM2931ADT-5.0 Datasheet
254Kb / 23P
   100 mA, Adjustable Output, LDO Voltage Regulator with 60 V Load Dump Protection
March, 2007 ??Rev. 20
LM2931ADT-5.0G ONSEMI-LM2931ADT-5.0G Datasheet
254Kb / 23P
   100 mA, Adjustable Output, LDO Voltage Regulator with 60 V Load Dump Protection
March, 2007 ??Rev. 20
LM2931ADT-5.0RK ONSEMI-LM2931ADT-5.0RK Datasheet
254Kb / 23P
   100 mA, Adjustable Output, LDO Voltage Regulator with 60 V Load Dump Protection
March, 2007 ??Rev. 20
LM2931ADT-5.0RKG ONSEMI-LM2931ADT-5.0RKG Datasheet
254Kb / 23P
   100 mA, Adjustable Output, LDO Voltage Regulator with 60 V Load Dump Protection
March, 2007 ??Rev. 20
More results

同様の説明 - LM2931ADT-5.0

メーカー部品番号データシート部品情報
logo
Texas Instruments
TL750L TI-TL750L Datasheet
124Kb / 18P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TPS7101Q TI-TPS7101Q_07 Datasheet
829Kb / 40P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TL750M TI-TL750M_08 Datasheet
812Kb / 22P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
logo
IK Semicon Co., Ltd
IL2931AZ-5 IKSEMICON-IL2931AZ-5 Datasheet
120Kb / 3P
   LOW DROPOUT VOLTAGE REGULATORS
logo
Texas Instruments
TL750M05 TI-TL750M05_15 Datasheet
1Mb / 24P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TPS7101Q TI-TPS7101Q_08 Datasheet
858Kb / 40P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TL75LP05 TI1-TL75LP05 Datasheet
237Kb / 15P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TPS7101Q TI-TPS7101Q Datasheet
541Kb / 33P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TPS71H01Q TI-TPS71H01Q Datasheet
634Kb / 40P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TPS7133Q TI-TPS7133Q Datasheet
690Kb / 31P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
logo
STMicroelectronics
L2605 STMICROELECTRONICS-L2605 Datasheet
79Kb / 6P
   LOW DROPOUT VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com