データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

KA278RA05C データシート(PDF) 8 Page - Fairchild Semiconductor

部品番号 KA278RA05C
部品情報  2A Output Low Dropout Voltage Regulators
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KA278RA05C データシート(HTML) 8 Page - Fairchild Semiconductor

Back Button KA278RA05C Datasheet HTML 4Page - Fairchild Semiconductor KA278RA05C Datasheet HTML 5Page - Fairchild Semiconductor KA278RA05C Datasheet HTML 6Page - Fairchild Semiconductor KA278RA05C Datasheet HTML 7Page - Fairchild Semiconductor KA278RA05C Datasheet HTML 8Page - Fairchild Semiconductor KA278RA05C Datasheet HTML 9Page - Fairchild Semiconductor KA278RA05C Datasheet HTML 10Page - Fairchild Semiconductor KA278RA05C Datasheet HTML 11Page - Fairchild Semiconductor KA278RA05C Datasheet HTML 12Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
KA278RXXC-SERIES
8
Typical Performance Characteristics (Continued)
KA278R51C
510
15
Input voltage Vin (V)
6
5
4
3
2
1
7
0
0
RL=
RL=2.5
0
5
10
15
20
0
20
40
60
80
100
120
RL=
Input voltage Vin(V)
7
6
5
4
3
0
0
3
Disable voltage Vdis (V)
0.5
1.5
2
1
12
2.5
5.14
5.12
5.10
5.16
-25
TEMPERATURE Tj(oC)
75
125
025
50
100
5.06
5.04
5.02
5.08
10
8
6
4
2
0
Junction temperature Tj(
oC)
75
125
025
50
100
-25
-25
0
25
50
75
100
125
0.30
0.35
0.40
0.45
0.50
0.55
0.60
0.65
0.70
2.0A
Junction Temp Tj [
]
Figure 1. Output Voltage vs. Input Voltage
Figure 2. Quiescent Current vs. Input Voltage
Figure 4. Output Voltage vs. Temperature(Tj)
Figure 3. Output Voltage vs. Disable Voltage
Figure 5. Quiescent Current vs. Temperature(Tj)
Figure 6. Dropout Voltage vs. Junction Temperature


同様の部品番号 - KA278RA05C

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
KA278RA05C FAIRCHILD-KA278RA05C Datasheet
209Kb / 20P
   2A Output Low Dropout Voltage Regulators
KA278RA05CTU FAIRCHILD-KA278RA05CTU Datasheet
209Kb / 20P
   2A Output Low Dropout Voltage Regulators
logo
ON Semiconductor
KA278RA05CTU ONSEMI-KA278RA05CTU Datasheet
344Kb / 18P
   2 A Output Low Dropout Voltage Regulators
July 2013 Rev. 1.1.0
logo
Fairchild Semiconductor
KA278RA05CYDTU FAIRCHILD-KA278RA05CYDTU Datasheet
209Kb / 20P
   2A Output Low Dropout Voltage Regulators
More results

同様の説明 - KA278RA05C

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
KA278RXXC FAIRCHILD-KA278RXXC Datasheet
209Kb / 20P
   2A Output Low Dropout Voltage Regulators
logo
Texas Instruments
TPS73HD301 TI-TPS73HD301_15 Datasheet
985Kb / 36P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS
TPS73HD301 TI1-TPS73HD301_16 Datasheet
990Kb / 36P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS
logo
Fairchild Semiconductor
KA78RXXC FAIRCHILD-KA78RXXC Datasheet
196Kb / 20P
   1A Output Low Dropout Voltage Regulators
logo
Texas Instruments
TPS767D3XX TI1-TPS767D3XX Datasheet
1Mb / 22P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS
TPS767D301-Q1 TI1-TPS767D301-Q1_17 Datasheet
950Kb / 26P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS
TPS73HD301 TI-TPS73HD301 Datasheet
406Kb / 28P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS
TPS767D301 TI1-TPS767D301 Datasheet
1Mb / 22P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS
TPS767D301 TI-TPS767D301 Datasheet
285Kb / 19P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS
logo
Fairchild Semiconductor
KA78R05C FAIRCHILD-KA78R05C Datasheet
189Kb / 20P
   1A Output Low Dropout Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com