データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM2931CD2T データシート(PDF) 8 Page - ON Semiconductor

部品番号 LM2931CD2T
部品情報  LOW DROPOUT VOLTAGE REGULATORS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LM2931CD2T データシート(HTML) 8 Page - ON Semiconductor

Back Button LM2931CD2T Datasheet HTML 4Page - ON Semiconductor LM2931CD2T Datasheet HTML 5Page - ON Semiconductor LM2931CD2T Datasheet HTML 6Page - ON Semiconductor LM2931CD2T Datasheet HTML 7Page - ON Semiconductor LM2931CD2T Datasheet HTML 8Page - ON Semiconductor LM2931CD2T Datasheet HTML 9Page - ON Semiconductor LM2931CD2T Datasheet HTML 10Page - ON Semiconductor LM2931CD2T Datasheet HTML 11Page - ON Semiconductor LM2931CD2T Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
LM2931 Series
8
MOTOROLA ANALOG IC DEVICE DATA
0.1
1.0
0.01
Figure 17. Fixed Output Regulator
Figure 18. Adjustable Output Regulator
Figure 19. (5.0 A) Low Differential
Voltage Regulator
Figure 20. Current Boost Regulator with
Short Circuit Projection
Figure 21. Constant Intensity Lamp Flasher
Figure 22. Output Noise Voltage versus
Output Capacitor Impedance
|ZO|, MAGNITUDE OF CAPACITOR IMPEDANCE (mΩ)
10
100
1.0 k
10 k
Vin
Input
Output
Vout
CO
IB
Gnd
Cin
0.1
LM2931–5.0
Fixed
Output
Switch Position 1 = Output “On”, 2 = Output “Off”
LM2931C
Adjustable
Output
Vin
Cin
0.1
Vout
CO
Output
Input
51 k
1
2
Output
Inhibit
Adjust
Gnd
IAdj
R1
R2
IB
The LM2931 series can be current boosted with a PNP transistor. The
D45VH7, on a heatsink, will provide an output current of 5.0 A with an input
to output voltage differential of approximately 1.0 V. Resistor R in
conjunction with the VBE of the PNP determines when the pass transistor
begins conducting. This circuit is not short circuit proof.
Input
≥ 6.0 V
D45VH7
5.0 V @ 5.0 A
Output
100
+
100
+
68
LM2931–5.0
The circuit of Figure 19 can be modified to provide supply protection against
short circuits by adding the current sense resistor RSCandanadditionalPNP
transistor. The current sensing PNP must be capable of handling the short
circuit current of the LM2931. Safe operating area of both transistors must be
considered under worst case conditions.
Input
R
RSC
Output
LM2931–5.0
100
100
++
LM2931C
Input
6.4 V to 30 V
2.0 k
8.2 k
100
+
CM
#345
100
+
33 k
6.2 V
fosc = 2.2 Hz
0
10
100
Vin = 5.6 V
Vout = 5.0 V
IO = 100 mA
Vnrms 10 Hz to 10 MHz
|ZO| @ 40 kHz
TA = 25°C
22.5 k
w
R
1
R
2
R
1 )
R
2
Vout + Vref 1 )
R
2
R
1
) I
Adj
R
2
R
Unstable
Marginally
Stable
Stable


同様の部品番号 - LM2931CD2T

メーカー部品番号データシート部品情報
logo
Motorola, Inc
LM2931CD2T MOTOROLA-LM2931CD2T Datasheet
311Kb / 16P
   Low Dropout Voltage Regulators
logo
ON Semiconductor
LM2931CD2T ONSEMI-LM2931CD2T Datasheet
254Kb / 23P
   100 mA, Adjustable Output, LDO Voltage Regulator with 60 V Load Dump Protection
March, 2007 ??Rev. 20
LM2931CD2T ONSEMI-LM2931CD2T Datasheet
796Kb / 23P
   100 mA, Adjustable Output, LDO Voltage Regulator with 60 V Load Dump Protection
December, 2011 ??Rev. 25
LM2931CD2TG ONSEMI-LM2931CD2TG Datasheet
254Kb / 23P
   100 mA, Adjustable Output, LDO Voltage Regulator with 60 V Load Dump Protection
March, 2007 ??Rev. 20
LM2931CD2TG ONSEMI-LM2931CD2TG Datasheet
796Kb / 23P
   100 mA, Adjustable Output, LDO Voltage Regulator with 60 V Load Dump Protection
December, 2011 ??Rev. 25
More results

同様の説明 - LM2931CD2T

メーカー部品番号データシート部品情報
logo
Texas Instruments
TL750L TI-TL750L Datasheet
124Kb / 18P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TPS7101Q TI-TPS7101Q_07 Datasheet
829Kb / 40P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TL750M TI-TL750M_08 Datasheet
812Kb / 22P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
logo
IK Semicon Co., Ltd
IL2931AZ-5 IKSEMICON-IL2931AZ-5 Datasheet
120Kb / 3P
   LOW DROPOUT VOLTAGE REGULATORS
logo
Texas Instruments
TL750M05 TI-TL750M05_15 Datasheet
1Mb / 24P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TPS7101Q TI-TPS7101Q_08 Datasheet
858Kb / 40P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TL75LP05 TI1-TL75LP05 Datasheet
237Kb / 15P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TPS7101Q TI-TPS7101Q Datasheet
541Kb / 33P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TPS71H01Q TI-TPS71H01Q Datasheet
634Kb / 40P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TPS7133Q TI-TPS7133Q Datasheet
690Kb / 31P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
logo
STMicroelectronics
L2605 STMICROELECTRONICS-L2605 Datasheet
79Kb / 6P
   LOW DROPOUT VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com