データシートサーチシステム |
|
Q1B685603M00D データシート(PDF) 6 Page - Vishay Siliconix |
|
Q1B685603M00D データシート(HTML) 6 Page - Vishay Siliconix |
6 / 7 page www.vishay.com ETQW Vishay Roederstein Document Number 42075 Revision 15-Aug-02 132 For technical questions, contact eurotant@vishay.com LEAD STYLES AND PACKAGING CASE SIZE CODE RM IN MM SPECIFICATION REMARKS ± 0.5 1 - 6 00 2.5/5 Bulk 1 - 6 V0 5 Form DS, Bulk 1 - 4 W0 2.5 Reel, positive pole in front of unreeling direction 1 - 4 T0 2.5 Reel, negative pole in front of Reel with unreeling direction positive pole 1 - 4 H0 2.5 Ammo in tape run 1 - 5 V2 5 Reel, positive pole in front of direction in unreeling direction front is 1 - 5 R0 5 Reel, negative pole in front of standard! unreeling direction 1 - 5 O8 5 Ammo 1 - 4 C0 5 Style “L” Bulk CASE SIZE BULK REEL AMMO 00, V0, C0 W0, T0, V2, R0 H0, O8 ETQW 1 A,B 500 2500 2500 ETQW 2 C,D,E 500 2000 2000 ETQW 3 F,G 500 1500 1500 ETQW 4 H 500 1500 1500 ETQW 5 J,K,L 100 500 500 ETQW 6 M,N,P,R 100 - - REEL PACKING AMMO PACKAGING (mm) CARD BOARD PROTECTIVE TAPE INNERLAYER PAPER CLAMP TAPED PARTS 41 - 45 320 - 330 Resin-Coated, Radial-Leaded Tantalum Capacitors |
同様の説明 - Q1B685603M00D |