データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADC08D1500CIYB データシート(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
部品番号 ADC08D1500CIYB
部品情報  High Performance, Low Power, Dual 8-Bit, 1.5 GSPS A/D Converter
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NSC [National Semiconductor (TI)]
ホームページ  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC08D1500CIYB データシート(HTML) 4 Page - National Semiconductor (TI)

  ADC08D1500CIYB Datasheet HTML 1Page - National Semiconductor (TI) ADC08D1500CIYB Datasheet HTML 2Page - National Semiconductor (TI) ADC08D1500CIYB Datasheet HTML 3Page - National Semiconductor (TI) ADC08D1500CIYB Datasheet HTML 4Page - National Semiconductor (TI) ADC08D1500CIYB Datasheet HTML 5Page - National Semiconductor (TI) ADC08D1500CIYB Datasheet HTML 6Page - National Semiconductor (TI) ADC08D1500CIYB Datasheet HTML 7Page - National Semiconductor (TI) ADC08D1500CIYB Datasheet HTML 8Page - National Semiconductor (TI) ADC08D1500CIYB Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 33 page
background image
Pin Descriptions and Equivalent Circuits (Continued)
Pin Functions
Pin No.
Symbol
Equivalent Circuit
Description
18
19
CLK+
CLK-
LVDS Clock input pins for the ADC. The differential clock
signal must be a.c. coupled to these pins. The input signal is
sampled on the falling edge of CLK+. See Section 1.1.2 for a
description of acquiring the input and Section 2.3 for an
overview of the clock inputs.
11
10
.
22
23
V
INI+
V
INI−
.
V
INQ+
V
INQ−
Analog signal inputs to the ADC. The differential full-scale
input range is 650 mV
P-P when the FSR pin is low, or 870
mV
P-P when the FSR pin is high.
7V
CMO
Common Mode Voltage. The voltage output at this pin is
required to be the common mode input voltage at V
IN+ and
V
IN− when d.c. coupling is used. This pin should be grounded
when a.c. coupling is used at the analog inputs. This pin is
capable of sourcing or sinking 100µA. See Section 2.2.
31
V
BG
Bandgap output voltage capable of 100 µA source/sink.
126
CalRun
Calibration Running indication. This pin is at a logic high when
calibration is running.
32
R
EXT
External bias resistor connection. Nominal value is 3.3k-Ohms
(±0.1%) to ground. See Section 1.1.1.
34
35
Tdiode_P
Tdiode_N
Temperature Diode Positive (Anode) and Negative (Cathode)
for die temperature measurements. See Section 2.6.2.
www.national.com
4


同様の部品番号 - ADC08D1500CIYB

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
ADC08D1500CIYB NSC-ADC08D1500CIYB Datasheet
1Mb / 40P
   High Performance, Low Power, Dual 8-Bit, 1.5 GSPS A/D Converter
logo
Texas Instruments
ADC08D1500CIYB TI1-ADC08D1500CIYB Datasheet
1Mb / 54P
[Old version datasheet]   High Performance, Low Power, Dual 8-Bit, 1.5 GSPS A/D Converter
ADC08D1500CIYB/NOPB TI1-ADC08D1500CIYB/NOPB Datasheet
1Mb / 54P
[Old version datasheet]   High Performance, Low Power, Dual 8-Bit, 1.5 GSPS A/D Converter
More results

同様の説明 - ADC08D1500CIYB

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
ADC08D1500 NSC-ADC08D1500_09 Datasheet
1Mb / 40P
   High Performance, Low Power, Dual 8-Bit, 1.5 GSPS A/D Converter
logo
Texas Instruments
ADC08D1500 TI1-ADC08D1500 Datasheet
1Mb / 54P
[Old version datasheet]   High Performance, Low Power, Dual 8-Bit, 1.5 GSPS A/D Converter
logo
National Semiconductor ...
ADC081500 NSC-ADC081500_09 Datasheet
1Mb / 34P
   High Performance, Low Power, 8-Bit, 1.5 GSPS A/D Converter
logo
Texas Instruments
ADC081500 TI1-ADC081500 Datasheet
1,011Kb / 47P
[Old version datasheet]   High Performance, Low Power, 8-Bit, 1.5 GSPS A/D Converter
logo
National Semiconductor ...
ADC081500 NSC-ADC081500 Datasheet
830Kb / 28P
   High Performance, Low Power, 8-Bit, 1.5 GSPS A/D Converter
ADC081500 NSC-ADC081500_06 Datasheet
1,016Kb / 32P
   High Performance, Low Power, 8-Bit, 1.5 GSPS A/D Converter
ADC08D1000QML NSC-ADC08D1000QML Datasheet
1Mb / 44P
   High Performance, Low Power, Dual 8-Bit, 1 GSPS A/D Converter
ADC08D1000 NSC-ADC08D1000_09 Datasheet
1Mb / 40P
   High Performance, Low Power, Dual 8-Bit, 1 GSPS A/D Converter
ADC08D1000 NSC-ADC08D1000_08 Datasheet
1Mb / 40P
   High Performance, Low Power, Dual 8-Bit, 1 GSPS A/D Converter
ADC08D1000 NSC-ADC08D1000 Datasheet
822Kb / 31P
   High Performance, Low Power, Dual 8-Bit, 1 GSPS A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com