データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STC62WV12816AI データシート(PDF) 2 Page - List of Unclassifed Manufacturers

部品番号 STC62WV12816AI
部品情報  Very Low Power/Voltage CMOS SRAM 128k X 16 bit
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC1 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC1 - List of Unclassifed Manufacturers

STC62WV12816AI データシート(HTML) 2 Page - List of Unclassifed Manufacturers

  STC62WV12816AI Datasheet HTML 1Page - List of Unclassifed Manufacturers STC62WV12816AI Datasheet HTML 2Page - List of Unclassifed Manufacturers STC62WV12816AI Datasheet HTML 3Page - List of Unclassifed Manufacturers STC62WV12816AI Datasheet HTML 4Page - List of Unclassifed Manufacturers STC62WV12816AI Datasheet HTML 5Page - List of Unclassifed Manufacturers STC62WV12816AI Datasheet HTML 6Page - List of Unclassifed Manufacturers STC62WV12816AI Datasheet HTML 7Page - List of Unclassifed Manufacturers STC62WV12816AI Datasheet HTML 8Page - List of Unclassifed Manufacturers STC62WV12816AI Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Revision 1.1
Jan.
2004
2
R0201-
STC62WV12816
PIN DESCRIPTIONS
STC
STC62WV12816
Name
Function
A0-A16 Address Input
These 17 address inputs select one of the 131,072 x 16-bit words in the RAM.
CE Chip Enable Input
WE Write Enable Input
The write enable input is active LOW and controls read and write operations. With the
chip selected, when WE is HIGH and OE is LOW, output data will be present on the
DQ pins; when WE is LOW, the data present on the DQ pins will be written into the
selected memory location.
OE Output Enable Input
The output enable input is active LOW. If the output enable is active while the chip is
selected and the write enable is inactive, data will be present on the DQ pins and they
will be enabled. The DQ pins will be in the high impedance state when OE is inactive.
LB and UB Data Byte Control Input
Lower byte and upper byte data input/output control pins.
DQ0 - DQ15 Data Input/Output
Ports
These 16 bi-directional ports are used to read data from or write data into the RAM.
Vcc
Power Supply
Gnd
Ground
TRUTH TABLE
CE is active LOW. Chip enables must be active when data read from or write to the
device. if chip enable is not active, the device is deselected and is in a standby power
mode. The DQ pins will be in the high impedance state when the device is deselected.
MODE
CE
WE
OE
LB
UB
D0~D7
D8~D15
Vcc CURRENT
H
X
X
X
X
High Z
High Z
ICCSB , ICCSB1
Not selected
(Power Down)
X
X
X
H
H
High Z
High Z
ICCSB , ICCSB1
Output Disabled
L
H
H
X
X
High Z
High Z
ICC
L
L
Dout
Dout
ICC
H
L
High Z
Dout
ICC
Read
L
H
L
L
H
Dout
High Z
ICC
LL
Din
Din
ICC
HL
X
Din
ICC
Write
L
L
X
LH
Din
X
ICC
L
XX
H
H
High Z
High Z
ICC


同様の部品番号 - STC62WV12816AI

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
STC62WV1024 ETC-STC62WV1024 Datasheet
437Kb / 10P
   VERY LOW POWER VOLTAGE CMOS SRAM
STC62WV1024DC ETC-STC62WV1024DC Datasheet
437Kb / 10P
   VERY LOW POWER VOLTAGE CMOS SRAM
STC62WV1024DC-55 ETC-STC62WV1024DC-55 Datasheet
437Kb / 10P
   VERY LOW POWER VOLTAGE CMOS SRAM
STC62WV1024DC-70 ETC-STC62WV1024DC-70 Datasheet
437Kb / 10P
   VERY LOW POWER VOLTAGE CMOS SRAM
STC62WV1024DCG55 ETC-STC62WV1024DCG55 Datasheet
437Kb / 10P
   VERY LOW POWER VOLTAGE CMOS SRAM
More results

同様の説明 - STC62WV12816AI

メーカー部品番号データシート部品情報
logo
Brilliance Semiconducto...
BS616LV2013 BSI-BS616LV2013 Datasheet
241Kb / 11P
   Very Low Power/Voltage CMOS SRAM 128K X 16 bit
BS616LV2016 BSI-BS616LV2016 Datasheet
263Kb / 9P
   Very Low Power/Voltage CMOS SRAM 128K X 16 bit
BS616LV2018 BSI-BS616LV2018 Datasheet
220Kb / 11P
   Very Low Power/Voltage CMOS SRAM 128K X 16 bit
BS616LV2012 BSI-BS616LV2012 Datasheet
217Kb / 10P
   Very Low Power/Voltage CMOS SRAM 128K X 16 bit
BS616LV2017 BSI-BS616LV2017 Datasheet
261Kb / 9P
   Very Low Power/Voltage CMOS SRAM 128K X 16 bit
BS616LV2011 BSI-BS616LV2011 Datasheet
237Kb / 11P
   Very Low Power/Voltage CMOS SRAM 128K X 16 bit
BS616LV2019 BSI-BS616LV2019 Datasheet
282Kb / 10P
   Very Low Power/Voltage CMOS SRAM 128K X 16 bit
BS616LV2010 BSI-BS616LV2010 Datasheet
195Kb / 9P
   Very Low Power/Voltage CMOS SRAM 128K X 16 bit
BS616LV2015 BSI-BS616LV2015 Datasheet
233Kb / 11P
   Very Low Power/Voltage CMOS SRAM 128K X 16 bit
BS616LV2016 BSI-BS616LV2016_06 Datasheet
208Kb / 11P
   Very Low Power CMOS SRAM 128K X 16 bit
More results


Html Pages

1 2 3 4 5 6 7 8 9