データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MSAU306 データシート(PDF) 5 Page - Minmax Technology Co., Ltd.

部品番号 MSAU306
部品情報  1W, High Isolation SMD, Single & Dual Output DC/DC Converters
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MINMAX [Minmax Technology Co., Ltd.]
ホームページ  http://www.minmax.com.tw
Logo MINMAX - Minmax Technology Co., Ltd.

MSAU306 データシート(HTML) 5 Page - Minmax Technology Co., Ltd.

  MSAU306 Datasheet HTML 1Page - Minmax Technology Co., Ltd. MSAU306 Datasheet HTML 2Page - Minmax Technology Co., Ltd. MSAU306 Datasheet HTML 3Page - Minmax Technology Co., Ltd. MSAU306 Datasheet HTML 4Page - Minmax Technology Co., Ltd. MSAU306 Datasheet HTML 5Page - Minmax Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
The MSAU300 converter is encapsulated in a low thermal resistance molding compound that has excellent resistance/electrical
characteristics over a wide temperature range or in high humidity environments.
The encapsulant and unit case are both rated to UL 94V-0 flammability specifications.
Leads are tin plated for improved solderability.
NA: Not Available for Electrical Connection
NA
NA
12
NA
NA
11
NA
NA
10
+Vout
+Vout
8
UL94V-0
:
Flammability
NA
NA
7
-Vout
NA
6
2.2g
:
Weight
Common
-Vout
5
NA
NA
3
Molding
:
Case Material
+Vin
+Vin
2
-Vin
-Vin
1
15.3*8.0*7.0 mm
0.60*0.31*0.27 inches
:
Case Size
Dual Output
Single Output
Pin
Physical Characteristics
Pin Connections
{0.002
{0.05
Pin
X.XXX{0.005
X.XX{0.13
X.XX{0.01
X.X{0.25
Inches
Millimeters
Tolerance
15.24
2.54
5.08
2.54
2.54
1.27
1.0
14.8[0.58]
14.3[0.56]
6.7[0.26]
7.0[0.27]
9.2[0.36]
11.2[0.44]
8.0[0.31]
0.6[0.023]
C1.0
0 ~4
15.3[0.60]
2.54[0.100]
1.3
2.54
2.54
5.08
2.54
1.0
[0.100] [0.100]
[0.200]
[0.05]
[0.100]
12
3
5
6
7
8
10
11
12
Connecting Pin Patterns
Top View (2.54 mm / 0.1 inch grids)
Mechanical Dimensions
MSAU300 Series
REV:0 2005/04
MINMAX
5


同様の部品番号 - MSAU306

メーカー部品番号データシート部品情報
logo
Minmax Technology Co., ...
MSAU306 MINMAX-MSAU306 Datasheet
266Kb / 4P
   DC/DC CONVERTER 1W, SMD Package with Industry Standard Pinout
logo
Total Power Internation...
MSAU306 TOTAL-POWER-MSAU306 Datasheet
475Kb / 4P
   SMD Package with Industry Standard Pinout
More results

同様の説明 - MSAU306

メーカー部品番号データシート部品情報
logo
Minmax Technology Co., ...
MSLU300 MINMAX-MSLU300 Datasheet
178Kb / 6P
   1W, High Isolation SMD, Single & Dual Output DC/DC Converters
MAU200 MINMAX-MAU200 Datasheet
217Kb / 6P
   1W, High Isolation SIP, Single & Dual Output DC/DC Converters
logo
MPS Industries, Inc.
ADC200 MPSIND-ADC200 Datasheet
174Kb / 2P
   1W, High Isolation SIP, Single & Dual Output DC/DC Converters
logo
MicroPower Direct, LLC
MHI100DI5.7 MPD-MHI100DI5.7 Datasheet
662Kb / 3P
   High Isolation, 1W SIP Single & Dual Output DC/DC Converters
LF100DI MPD-LF100DI Datasheet
216Kb / 2P
   High Isolation, 1W Dual Output SMT DC/DC Converters
LF100SI MPD-LF100SI Datasheet
218Kb / 2P
   High Isolation, 1W Single Output SMT DC/DC Converters
logo
MPS Industries, Inc.
ADC400 MPSIND-ADC400 Datasheet
171Kb / 2P
   1W, Ultra-High Isolation SIP, Single & Dual Output DC/DC Converters
logo
Minmax Technology Co., ...
MSLU100 MINMAX-MSLU100 Datasheet
196Kb / 8P
   1W, Miniature SMD, Single & Dual Output DC/DC Converters
MFU100 MINMAX-MFU100 Datasheet
156Kb / 6P
   1W, Ultra-Miniature, High Isolation, Single Output DC/DC Converters
logo
Total Power Internation...
MAU400 TOTAL-POWER-MAU400 Datasheet
338Kb / 6P
   1W, Ultra High Isolation SIP SINGLE AND DUAL OUTPUT DC/DC Converters
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com